Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1027ECS8-5 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1027ECS8-5
Description  Precision 5V Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1027ECS8-5 Datasheet(HTML) 6 Page - Linear Technology

  LT1027ECS8-5 Datasheet HTML 1Page - Linear Technology LT1027ECS8-5 Datasheet HTML 2Page - Linear Technology LT1027ECS8-5 Datasheet HTML 3Page - Linear Technology LT1027ECS8-5 Datasheet HTML 4Page - Linear Technology LT1027ECS8-5 Datasheet HTML 5Page - Linear Technology LT1027ECS8-5 Datasheet HTML 6Page - Linear Technology LT1027ECS8-5 Datasheet HTML 7Page - Linear Technology LT1027ECS8-5 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LT1027
6
S
APPLICATI
I FOR ATIO
IN
OUT
GND
+
GROUND
RETURN
KEEP THIS LINE RESISTANCE LOW
1027 F02
INPUT
LT1027
LOAD
Figure 2. Standard Hook-Up
IN
OUT
GND
LT1027
GROUND
RETURN
INPUT
R1
91
R2*
2.4k
LOAD
1027 F03
*OPTIONAL–REDUCES CURRENT IN OUTPUT SENSE LEAD
4.7
µF
+
2N4403
Figure 3. Driving Higher Load Currents
LT1027
VIN
7
1
µF
1
µF
0.01
µF
VOUT
16
13
12
11
17
14
LTC1043
8
1027 TA04
VIN
OUT
GND
+
LT1097
LT1027
VIN
1027 TA03
IN
OUT
VTRIM
GND
5k
5k*
10.00V
OUTPUT
5k*
* 0.1% METAL FILM
10V Reference
10V Reference
Operating 5V Reference from 5V Supply
C2
5
µF*
≈8.5V
5V
REFERENCE
1N914
LT1027
C1
5
µF*
1N914
5V
LOGIC SUPPLY
CMOS LOGIC GATE**
*FOR HIGHER FREQUENCIES C1 AND C2 MAY BE DECREASED
**PARALLEL GATES FOR HIGHER REFERENCE CURRENT LOADING
fIN ≥ 2kHz*
IN
OUT
GND
1027 TA05
+
TYPICAL APPLICATIONS


Similar Part No. - LT1027ECS8-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1027 LINER-LT1027 Datasheet
285Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LT1027 LINER-LT1027 Datasheet
264Kb / 20P
   18-Bit SoftSpan IOUT DAC with Parallel I/O
LT1027 LINER-LT1027 Datasheet
220Kb / 8P
   Precision 5V Reference
LT1027LS8 LINER-LT1027LS8 Datasheet
3Mb / 14P
   Precision, Low Noise, High Stability Hermetic Voltage Reference
LT1027 LINER-LT1027_15 Datasheet
220Kb / 8P
   Precision 5V Reference
More results

Similar Description - LT1027ECS8-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1027 LINER-LT1027_15 Datasheet
220Kb / 8P
   Precision 5V Reference
RH1021-5 LINER-RH1021-5_15 Datasheet
101Kb / 4P
   Precision 5V Reference
RH1021-5 LINER-RH1021-5 Datasheet
137Kb / 4P
   Precision 5V Reference
logo
Maxim Integrated Produc...
MAX675 MAXIM-MAX675 Datasheet
131Kb / 4P
   5V Precision Voltage Reference
1996
logo
Burr-Brown (TI)
REF02 BURR-BROWN-REF02 Datasheet
317Kb / 12P
   5V Precision VOLTAGE REFERENCE
logo
List of Unclassifed Man...
REF50Z ETC-REF50Z Datasheet
238Kb / 9P
   5V MICROPOWER PRECISION REFERENCE
logo
Texas Instruments
REF02BU TI-REF02BU Datasheet
869Kb / 15P
[Old version datasheet]   5V Precision VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX675 MAXIM-MAX675_V01 Datasheet
335Kb / 5P
   5V Precision Voltage Reference
2004
logo
Advanced Monolithic Sys...
AMSREF-02 ADMOS-AMSREF-02 Datasheet
55Kb / 6P
   5V PRECISION VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX675 MAXIM-MAX675_04 Datasheet
335Kb / 5P
   5V Precision Voltage Reference
Rev 2; 7/04
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com