Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT54A-D0RFG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAT54A-D0RFG
Description  230mW SMD Schottky Barrier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAT54A-D0RFG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAT54A-D0RFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAT54A-D0RFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAT54A-D0RFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAT54A-D0RFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BAT54A-D0RFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
- Fast switching speed
- Surface mount device type
- Moisture sensitivity level 1
- Matte Tin (Sn) lead finish with Nickel (Ni) underplate
- Pb free and RoHS compliant
- Case: Bend lead SOT-23 small outline plastic package
- Polarity: Indicated by cathode band
- Weight: 8 ± 0.5 mg
- Marking Code: KL1,KL2,KL3,KL4
SYMBOL
UNIT
VRRM
VRWM
VR
IF
mA
IFRM
mA
IFSM
mA
Pd
mW
RθJA
°C/W
Tj , TSTG
°C
SYMBOL
UNIT
V(BR)
V
V
V
V
V
V
IR
µA
CT
pF
trr
ns
Document Number: DS_S1404001
BAT54 / A / C / S
Taiwan Semiconductor
Small Signal Product
230mW SMD Schottky Barrier Diode
FEATURES
- Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
SOT-23
MECHANICAL DATA
- Terminal: Matte tin plated, lead free,
solderable per MIL-STD-202, Method 208 guaranteed
- High temperature soldering guaranteed: 260°C/10s
Forward Continuous Current
Repetitive Peak Forward current (tp≤1S;δ≤0.5)
PARAMETER
10
--
Reverse Current
1.00
0.32
Reverse Breakdown Voltage
Forward Voltage
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
VALUE
Peak Pepetitive Peak Reverse Voltage
V
DC Reverse Voltage
Working Peak Reverse Voltage
300
200
30
--
MIN
MAX
600
VF
--
Operating and Storage Temperature
-55 to 125
500
200
0.24
2.0
0.40
0.50
Forward Surge Current
@ t<1.0s
Power Dissipation
Thermal Resistance, Junction to Ambient
VR=25V
VR=1V, f=1.0MHz
IF=IR=10mA, RL=100Ω, IRR=1mA
5
30
--
--
--
--
--
Version: E14
Total Capacitance
Reverse Recovery Time
--
IR=100µA
IF=0.1mA
IF=1mA
IF=10mA
IF=30mA
IF=100mA


Similar Part No. - BAT54A-D0RFG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT54A-13-F DIODES-BAT54A-13-F Datasheet
278Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Nanjing International G...
BAT54A-200MA-SOT-23 DGNJDZ-BAT54A-200MA-SOT-23 Datasheet
608Kb / 2P
   SOT-23 Plastic-Encapsulate Diodes
logo
Diodes Incorporated
BAT54A-7 DIODES-BAT54A-7 Datasheet
68Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11005 Rev. 12 - 2
BAT54A-7-F DIODES-BAT54A-7-F Datasheet
262Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11005 Rev. 21 - 2
BAT54A-7-F DIODES-BAT54A-7-F Datasheet
95Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11005 Rev. 25 - 2
More results

Similar Description - BAT54A-D0RFG

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBU0230 COMCHIP-CDBU0230 Datasheet
66Kb / 2P
   SMD Schottky Barrier Diode
CDBS0130 COMCHIP-CDBS0130 Datasheet
61Kb / 2P
   SMD Schottky Barrier Diode
CDBUR0140L-HF COMCHIP-CDBUR0140L-HF Datasheet
123Kb / 4P
   SMD Schottky Barrier Diode
CDBUR0230L-HF COMCHIP-CDBUR0230L-HF Datasheet
129Kb / 4P
   SMD Schottky Barrier Diode
ACDBCT320-HF COMCHIP-ACDBCT320-HF Datasheet
129Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0540-HF COMCHIP-CDBFR0540-HF Datasheet
123Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0320-HF COMCHIP-CDBFR0320-HF Datasheet
125Kb / 4P
   SMD Schottky Barrier Diode
CDBFR00340-HF COMCHIP-CDBFR00340-HF Datasheet
126Kb / 4P
   SMD Schottky Barrier Diode
CDBS120-HF COMCHIP-CDBS120-HF Datasheet
184Kb / 4P
   SMD Schottky Barrier Diode
CDBUR40-HF COMCHIP-CDBUR40-HF Datasheet
124Kb / 4P
   SMD Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com