Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1028AMJ8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1028AMJ8
Description  Ultra Low Noise Precision High Speed Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1028AMJ8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1028AMJ8 Datasheet HTML 5Page - Linear Technology LT1028AMJ8 Datasheet HTML 6Page - Linear Technology LT1028AMJ8 Datasheet HTML 7Page - Linear Technology LT1028AMJ8 Datasheet HTML 8Page - Linear Technology LT1028AMJ8 Datasheet HTML 9Page - Linear Technology LT1028AMJ8 Datasheet HTML 10Page - Linear Technology LT1028AMJ8 Datasheet HTML 11Page - Linear Technology LT1028AMJ8 Datasheet HTML 12Page - Linear Technology LT1028AMJ8 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LT1028/LT1128
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
LT1128
Total Harmonic Distortion vs
Closed-Loop Gain
Common-Mode Limit Over
Temperature
LT1028
Total Harmonic Distortion vs
Frequency and Load Resistance
FREQUENCY (Hz)
10
80
100
120
10k
1M
LT1028/1128 • TPC38
60
40
100
1k
100k
10M
20
0
140
VS = ±15V
TA = 25°C
LT1128
LT1028
Common-Mode Rejection Ratio
vs Frequency
Power Supply Rejection Ratio
vs Frequency
FREQUENCY (Hz)
10k
0.1
1.0
10
100k
1M
LT1028/1128 • TPC42
High Frequency Voltage Noise
vs Frequency
LT1028
Total Harmonic Distortion vs
Closed-Loop Gain
FREQUENCY (Hz)
0.1
80
100
120
10M
LT1028/1128 • TPC39
60
40
0
10
1k
100k
20
160
140
1M
1
100
10k
VS = ±15V
TA = 25°C
NEGATIVE
SUPPLY
POSITIVE
SUPPLY
LT1128
Total Harmonic Distortion vs
Frequency and Load Resistance
TEMPERATURE (°C)
–50
V
1
3
4
V+
–3
0
50
75
LT1028/1128 • TPC37
2
–2
–1
–4
–25
25
100
125
VS = ±5V
VS = ±5V TO ±15V
VS = ±15V
CLOSED LOOP GAIN
0.001
0.01
10
1k
10k
100k
LT1028/1128 • TPC41
0.0001
100
0.1
VO = 20VP-P
f = 1kHz
VS = ±15V
TA = 25°C
RL = 10k
NON-INVERTING
GAIN
INVERTING
GAIN
MEASURED
EXTRAPOLATED
CLOSED LOOP GAIN
0.001
0.01
10
1k
10k
100k
LT1028/1128 • TPC44
0.0001
100
0.1
VO = 20VP-P
f = 1kHz
VS = ±15V
TA = 25°C
RL = 10k
NON-INVERTING
GAIN
INVERTING
GAIN
MEASURED
EXTRAPOLATED
FREQUENCY (kHz)
1
0.001
0.01
0.1
10
100
LT1028/1128 • TPC40
AV = +1000
RL = 600Ω
AV = +1000
RL = 2k
AV = –1000
RL = 2k
VO = 20VP-P
VS = ±15V
TA = 25°C
AV = +1000
RL = 600Ω
FREQUENCY (kHz)
1.0
0.001
0.1
1.0
10
100
LT1028/1128 • TPC43
0.01
AV = +1000
RL = 600Ω
AV = –1000
RL = 2k
VO = 20VP-P
VS = ±15V
TA = 25°C
AV = +1000
RL = 600Ω
AV = +1000
RL = 2k


Similar Part No. - LT1028AMJ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1028AMJ8 LINER-LT1028AMJ8 Datasheet
450Kb / 20P
   Ultralow Noise Precision High Speed Op Amps
More results

Similar Description - LT1028AMJ8

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44250 MAXIM-MAX44250_13 Datasheet
2Mb / 14P
   20V, Ultra-Precision, Low-Noise Op Amps
Rev 3; 4/13
MAX44252ASD-T MAXIM-MAX44252ASD-T Datasheet
2Mb / 14P
   20V, Ultra-Precision, Low-Noise Op Amps
Rev 3; 4/13
MAX44250 MAXIM-MAX44250_V01 Datasheet
1Mb / 14P
   20V, Ultra-Precision, Low-Noise Op Amps
2017
MAX44251 MAXIM-MAX44251 Datasheet
2Mb / 15P
   20V, Ultra-Precision, Low-Noise Op Amps
Rev 0; 10/11
MAX44250 MAXIM-MAX44250 Datasheet
2Mb / 17P
   20V, Ultra-Precision, Low-Noise Op Amps
Rev 2; 8/12
logo
Linear Technology
LT1028 LINER-LT1028_15 Datasheet
784Kb / 28P
   Ultralow Noise Precision High Speed Op Amps
RH1028M LINER-RH1028M Datasheet
149Kb / 2P
   Ultralow Noise Precision High Speed Op Amps
LT1128 LINER-LT1128_15 Datasheet
784Kb / 28P
   Ultralow Noise Precision High Speed Op Amps
RH1128M LINER-RH1128M_15 Datasheet
160Kb / 2P
   Ultralow Noise Precision High Speed Op Amps
RH1028M LINER-RH1028M_15 Datasheet
160Kb / 2P
   Ultralow Noise Precision High Speed Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com