Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1027ECN8-5 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1027ECN8-5
Description  Precision 5V Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1027ECN8-5 Datasheet(HTML) 7 Page - Linear Technology

  LT1027ECN8-5 Datasheet HTML 1Page - Linear Technology LT1027ECN8-5 Datasheet HTML 2Page - Linear Technology LT1027ECN8-5 Datasheet HTML 3Page - Linear Technology LT1027ECN8-5 Datasheet HTML 4Page - Linear Technology LT1027ECN8-5 Datasheet HTML 5Page - Linear Technology LT1027ECN8-5 Datasheet HTML 6Page - Linear Technology LT1027ECN8-5 Datasheet HTML 7Page - Linear Technology LT1027ECN8-5 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LT1027
7
S
A
CHE
TIC
EQUIVALE T
OUTPUT CURRENT LIMIT AND
BIAS CIRCUITS NOT SHOWN
NR
GND
VOUT
VADJ
1027 ES
VIN
Dimensions in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTIO
H Package
8-Lead TO-5 Metal Can (0.230 PCD)
(LTC DWG # 05-08-1321)
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of circuits as described herein will not infringe on existing patent rights.
0.050
(1.270)
MAX
0.016 – 0.021**
(0.406 – 0.533)
0.010 – 0.045*
(0.254 – 1.143)
SEATING
PLANE
0.040
(1.016)
MAX
0.165 – 0.185
(4.191 – 4.699)
GAUGE
PLANE
REFERENCE
PLANE
0.500 – 0.750
(12.700 – 19.050)
0.305 – 0.335
(7.747 – 8.509)
0.335 – 0.370
(8.509 – 9.398)
DIA
0.230
(5.842)
TYP
0.027 – 0.045
(0.686 – 1.143)
0.028 – 0.034
(0.711 – 0.864)
0.110 – 0.160
(2.794 – 4.064)
INSULATING
STANDOFF
45
°TYP
H8 (TO-5) 0.230 PCD 1197
LEAD DIAMETER IS UNCONTROLLED BETWEEN THE REFERENCE PLANE
AND 0.045" BELOW THE REFERENCE PLANE
FOR SOLDER DIP LEAD FINISH, LEAD DIAMETER IS
0.016 – 0.024
(0.406 – 0.610)
*
**
PIN 1


Similar Part No. - LT1027ECN8-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1027 LINER-LT1027 Datasheet
285Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LT1027 LINER-LT1027 Datasheet
264Kb / 20P
   18-Bit SoftSpan IOUT DAC with Parallel I/O
LT1027 LINER-LT1027 Datasheet
220Kb / 8P
   Precision 5V Reference
LT1027LS8 LINER-LT1027LS8 Datasheet
3Mb / 14P
   Precision, Low Noise, High Stability Hermetic Voltage Reference
LT1027 LINER-LT1027_15 Datasheet
220Kb / 8P
   Precision 5V Reference
More results

Similar Description - LT1027ECN8-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1027 LINER-LT1027_15 Datasheet
220Kb / 8P
   Precision 5V Reference
RH1021-5 LINER-RH1021-5_15 Datasheet
101Kb / 4P
   Precision 5V Reference
RH1021-5 LINER-RH1021-5 Datasheet
137Kb / 4P
   Precision 5V Reference
logo
Maxim Integrated Produc...
MAX675 MAXIM-MAX675 Datasheet
131Kb / 4P
   5V Precision Voltage Reference
1996
logo
Burr-Brown (TI)
REF02 BURR-BROWN-REF02 Datasheet
317Kb / 12P
   5V Precision VOLTAGE REFERENCE
logo
List of Unclassifed Man...
REF50Z ETC-REF50Z Datasheet
238Kb / 9P
   5V MICROPOWER PRECISION REFERENCE
logo
Texas Instruments
REF02BU TI-REF02BU Datasheet
869Kb / 15P
[Old version datasheet]   5V Precision VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX675 MAXIM-MAX675_V01 Datasheet
335Kb / 5P
   5V Precision Voltage Reference
2004
logo
Advanced Monolithic Sys...
AMSREF-02 ADMOS-AMSREF-02 Datasheet
55Kb / 6P
   5V PRECISION VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX675 MAXIM-MAX675_04 Datasheet
335Kb / 5P
   5V Precision Voltage Reference
Rev 2; 7/04
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com