Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1500F Datasheet(PDF) 4 Page - Leshan Radio Company

Part # R1500F
Description  Fast Switching High
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

R1500F Datasheet(HTML) 4 Page - Leshan Radio Company

  R1500F_15 Datasheet HTML 1Page - Leshan Radio Company R1500F_15 Datasheet HTML 2Page - Leshan Radio Company R1500F_15 Datasheet HTML 3Page - Leshan Radio Company R1500F_15 Datasheet HTML 4Page - Leshan Radio Company R1500F_15 Datasheet HTML 5Page - Leshan Radio Company R1500F_15 Datasheet HTML 6Page - Leshan Radio Company R1500F_15 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Unit:mm
A:卷盘规格/Reel spec.
W1 W
W1
Item
Symbol
Dimension
Label stike this position
A
76.4±0.1
B
82.5±0.2
C
330±0.5
Width
W
72±0.2
Thickness
W1
3±0.2
B:外箱规格/Outer Box Specification
Item
Symbol
Dimension
L
350±2
W
350±2
H
340±4
H
按以上包装方式:(As per the above spec)
DO-15
4K
16K
Q'ty/Taping
5K
1.4K
Q'ty/Packing Case
20K
5.6K
Size
W
L
外型/Outside
DO-41 & A-405
DO-201AD
Packing Of Plastic-Sealed Axial Lead Diodes
A
B C
Dimeter
1.卷盘/Reel Packing(52mm)
LESHAN RADIO COMPANY, LTD.


Similar Part No. - R1500F_15

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
R1500FPT CHENMKO-R1500FPT Datasheet
76Kb / 2P
   SILICON RECTIFIER
More results

Similar Description - R1500F_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
R2000F LRC-R2000F_15 Datasheet
353Kb / 3P
   Fast Switching High
R1800F LRC-R1800F_15 Datasheet
207Kb / 7P
   Fast Switching High
logo
STMicroelectronics
BULD742C STMICROELECTRONICS-BULD742C Datasheet
316Kb / 12P
   High voltage fast-switching
logo
Comset Semiconductor
BUX98 COMSET-BUX98_12 Datasheet
79Kb / 3P
   HIGH VOLTAGE FAST SWITCHING
logo
STMicroelectronics
BUL742CFP STMICROELECTRONICS-BUL742CFP Datasheet
249Kb / 11P
   High voltage fast-switching
logo
Comset Semiconductor
BUX98 COMSET-BUX98 Datasheet
130Kb / 3P
   HIGH VOLTAGE FAST SWITCHING
logo
Seme LAB
BUX98A SEME-LAB-BUX98A Datasheet
18Kb / 2P
   HIGH VOLTAGE FAST SWITCHING
logo
AiT Semiconductor Inc.
1N4148WT AITSEMI-1N4148WT Datasheet
283Kb / 5P
   SWITCHING DIODE HIGH CONDUCTANCE FAST SWITCHING DIODE
REV1.0
logo
Toshiba Semiconductor
GT15J321 TOSHIBA-GT15J321 Datasheet
311Kb / 7P
   High Power Switching Applications Fast Switching Applications
GT30J126 TOSHIBA-GT30J126 Datasheet
194Kb / 6P
   High Power Switching Applications Fast Switching Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com