Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT43X Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # BAT43X
Description  SOD-523F IFSM=4A 30V/200mA Schottky Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAT43X Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  BAT43X Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAT43X Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAT43X Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAT43X Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BAT43X Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PACKAGE OUTLINE DIMENSIONS
SOD-523F
Min.
Max.
Min.
Max.
A
0.70
0.90
0.028
0.035
B
1.50
1.70
0.059
0.067
C
0.25
0.40
0.010
0.016
D
1.10
1.30
0.043
0.051
E
0.50
0.77
0.020
0.030
F
0.07
0.20
0.003
0.008
SUGGEST PAD LAYOUT
X
X1
Y
Document Number: DS_S1405008
2.30
0.091
0.80
0.031
Unit (mm)
Unit (inch)
Typ.
Typ.
0.60
0.024
Small Signal Product
DIM.
Unit (mm)
Unit (inch)
DIM.
Version: A14
BAT43X
Taiwan Semiconductor


Similar Part No. - BAT43X

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAT43X SECOS-BAT43X Datasheet
272Kb / 2P
   Surface Mount Schottky Barrier Diode
logo
Jiangsu Changjiang Elec...
BAT43X JIANGSU-BAT43X Datasheet
557Kb / 4P
   SCHOTTKY BARRIER DIODE
logo
Micro Commercial Compon...
BAT43X MCC-BAT43X Datasheet
537Kb / 3P
   Schottky Barrier Diode 150mW
logo
Tak Cheong Electronics ...
BAT43XV2 TAK_CHEONG-BAT43XV2 Datasheet
117Kb / 4P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Schottky Barrier Diode
logo
Fairchild Semiconductor
BAT43XV2 FAIRCHILD-BAT43XV2 Datasheet
136Kb / 5P
   Schottky Barrier Diodes
More results

Similar Description - BAT43X

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
BAT54 SS-BAT54 Datasheet
1Mb / 3P
   30V 200mA Schottky Diode
Rev 1.1 13/07/23
logo
Sanyo Semicon Device
SS0203EJ SANYO-SS0203EJ Datasheet
35Kb / 3P
   Schottky Barrier Diode 30V, 200mA Rectifier
logo
Torex Semiconductor
XBS023P11R-G TOREX-XBS023P11R-G Datasheet
225Kb / 5P
   Schottky Barrier Diode, 200mA, 30V Type
logo
Sanyo Semicon Device
SB0203EJ SANYO-SB0203EJ Datasheet
35Kb / 3P
   Schottky Barrier Diode 30V, 200mA Rectifier
logo
AiT Semiconductor Inc.
BAT54W AITSEMI-BAT54W Datasheet
454Kb / 5P
   SCHOTTKY DIODE 0.52V/200mA 30V/0.5uA
REV1.0
BAT54CW AITSEMI-BAT54CW Datasheet
445Kb / 5P
   SCHOTTKY DIODE 0.52V/200mA 30V/0.5uA
REV1.0
BAT54H AITSEMI-BAT54H Datasheet
375Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 30V FORWARD CURRENT 200mA
REV1.2
logo
Formosa MS
FM723-NL FORMOSA-FM723-NL Datasheet
91Kb / 7P
   200mA Surface Mount Small Signal Schottky Diode-30V
logo
AiT Semiconductor Inc.
BAT54AL AITSEMI-BAT54AL Datasheet
635Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 30V FORWARD CURRENT 200mA
REV2.0
BAT54SDW AITSEMI-BAT54SDW Datasheet
439Kb / 5P
   SCHOTTKY BARRIER DIODE ARRAY REVERSE VOLTAGE 30V FORWARD CURRENT 200mA
REV1.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com