Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LR1084 Datasheet(PDF) 10 Page - Leshan Radio Company

Part No. LR1084
Description  Low Dropout Voltage: 1.3V Typically at 5A
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LRC [Leshan Radio Company]
Homepage  http://www.lrc.cn/
Logo 

LR1084 Datasheet(HTML) 10 Page - Leshan Radio Company

 
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Mechanical Dimensions (Continued)
Unit: mm
TO-263-2L
LESHAN RADIO COMPANY, LTD.
LR1084
10/11


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn