Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1032IN Datasheet(PDF) 1 Page - Linear Technology

Part # LT1032IN
Description  Quad Low Power Line Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1032IN Datasheet(HTML) 1 Page - Linear Technology

  LT1032IN Datasheet HTML 1Page - Linear Technology LT1032IN Datasheet HTML 2Page - Linear Technology LT1032IN Datasheet HTML 3Page - Linear Technology LT1032IN Datasheet HTML 4Page - Linear Technology LT1032IN Datasheet HTML 5Page - Linear Technology LT1032IN Datasheet HTML 6Page - Linear Technology LT1032IN Datasheet HTML 7Page - Linear Technology LT1032IN Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LT1032
Quad Low Power
Line Driver
s
Low Operating Voltage:
±5V to ±15V
s
500
µA Supply Current
s
Zero Supply Current when Shut Down
s
Outputs Can Be Driven
±30V
s
Thermal Limiting
s
Output “Open” when Off (Three-State)
s
10mA Output Drive
s
Pinout Similar to 1488
The LT
®1032 is a RS232 and RS423 line driver that
operates over a
±5V to ±15V range on low supply current
and can be shut down to zero supply current. Outputs are
fully protected from externally applied voltages of
±30Vby
both current and thermal limiting. Since the output swings
to within 200mV of the positive supply and 600mV of the
negative supply, power supply needs are minimized.
Also included is a strobe pin to force all outputs low
independent of input or shutdown conditions. Further,
slew rate can be adjusted with a resistor connected to the
supply.
A major advantage of the LT1032 is the high impedance
output state when off or powered down.
For applications requiring dual or triple RS232 driver/
receiver devices, see the LT1180A (dual), LT1039A (triple)
or the LT1130A data sheets.
s
RS232
s
Power Supply Inverter
s
Micropower Interface
s
Level Translator
RS232 Line Driver
OUTPUT CURRENT (mA)
0
0.4
V+
8
LT1032 • TA02
0.8
0.4
V
2
4
6
10
0.2
1.0
0.6
0.2
VOUT HIGH
VOUT LOW
1
2
3
4
5
6
7
14
13
12
11
10
9
8
–6V
INPUT
OUTPUT
INPUT
OUTPUT
GND
6V
STROBE*
INPUT
OUTPUT
INPUT
OUTPUT
RESPONSE TIME
CONTROL*
ON/OFF
(0V TO 5V)
*NO CONNECTION NEEDED WHEN NOT USED
5V = ON
LT1032 • TA01
LT1032
Output Swing vs Output Current
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LT1032IN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1032IN LINER-LT1032IN Datasheet
205Kb / 12P
   Quad Low Power Line Driver
More results

Similar Description - LT1032IN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1030CS LINER-LT1030CS Datasheet
124Kb / 2P
   Quad Low Power Line Driver?
LT1032 LINER-LT1032_02 Datasheet
205Kb / 12P
   Quad Low Power Line Driver
LT1030 LINER-LT1030 Datasheet
174Kb / 4P
   Quad Low Power Line Driver
logo
Motorola, Inc
MC14C88B MOTOROLA-MC14C88B Datasheet
119Kb / 8P
   QUAD LOW POWER LINE DRIVER
logo
Linear Technology
LT1030 LINER-LT1030_15 Datasheet
196Kb / 4P
   Quad Low Power Line Driver
LT1032 LINER-LT1032_15 Datasheet
214Kb / 12P
   Quad Low Power Line Driver
logo
National Semiconductor ...
DS1488 NSC-DS1488 Datasheet
161Kb / 6P
   Quad Line Driver
logo
ARTSCHIP ELECTRONICS CO...
MC1488 ARTSCHIP-MC1488 Datasheet
377Kb / 7P
   Quad Line Driver
logo
Fairchild Semiconductor
100316 FAIRCHILD-100316 Datasheet
56Kb / 6P
   Low Power Quad Differential Line Driver with Cut-Off
logo
National Semiconductor ...
100313 NSC-100313 Datasheet
119Kb / 6P
   Low Power Quad Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com