Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1021DCH-10 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1021DCH-10
Description  Precision Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1021DCH-10 Datasheet(HTML) 5 Page - Linear Technology

  LT1021DCH-10 Datasheet HTML 1Page - Linear Technology LT1021DCH-10 Datasheet HTML 2Page - Linear Technology LT1021DCH-10 Datasheet HTML 3Page - Linear Technology LT1021DCH-10 Datasheet HTML 4Page - Linear Technology LT1021DCH-10 Datasheet HTML 5Page - Linear Technology LT1021DCH-10 Datasheet HTML 6Page - Linear Technology LT1021DCH-10 Datasheet HTML 7Page - Linear Technology LT1021DCH-10 Datasheet HTML 8Page - Linear Technology LT1021DCH-10 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1021
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Start-Up (Series Mode)
Ripple Rejection
INPUT VOLTAGE (V)
0
85
90
95
100
105
10
20
30
40
LT1021 G01
110
115
515
25
35
f = 150Hz
LT1021-5
LT1021-10
LT1021-7
TIME (
µs)
3
4
6
7
8
13
10
2
6
8
LT1021 G04
5
11
12
9
04
10
12
14
LT1021-10
LT1021-5
LT1021-7
VIN = 0V TO 12V
Output Voltage Noise Spectrum
OUTPUT CURRENT (mA)
0
1.2
1.6
16
1021 G03
0.8
0.4
0
4
8
12
20
1.0
1.4
0.6
0.2
14
2
6
10
18
TJ = 125 °C
TJ = –55 °C
TJ = 25 °C
FREQUENCY (Hz)
100
200
250
350
400
10
1k
10k
LT1021 G06
0
100
300
150
50
LT1021-10
LT1021-5
LT1021-7
Ripple Rejection
FREQUENCY (Hz)
10
90
110
130
120
100
80
60
100
1k
10k
LT1021 G02
70
50
VIN = 15V
COUT = 0
LT1021-5
LT1021-10
LT1021-7
Start-Up (Shunt Mode)
LT1021-7, LT1021-10
TIME (
µs)
9
10
11
48
LT1021 G05
8
7
02
610
12
6
5
LT1021-10
LT1021-7
IN
GND
OUT
NC
1k
VOUT
0V
VOUT + 2V
BANDWIDTH (Hz)
10
8
12
16
14
10
6
2
100
1k
10k
LT1021 G07
4
0
COUT = 0
FILTER = 1 POLE
fLOW = 0.1Hz
LT1021-10
LT1021-5
LT1021-7
Output Voltage Temperature Drift
LT1021-5
Output Voltage Noise
TEMPERATURE (
°C)
–50
4.994
4.996
5.000
5.006
0
50
75
LT1021 G08
4.998
5.004
5.002
–25
25
100
125
Load Regulation LT1021-5
OUTPUT CURRENT (mA)
–10
1
3
5
4
2
0
–2
–4
6
LT1021 G09
–1
–3
–5
–6
–8
– 4
0
4
8
–2
2
10
VIN = 8V
SOURCING
SINKING
Minimum Input/Output Differential
LT1021-7, LT1021-10


Similar Part No. - LT1021DCH-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1021DCH-10 LINER-LT1021DCH-10 Datasheet
228Kb / 16P
   Precision Reference
LT1021DCH-10 LINER-LT1021DCH-10 Datasheet
238Kb / 16P
   Precision Reference
More results

Similar Description - LT1021DCH-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
   Precision Reference?
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
   Precision Reference
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
   Precision Reference
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
   Precision Reference
logo
National Semiconductor ...
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
   Precision Reference
logo
Linear Technology
LT1021 LINER-LT1021_05 Datasheet
228Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM129 NSC-LM129 Datasheet
165Kb / 10P
   Precision Reference
logo
Linear Technology
LT1236 LINER-LT1236 Datasheet
262Kb / 12P
   Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com