Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1028AMH Datasheet(PDF) 10 Page - Linear Technology

Part # LT1028AMH
Description  Ultra Low Noise Precision High Speed Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1028AMH Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1028AMH Datasheet HTML 6Page - Linear Technology LT1028AMH Datasheet HTML 7Page - Linear Technology LT1028AMH Datasheet HTML 8Page - Linear Technology LT1028AMH Datasheet HTML 9Page - Linear Technology LT1028AMH Datasheet HTML 10Page - Linear Technology LT1028AMH Datasheet HTML 11Page - Linear Technology LT1028AMH Datasheet HTML 12Page - Linear Technology LT1028AMH Datasheet HTML 13Page - Linear Technology LT1028AMH Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LT1028/LT1128
Voltage Noise vs Current Noise
The LT1028/LT1128’s less than 1nV/
√Hz voltage noise is
three times better than the lowest voltage noise heretofore
available (on the LT1007/1037). A necessary condition for
such low voltage noise is operating the input transistors at
nearly 1mA of collector currents, because voltage noise is
inversely proportional to the square root of the collector
current. Current noise, however, is directly proportional to
the square root of the collector current. Consequently, the
LT1028/LT1128’s current noise is significantly higher
than on most monolithic op amps.
Therefore, to realize truly low noise performance it is
important to understand the interaction between voltage
noise (en), current noise (In) and resistor noise (rn).
Total Noise vs Source Resistance
The total input referred noise of an op amp is given by
et = [en
2 + rn2 + (InReq)2]1/2
where Req is the total equivalent source resistance at the
two inputs, and
rn = √4kTReq = 0.13√Req in nV/√Hz at 25°C
As a numerical example, consider the total noise at 1kHz
of the gain 1000 amplifier shown below.
Req = 100Ω + 100Ω || 100k ≈ 200Ω
rn = 0.13√200 = 1.84nV√Hz
en = 0.85nV√Hz
In = 1.0pA/√Hz
et = [0.85
2 + 1.842 + (1.0
× 0.2) 2]1/2 = 2.04nV/√Hz
Output noise = 1000 et = 2.04µV/√Hz
At very low source resistance (Req < 40Ω) voltage noise
dominates. As Req is increased resistor noise becomes the
largest term, as in the example above, and the LT1028/
LT1128’s voltage noise becomes negligible. As Req is
further increased, current noise becomes important. At
1kHz, when Req is in excess of 20k, the current noise
component is larger than the resistor noise. The total noise
versus matched source resistance plot illustrates the
above calculations.
The plot also shows that current noise is more dominant
at low frequencies, such as 10Hz. This is because resistor
noise is flat with frequency, while the 1/f corner of current
noise is typically at 250Hz. At 10Hz when Req > 1k, the
current noise term will exceed the resistor noise.
When the source resistance is unmatched, the total noise
versus unmatched source resistance plot should be con-
sulted. Note that total noise is lower at source resistances
below 1k because the resistor noise contribution is less.
When RS > 1k total noise is not improved, however. This
is because bias current cancellation is used to reduce
input bias current. The cancellation circuitry injects two
correlated current noise components into the two inputs.
With matched source resistors the injected current noise
creates a common-mode voltage noise and gets rejected
by the amplifier. With source resistance in one input only,
the cancellation noise is added to the amplifier’s inherent
noise.
In summary, the LT1028/LT1128 are the optimum ampli-
fiers for noise performance, provided that the source
resistance is kept low. The following table depicts which
op amp manufactured by Linear Technology should be
used to minimize noise, as the source resistance is in-
creased beyond the LT1028/LT1128’s level of usefulness.
+
100
100k
100
LT1028
LT1128
1028/1128 AI01
S
APPLICATI
I FOR ATIO – OISE
BEST OP AMP
AT LOW FREQ(10Hz)
WIDEBAND(1kHz)
SOURCE RESIS-
TANCE(
) (Note 1)
Best Op Amp for Lowest Total Noise vs Source Resistance
0 to 400
LT1028/LT1128
LT1028/LT1128
400 to 4k
LT1007/1037
LT1028/LT1128
4k to 40k
LT1001
LT1007/1037
40k to 500k
LT1012
LT1001
500k to 5M
LT1012 or LT1055
LT1012
>5M
LT1055
LT1055
Note 1: Source resistance is defined as matched or unmatched, e.g.,
RS = 1k means: 1k at each input, or 1k at one input and zero at the other.


Similar Part No. - LT1028AMH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1028AMH LINER-LT1028AMH Datasheet
450Kb / 20P
   Ultralow Noise Precision High Speed Op Amps
More results

Similar Description - LT1028AMH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44250 MAXIM-MAX44250_13 Datasheet
2Mb / 14P
   20V, Ultra-Precision, Low-Noise Op Amps
Rev 3; 4/13
MAX44252ASD-T MAXIM-MAX44252ASD-T Datasheet
2Mb / 14P
   20V, Ultra-Precision, Low-Noise Op Amps
Rev 3; 4/13
MAX44250 MAXIM-MAX44250_V01 Datasheet
1Mb / 14P
   20V, Ultra-Precision, Low-Noise Op Amps
2017
MAX44251 MAXIM-MAX44251 Datasheet
2Mb / 15P
   20V, Ultra-Precision, Low-Noise Op Amps
Rev 0; 10/11
MAX44250 MAXIM-MAX44250 Datasheet
2Mb / 17P
   20V, Ultra-Precision, Low-Noise Op Amps
Rev 2; 8/12
logo
Linear Technology
LT1028 LINER-LT1028_15 Datasheet
784Kb / 28P
   Ultralow Noise Precision High Speed Op Amps
RH1028M LINER-RH1028M Datasheet
149Kb / 2P
   Ultralow Noise Precision High Speed Op Amps
LT1128 LINER-LT1128_15 Datasheet
784Kb / 28P
   Ultralow Noise Precision High Speed Op Amps
RH1128M LINER-RH1128M_15 Datasheet
160Kb / 2P
   Ultralow Noise Precision High Speed Op Amps
RH1028M LINER-RH1028M_15 Datasheet
160Kb / 2P
   Ultralow Noise Precision High Speed Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com