Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3475 Datasheet(PDF) 10 Page - Linear Technology

Part # LT3475
Description  Dual Step-Down 1.5A LED Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3475 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3475_15 Datasheet HTML 6Page - Linear Technology LT3475_15 Datasheet HTML 7Page - Linear Technology LT3475_15 Datasheet HTML 8Page - Linear Technology LT3475_15 Datasheet HTML 9Page - Linear Technology LT3475_15 Datasheet HTML 10Page - Linear Technology LT3475_15 Datasheet HTML 11Page - Linear Technology LT3475_15 Datasheet HTML 12Page - Linear Technology LT3475_15 Datasheet HTML 13Page - Linear Technology LT3475_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT3475/LT3475-1
10
3475fb
current have significantly increased. Exceeding VIN(MAX)
is safe if the external components have adequate ratings
to handle the peak conditions and if the peak inductor
current does not exceed 3.2A. A saturating inductor may
further reduce performance.
Table 2. Inductors
PART NUMBER
VALUE
(μH)
IRMS
(A)
DCR
( )
HEIGHT
(mm)
Sumida
CR43-3R3
3.3
1.44
0.086
3.5
CR43-4R7
4.7
1.15
0.109
3.5
CDRH4D16-3R3
3.3
1.10
0.063
1.8
CDRH4D28-3R3
3.3
1.57
0.049
3.0
CDRH4D28-4R7
4.7
1.32
0.072
3.0
CDRH6D26-5R0
5.0
2.20
0.032
2.8
CDRH6D26-5R6
5.6
2.0
0.036
2.8
CDRH5D28-100
10
1.30
0.048
3.0
CDRH5D28-150
15
1.10
0.076
3.0
CDRH73-100
10
1.68
0.072
3.4
CDRH73-150
15
1.33
0.130
3.4
CDRH104R-150
15
3.1
0.050
4.0
Coilcraft
DO1606T-332
3.3
1.30
0.100
2.0
DO1606T-472
4.7
1.10
0.120
2.0
DO1608C-332
3.3
2.00
0.080
2.9
DO1608C-472
4.7
1.50
0.090
2.9
MOS6020-332
3.3
1.80
0.046
2.0
MOS6020-472
10
1.50
0.050
2.0
DO3316P-103
10
3.9
0.038
5.2
DO3316P-153
15
3.1
0.046
5.2
The optimum inductor for a given application may differ
from the one indicated by this simple design guide. A larger
value inductor provides a higher maximum load current, and
reduces the output voltage ripple. If your load is lower than
the maximum load current, then you can relax the value of the
inductor and operate with higher ripple current. This allows
you to use a physically smaller inductor, or one with a lower
DCRresultinginhigherefficiency.Inaddition,lowinductance
may result in discontinuous mode operation, which further
reduces maximum load current. For details of maximum
outputcurrentanddiscontinuousmodeoperation,seeLinear
Technology’s Application Note 44. Finally, for duty cycles
greater than 50% (VOUT/VIN > 0.5), a minimum inductance
is required to avoid sub-harmonic oscillations:
LMIN = (VOUT + VF )•
800kHz
f
VSW
20V/DIV
IL
1A/DIV
VOUT
500mV/DIV
(AC COUPLED)
3475 F04
Figure 4. Operation above VIN(MAX). Output
Ripple and Peak Inductor Current Increases
Inductor Selection and Maximum Output Current
A good first choice for the inductor value is:
L = (VOUT + VF )•
1.2MHz
f
where VF is the voltage drop of the catch diode (~0.4V),
f is the switching frequency and L is in μH. With this value
the maximum load current will be above 1.6A at all duty
cycles. The inductor’s RMS current rating must be greater
than the maximum load current and its saturation current
should be at least 30% higher. For highest efficiency,
the series resistance (DCR) should be less than 0.15Ω.
Table 2 lists several vendors and types that are suitable.
For robust operation at full load and high input voltages
(VIN > 30V), use an inductor with a saturation current
higher than 3.2A.
APPLICATIONS INFORMATION


Similar Part No. - LT3475_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3475-1 LINER-LT3475-1 Datasheet
243Kb / 20P
   Dual Step-Down l 1.5A LED Driver
LT3475-1 LINER-LT3475-1 Datasheet
425Kb / 32P
   8-Channel 횞 100mA LED Driver
LT3475-1 LINER-LT3475-1_15 Datasheet
248Kb / 20P
   Dual Step-Down 1.5A LED Driver
More results

Similar Description - LT3475_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3475-1 LINER-LT3475-1_15 Datasheet
248Kb / 20P
   Dual Step-Down 1.5A LED Driver
LT3475 LINER-LT3475 Datasheet
243Kb / 20P
   Dual Step-Down l 1.5A LED Driver
logo
Shenzhen Huazhimei Semi...
HM2802 HMSEMI-HM2802 Datasheet
1Mb / 12P
   30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
HM2801 HMSEMI-HM2801 Datasheet
1Mb / 12P
   30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
logo
Monolithic Power System...
MP4425M MPS-MP4425M Datasheet
1Mb / 20P
   High Efficiency 1.5A, 36V, 2.2MHz Synchronous Step Down LED Driver
MP28372 MPS-MP28372 Datasheet
274Kb / 12P
   Dual 1.5A, 23V, 1.4MHz Step-Down Converter
MP29373 MPS-MP29373 Datasheet
260Kb / 10P
   Dual 1.5A, 23V, 1.4MHz Step-Down Converter
MP2125 MPS-MP2125 Datasheet
295Kb / 10P
   Dual 1.5A, 1.2MHz Synchronous Step-Down Converter
MP2364 MPS-MP2364 Datasheet
281Kb / 12P
   Dual 1.5A, 23V, 1.4MHz Step-Down Converter
logo
E-CMOS Corporation
EC3221 E-CMOS-EC3221 Datasheet
1Mb / 16P
   1.5MHz, Dual 1.5A, Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com