Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3475 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3475
Description  Dual Step-Down 1.5A LED Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3475 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3475_15 Datasheet HTML 4Page - Linear Technology LT3475_15 Datasheet HTML 5Page - Linear Technology LT3475_15 Datasheet HTML 6Page - Linear Technology LT3475_15 Datasheet HTML 7Page - Linear Technology LT3475_15 Datasheet HTML 8Page - Linear Technology LT3475_15 Datasheet HTML 9Page - Linear Technology LT3475_15 Datasheet HTML 10Page - Linear Technology LT3475_15 Datasheet HTML 11Page - Linear Technology LT3475_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LT3475/LT3475-1
8
3475fb
Open Circuit Protection
The LT3475 has internal open-circuit protection. If the LED
is absent or is open circuit, the LT3475 clamps the voltage
on the LED pin at 14V. The switching regulator then oper-
ates at a very low frequency to limit the input current. The
LT3475-1 has no internal open circuit protection. With the
LT3475-1, be careful not to violate the ABSMAX voltage of
th BOOST pin; if VIN > 25V, external open circuit protection
circuitry (as shown in Figure 1) may be necessary.The
output voltage during an open LED condition is shown in
the Typical Performance Characteristics section.
Undervoltage Lockout
Undervoltage lockout (UVLO) is typically used in situations
where the input supply is current limited, or has high source
resistance. A switching regulator draws constant power
from the source, so the source current increases as the
source voltage drops. This looks like a negative resistance
load to the source and can cause the source to current limit
or latch low under low source voltage conditions. UVLO
prevents the regulator from operating at source voltages
where these problems might occur.
An internal comparator will force the part into shut-
down when VIN falls below 3.7V. If an adjustable UVLO
threshold is required, the SHDN pin can be used. The
threshold voltage of the SHDN pin comparator is 2.6V. An
internal resistor pulls 9μA to ground from the SHDN pin
at the UVLO threshold.
Choose resistors according to the following formula:
R2 =
2.6V
VTH –2.6V
R1
–9μA
VTH = UVLO Threshold
Example: Switching should not start until the input is
above 8V.
VTH = 8V
R1=100k
R2 =
2.6V
8V – 2.6V
100k
–9μA
= 57.6k
Figure 2. Undervoltage Lockout
GND
9μA
2.6V
VIN
VC
LT3475
R1
C1
R2
VIN
SHDN
3475 F02
Table 1. Switching Frequencies
SWITCHING FREQUENCY (MHz)
RT (kΩ)
2
4.32
1.5
6.81
1.2
9.09
1
11.8
0.8
16.9
0.6
24.3
0.4
40.2
0.3
57.6
0.2
100
Keep the connections from the resistors to the SHDN pin
short and make sure the coupling to the SW and BOOST
pins is minimized. If high resistance values are used, the
SHDN pin should be bypassed with a 1nF capacitor to
prevent coupling problems from switching nodes.
Setting the Switching Frequency
The LT3475 uses a constant frequency architecture that
can be programmed over a 200kHz to 2MHz range with a
single external timing resistor from the RT pin to ground.
A graph for selecting the value of RT for a given operating
frequency is shown in the Typical Applications section.
VC
100k
10k
22V
OUT
3475 F01
Figure 1. External Overvoltage Protection
Circuitry for the LT3475-1
APPLICATIONS INFORMATION


Similar Part No. - LT3475_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3475-1 LINER-LT3475-1 Datasheet
243Kb / 20P
   Dual Step-Down l 1.5A LED Driver
LT3475-1 LINER-LT3475-1 Datasheet
425Kb / 32P
   8-Channel 횞 100mA LED Driver
LT3475-1 LINER-LT3475-1_15 Datasheet
248Kb / 20P
   Dual Step-Down 1.5A LED Driver
More results

Similar Description - LT3475_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3475-1 LINER-LT3475-1_15 Datasheet
248Kb / 20P
   Dual Step-Down 1.5A LED Driver
LT3475 LINER-LT3475 Datasheet
243Kb / 20P
   Dual Step-Down l 1.5A LED Driver
logo
Shenzhen Huazhimei Semi...
HM2802 HMSEMI-HM2802 Datasheet
1Mb / 12P
   30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
HM2801 HMSEMI-HM2801 Datasheet
1Mb / 12P
   30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
logo
Monolithic Power System...
MP4425M MPS-MP4425M Datasheet
1Mb / 20P
   High Efficiency 1.5A, 36V, 2.2MHz Synchronous Step Down LED Driver
MP28372 MPS-MP28372 Datasheet
274Kb / 12P
   Dual 1.5A, 23V, 1.4MHz Step-Down Converter
MP29373 MPS-MP29373 Datasheet
260Kb / 10P
   Dual 1.5A, 23V, 1.4MHz Step-Down Converter
MP2125 MPS-MP2125 Datasheet
295Kb / 10P
   Dual 1.5A, 1.2MHz Synchronous Step-Down Converter
MP2364 MPS-MP2364 Datasheet
281Kb / 12P
   Dual 1.5A, 23V, 1.4MHz Step-Down Converter
logo
E-CMOS Corporation
EC3221 E-CMOS-EC3221 Datasheet
1Mb / 16P
   1.5MHz, Dual 1.5A, Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com