Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3020 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3020
Description  100mA, Low Voltage, Very Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3020 Datasheet(HTML) 4 Page - Linear Technology

  LT3020_15 Datasheet HTML 1Page - Linear Technology LT3020_15 Datasheet HTML 2Page - Linear Technology LT3020_15 Datasheet HTML 3Page - Linear Technology LT3020_15 Datasheet HTML 4Page - Linear Technology LT3020_15 Datasheet HTML 5Page - Linear Technology LT3020_15 Datasheet HTML 6Page - Linear Technology LT3020_15 Datasheet HTML 7Page - Linear Technology LT3020_15 Datasheet HTML 8Page - Linear Technology LT3020_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT3020/LT3020-1.2/
LT3020-1.5/LT3020-1.8
3020fc
Current Limit (Note 12)
VIN = 10V, VOUT = 0V
360
mA
VIN = VOUT(NOMINAL) + 0.5V, ∆VOUT = –5%
110
310
mA
Input Reverse Leakage Current
VIN = –10V, VOUT = 0V
1
10
µA
Reverse Output Current
VOUT = 1.2V, VIN = 0V
3
5
µA
(Notes 11, 13)
LT3020-1.2
VOUT = 1.2V, VIN = 0V
10
15
µA
LT3020-1.5
VOUT = 1.5V, VIN = 0V
10
15
µA
LT3020-1.8
VOUT = 1.8V, VIN = 0V
10
15
µA
The
denotes specifications which apply over the full operating temperature range, otherwise specifications are TJ = 25°C.
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT3020 regulators are tested and specified under pulse load
conditions such that TJ ≈ TA. The LT3020E is 100% production tested at
TA = 25°C. Performance at –40°C and 125°C is assured by design,
characterization and correlation with statistical process controls. The
LT3020I is guaranteed over the full –40
°C to 125°C operating junction
temperature range.
Note 3: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. Junction
temperature will exceed 125
°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 4: Maximum junction temperature limits operating conditions. The
regulated output voltage specification does not apply for all possible
combinations of input voltage and output current. Limit the output current
range if operating at maximum input voltage. Limit the input voltage range
if operating at maximum output current.
Note 5: Typically the LT3020 supplies 100mA output current with a 1V
input supply. The guaranteed minimum input voltage for 100mA output
current is 1.10V.
Note 6: The LT3020 is tested and specified for these conditions with an
external resistor divider (20k and 30.1k) setting VOUT to 0.5V. The external
resistor divider adds 10
µA of output load current. The line regulation and
load regulation specifications refer to the change in the 0.2V reference
voltage, not the 0.5V output voltage. Specifications for fixed output voltage
devices are referred to the output voltage.
Note 7: Dropout voltage is the minimum input to output voltage differential
needed to maintain regulation at a specified output current. In dropout the
output voltage equals: (VIN – VDROPOUT).
Note 8: GND pin current is tested with VIN = VOUT(NOMINAL) and a current
source load. The device is tested while operating in its dropout region.
This condition forces the worst-case GND pin current. GND pin current
decreases at higher input voltages.
Note 9: Adjust pin bias current flows out of the ADJ pin.
Note 10: Shutdown pin current flows into the SHDN pin.
Note 11: Reverse output current is tested with IN grounded and OUT
forced to the rated output voltage. This current flows into the OUT pin and
out of the GND pin. For fixed voltage devices this includes the current in
the output resistor divider.
Note 12: The LT3020 is tested and specified for these conditions with an
external resistor divider (20k and 100k) setting VOUT to 1.2V. The external
resistor divider adds 10
µA of load current.
Note 13: Reverse current is higher for the case of (rated_output) < VOUT <
VIN, because the no-load recovery circuitry is active in this region and is
trying to restore the output voltage to its nominal value.
Note 14: Minimum input voltage is the minimum voltage required by the
control circuit to regulate the output voltage and supply the full 100mA
rated current. This specification is tested at VOUT = 0.5V. At higher output
voltages the minimum input voltage required for regulation will be equal to
the regulated output voltage VOUT plus the dropout voltage.


Similar Part No. - LT3020_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3020-1.2 LINER-LT3020-1.2 Datasheet
207Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020-1.2 LINER-LT3020-1.2 Datasheet
192Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020-1.2 LINER-LT3020-1.2_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020-1.5 LINER-LT3020-1.5 Datasheet
207Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020-1.5 LINER-LT3020-1.5 Datasheet
192Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
More results

Similar Description - LT3020_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3020-1.2 LINER-LT3020-1.2_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020 LINER-LT3020 Datasheet
207Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020IMS8 LINER-LT3020IMS8 Datasheet
192Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020-1.5 LINER-LT3020-1.5_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020-1.8 LINER-LT3020-1.8_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1720 AIC-AIC1720 Datasheet
181Kb / 5P
   100mA Low Dropout Linear Regulator
logo
Linear Technology
LT3021-1.5 LINER-LT3021-1.5_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021 LINER-LT3021 Datasheet
235Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021 LINER-LT3021_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.2 LINER-LT3021-1.2_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com