Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3014B Datasheet(PDF) 2 Page - Linear Technology

Part # LT3014B
Description  20mA, 3V to 80V Low Dropout Micropower Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3014B Datasheet(HTML) 2 Page - Linear Technology

  LT3014B_15 Datasheet HTML 1Page - Linear Technology LT3014B_15 Datasheet HTML 2Page - Linear Technology LT3014B_15 Datasheet HTML 3Page - Linear Technology LT3014B_15 Datasheet HTML 4Page - Linear Technology LT3014B_15 Datasheet HTML 5Page - Linear Technology LT3014B_15 Datasheet HTML 6Page - Linear Technology LT3014B_15 Datasheet HTML 7Page - Linear Technology LT3014B_15 Datasheet HTML 8Page - Linear Technology LT3014B_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT3014B
2
3014bfb
For more information www.linear.com/LT3014B
ABSOLUTE MAXIMUM RATINGS
IN Pin Voltage, Operating........................................±80V
Transient (2ms Survival, LT3014BHV) .................. +100V
OUT Pin Voltage......................................................±60V
IN to OUT Differential Voltage................................ ±80V
ADJ Pin Voltage ........................................................±7V
Output Short-Circuit Duration.......................... Indefinite
(Note 1)
5 OUT
4 ADJ
IN 1
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC SOT-23
GND 2
NC 3
TJMAX = 125°C, θJA = 150°C/ W
θJC = 25°C/W MEASURED AT PIN 2
SEE APPLICATIONS INFORMATION SECTION
TOP VIEW
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
OUT
ADJ
NC
GND
IN
NC
NC
NC
9
TJMAX = 125°C, θJA = 40°C/W
θJC = 10°C/W MEASURED AT PIN 9
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
Storage Temperature Range
ThinSOT Package...........................–65°C to 150°C
DFN Package..................................–65°C to 125°C
Operating Junction Temperature Range (Notes 3, 9, 10)
E-Grade, I-Grade ............................–40°C to 125°C
MP-Grade.......................................–55°C to 125°C
Lead Temperature (Soldering, 10 sec)
SOT-23 Package............................................300°C


Similar Part No. - LT3014B_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3014BEDD LINER-LT3014BEDD Datasheet
182Kb / 12P
   20mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3014BES5 LINER-LT3014BES5 Datasheet
182Kb / 12P
   20mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3014BHVEDD LINER-LT3014BHVEDD Datasheet
182Kb / 12P
   20mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3014BHVES5 LINER-LT3014BHVES5 Datasheet
182Kb / 12P
   20mA, 3V to 80V Low Dropout Micropower Linear Regulator
More results

Similar Description - LT3014B_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3014 LINER-LT3014 Datasheet
200Kb / 16P
   20mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3014 LINER-LT3014_15 Datasheet
186Kb / 16P
   20mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3014B LINER-LT3014B Datasheet
182Kb / 12P
   20mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010 LINER-LT3010 Datasheet
244Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010 LINER-LT3010_1 Datasheet
405Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010 LINER-LT3010_15 Datasheet
410Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010-5 LINER-LT3010-5_15 Datasheet
410Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3011 LINER-LT3011_15 Datasheet
236Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3011 LINER-LT3011 Datasheet
225Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3012 LINER-LT3012 Datasheet
181Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com