Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OD8038-24LB-VXC Datasheet(PDF) 1 Page - ORION FANS

Part # OD8038-24LB-VXC
Description  DC Fan - Vaneaxial
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OD8038-24LB-VXC Datasheet(HTML) 1 Page - ORION FANS

  OD8038-24LB-VXC Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
O
ODD88003388 ‘‘VVAA’’ SSeerriieess
DC Fan - Vaneaxial
80x38mm (3.15”x 1.5”)
Frame & Impeller
PBT, UL94V-O plastic
OptionsAvailable
Tachometer (FG)
Locked RotorAlarm (RD)
Thermal Control
PWM
Connection
2x Lead wires,
Red(+), Black (-)
Motor
Brushless DC, auto restart,
polarity protected.
Bearing System
Dual ball bearing
Insulation Resistance
Min. 10M at 500VDC
Dielectric Strength
1 minute at 500VAC / 1
second, max leakage 500
microamp
Temperature Range
-10C ~ +70C
Storage Temperature
-40C ~ +80C
Life (L10)
50,000 hours (40C)
Model Number
Speed
(RPM)
Airflow
(CFM)
Noise (dB)
Volts DC
Power
(Watts)
Amps
Max. Static
Pressure
(ìH2O)
OD8038-12HHB-VXC
7100
112
60
12
22
1.9
1.10
OD8038-12HB-VXC
6300
99
57
12
14
1.2
0.81
OD8038-12MB-VXC
5600
89
54
12
10
0.8
0.75
OD8038-12LB-VXC
4900
76
51
12
6
0.5
0.50
OD8038-24HB-VXC
6300
99
57
24
13
0.5
0.81
OD8038-24MB-VXC
5600
89
54
24
10
0.4
0.75
OD8038-24LB-VXC
4900
76
51
24
7
0.3
0.50
OD8038-48HB-VXC
6300
99
57
48
14
0.3
0.81
OD8038-48MB-VXC
5600
89
54
48
10
0.2
0.75
OD8038-48LB-VXC
4900
76
51
48
7
0.15
0.50
RoHS Compliant
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
m1
IP55


Similar Part No. - OD8038-24LB-VXC

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD8038-24LB-VXC ORIONFANS-OD8038-24LB-VXC Datasheet
364Kb / 1P
   DC Fan - Vaneaxial 80x38mm (3.15' x 1.5')
OD8038-24LB-VXC ORIONFANS-OD8038-24LB-VXC Datasheet
329Kb / 1P
   DC Fan - 12, 24, 48V 80x38mm (3.15?쓝 1.5??
More results

Similar Description - OD8038-24LB-VXC

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD8038VA ORIONFANS-OD8038VA Datasheet
365Kb / 1P
   DC Fan - Vaneaxial
OD8038 ORIONFANS-OD8038 Datasheet
364Kb / 1P
   DC Fan - Vaneaxial 80x38mm (3.15' x 1.5')
OD6038VA ORIONFANS-OD6038VA_17 Datasheet
229Kb / 1P
   DC Fan 12V, 24V - Vaneaxial, High Pressure 60x38mm (2.36?쓝 1.5??
logo
Sanyo Semicon Device
109R0824G4021 SANYO-109R0824G4021 Datasheet
272Kb / 4P
   DC Fan
logo
ORION FANS
OD8032-12H ORIONFANS-OD8032-12H Datasheet
479Kb / 1P
   DC FAN
OD4020-05HB ORIONFANS-OD4020-05HB_15 Datasheet
120Kb / 1P
   DC Fan
OD180APL-12HB ORIONFANS-OD180APL-12HB_15 Datasheet
204Kb / 1P
   DC FAN
OD1238-12HB ORIONFANS-OD1238-12HB Datasheet
261Kb / 1P
   DC Fan
OD1238-12HHB ORIONFANS-OD1238-12HHB Datasheet
379Kb / 1P
   DC FAN
OD1238-12HSS ORIONFANS-OD1238-12HSS Datasheet
250Kb / 1P
   DC Fan
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com