Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZW05A0B Datasheet(PDF) 10 Page - Seoul Semiconductor

Part # SZW05A0B
Description  Super high Flux output and high Luminance
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SZW05A0B Datasheet(HTML) 10 Page - Seoul Semiconductor

Back Button SZW05A0B Datasheet HTML 6Page - Seoul Semiconductor SZW05A0B Datasheet HTML 7Page - Seoul Semiconductor SZW05A0B Datasheet HTML 8Page - Seoul Semiconductor SZW05A0B Datasheet HTML 9Page - Seoul Semiconductor SZW05A0B Datasheet HTML 10Page - Seoul Semiconductor SZW05A0B Datasheet HTML 11Page - Seoul Semiconductor SZW05A0B Datasheet HTML 12Page - Seoul Semiconductor SZW05A0B Datasheet HTML 13Page - Seoul Semiconductor SZW05A0B Datasheet HTML 14Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
APCPCWM_4828539:WP_0000001WP_0000001
Junction Temperature Characteristics
Junction Temperature vs. Relative Light Output at IF=350mA
25
50
75
100
125
150
0
20
40
60
80
100
120
SZW05A0B
August 2012
August 2012
www.seoulsemicon.com
www.seoulsemicon.com
Document No. : SSC- QP- 7- 07- 12
Junction Temperature vs. Forward Voltage at IF=350mA
25
50
75
100
125
150
-0.6
-0.4
-0.2
0.0
0.2
SZW05A0B
Junction Temperature[
oC]
Junction Temperature[? ]
10


Similar Part No. - SZW05A0B

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SZW03F1D SEOUL-SZW03F1D Datasheet
936Kb / 23P
   Applicable for automotive Exterior light
More results

Similar Description - SZW05A0B

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
W49180 SEOUL-W49180 Datasheet
497Kb / 17P
   Super high flux output and high luminance
W49180-08 SEOUL-W49180-08 Datasheet
2Mb / 14P
   Super high flux output and high luminance
X42180-07 SEOUL-X42180-07 Datasheet
3Mb / 29P
   Super high flux output and high luminance
SZ5P SEOUL-SZ5P Datasheet
490Kb / 21P
   Super high Flux output and high Luminance
SSC-SZ5-M SEOUL-SSC-SZ5-M Datasheet
1Mb / 22P
   Super high Flux output and high Luminance
SAWW8X1A SEOUL-SAWW8X1A Datasheet
2Mb / 23P
   Super high Flux output and high Luminance
XZ20360 SEOUL-XZ20360 Datasheet
518Kb / 17P
   Super high Flux output and high Luminance
X42180-08 SEOUL-X42180-08 Datasheet
4Mb / 1P
   Super high flux output and high luminance
SSC-SZ5-P SEOUL-SSC-SZ5-P Datasheet
846Kb / 22P
   Super high Flux output and high Luminance
SSC-SZA05A0A SEOUL-SSC-SZA05A0A Datasheet
793Kb / 21P
   Super high Flux output and high Luminance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com