Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STW9C2SB Datasheet(PDF) 9 Page - Seoul Semiconductor

Part # STW9C2SB
Description  High Color Quality with CRI Min.90
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW9C2SB Datasheet(HTML) 9 Page - Seoul Semiconductor

Back Button STW9C2SB Datasheet HTML 5Page - Seoul Semiconductor STW9C2SB Datasheet HTML 6Page - Seoul Semiconductor STW9C2SB Datasheet HTML 7Page - Seoul Semiconductor STW9C2SB Datasheet HTML 8Page - Seoul Semiconductor STW9C2SB Datasheet HTML 9Page - Seoul Semiconductor STW9C2SB Datasheet HTML 10Page - Seoul Semiconductor STW9C2SB Datasheet HTML 11Page - Seoul Semiconductor STW9C2SB Datasheet HTML 12Page - Seoul Semiconductor STW9C2SB Datasheet HTML 13Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
www.seoulsemicon.com
Product Data Sheet
STW9C2SB
– Mid-Power LED
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
9
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev2.0
Characteristics Graph
 차트 사각형에 차트의 X축/ Y축을 맞춘다.
Fig 8. Chromaticity Coordinate vs. Junction Temperature, I
F=100mA
(4200K~7000K)
(4200K~7000K)
0.345
0.350
0.355
0.360
0.365
0.370
0.375
0.33
0.34
0.35
0.36
0.37
0.38
0.39
125
oC
105
oC
85
oC
CIE x
25
oC
0.440
0.445
0.450
0.455
0.460
0.465
0.390
0.395
0.400
0.405
0.410
0.415
125
o
C
105
o
C
85
o
C
25
o
C
CIE x


Similar Part No. - STW9C2SB

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
STW9C2SB-NZ SEOUL-STW9C2SB-NZ Datasheet
1Mb / 30P
   Thermally Enhanced Package Design
More results

Similar Description - STW9C2SB

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SAW8A32E SEOUL-SAW8A32E Datasheet
1Mb / 31P
   High Color Quality, CRI Min. 80
SAW8C22B-IZ SEOUL-SAW8C22B-IZ Datasheet
1Mb / 31P
   High Color Quality with CRI Min.80(R9>0)
logo
Marktech Corporate
XBD MARKTECH-XBD Datasheet
582Kb / 2P
   80-min CRI White and 70-min CRI Cool White
logo
Cree, Inc
XP-G CREE-XP-G Datasheet
2Mb / 28P
   Available in white, outdoor white and 80-CRI, 85-CRI and 90-CRI white
logo
OSA Opto Light GmbH
OCL-400SW OSA-OCL-400SW Datasheet
238Kb / 7P
   White ??high CRI
logo
List of Unclassifed Man...
800288 ETC2-800288 Datasheet
77Kb / 1P
   Consistent High Quality
logo
Sony Corporation
IMX377EQH5 SONY-IMX377EQH5 Datasheet
367Kb / 4P
   High image quality
logo
Asahi Kasei Microsystem...
AK4377 AKM-AK4377 Datasheet
277Kb / 5P
   High Sound Quality Advanced DAC with HP
logo
Assmann Electronics Inc...
AK-AV504-R ASSMANN-AK-AV504-R Datasheet
272Kb / 1P
   HIGH QUALITY STEREO
logo
TOCOSAMERICA, INC.
RPA TOCOS-RPA Datasheet
454Kb / 1P
   High Quality POTENTIOMETERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com