Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STW9B12G Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # STW9B12G
Description  Thermally Enhanced Package Design
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW9B12G Datasheet(HTML) 4 Page - Seoul Semiconductor

  STW9B12G Datasheet HTML 1Page - Seoul Semiconductor STW9B12G Datasheet HTML 2Page - Seoul Semiconductor STW9B12G Datasheet HTML 3Page - Seoul Semiconductor STW9B12G Datasheet HTML 4Page - Seoul Semiconductor STW9B12G Datasheet HTML 5Page - Seoul Semiconductor STW9B12G Datasheet HTML 6Page - Seoul Semiconductor STW9B12G Datasheet HTML 7Page - Seoul Semiconductor STW9B12G Datasheet HTML 8Page - Seoul Semiconductor STW9B12G Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
www.seoulsemicon.com
Product Data Sheet
STW9B12G
– Mid-Power LED
4
Performance Characteristics
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Forward Current
IF
-
30
40
mA
Forward Voltage
VF (30mA)
2.9
3.3
V
Luminous Intensity
(2,600~4,200 K)
Iv (30mA)
-
2.6
(7.8lm)
-
cd
(lm)
Color Rendering Index [1]
Ra
90
-
-
Viewing Angle [2]
2
Θ
1/2
120
Power Dissipation
Pd
-
132
mW
Junction Temperature
Tj
-
-
125
ºC
Operating Temperature
Topr
- 40
-
+ 85
ºC
Storage Temperature
Tstg
- 40
-
+ 100
ºC
Thermal resistance (J to S) [3]
J-S
-
28
-
℃/W
ESD Sensitivity(HBM) [4]
-
-
-
5000
V
Table 3. Characteristics, IF=30mA , Ta=25ºC, RH30%
Notes :
(1) Tolerance is
2.0 on CRI measurements.
(2) 2Θ
1/2 is the off-axis where the luminous intensity is 1/2 of the peak intensity
(3) Thermal resistance: RthJS (Junction to Solder)
(4) A zener diode is included to protect the product from ESD.
LED’s properties might be different from suggested values like above and below tables if
operation condition will be exceeded our parameter range. Care is to be taken that power
dissipation does not exceed the absolute maximum rating of the product.
All measurements were made under the standardized environment of Seoul Semiconductor.


Similar Part No. - STW9B12G

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
STW9B12B-NZ SEOUL-STW9B12B-NZ Datasheet
947Kb / 23P
   Achieving the best system cost in Mid Power
STW9B12C SEOUL-STW9B12C Datasheet
685Kb / 23P
   Thermally Enhanced Package Design
More results

Similar Description - STW9B12G

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
STW8C2PA SEOUL-STW8C2PA Datasheet
1Mb / 31P
   Thermally Enhanced Package Design
STW9C2SA SEOUL-STW9C2SA Datasheet
1Mb / 32P
   Thermally Enhanced Package Design
STW8C2SB-NZ SEOUL-STW8C2SB-NZ Datasheet
1Mb / 30P
   Thermally Enhanced Package Design
STW7C12Y SEOUL-STW7C12Y Datasheet
886Kb / 25P
   Thermally Enhanced Package Design
STW8B12B-NZ SEOUL-STW8B12B-NZ Datasheet
812Kb / 24P
   Thermally Enhanced Package Design
STW8B12B SEOUL-STW8B12B Datasheet
871Kb / 30P
   Thermally Enhanced Package Design
STW8B12G SEOUL-STW8B12G Datasheet
911Kb / 29P
   Thermally Enhanced Package Design
STW9C2SB-NZ SEOUL-STW9C2SB-NZ Datasheet
1Mb / 30P
   Thermally Enhanced Package Design
STW7C2SA SEOUL-STW7C2SA Datasheet
1Mb / 31P
   Thermally Enhanced Package Design
STW8B12C SEOUL-STW8B12C Datasheet
894Kb / 31P
   Thermally Enhanced Package Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com