Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LT1030 Datasheet(PDF) 4 Page - Linear Technology

Part No. LT1030
Description  Quad Low Power Line Driver
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LT1030 Datasheet(HTML) 4 Page - Linear Technology

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
LT1030
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7487
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
LT/GP 0895 2K • REV B PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1987
H = 100
µs/DIV
OUTPUT
(VIN = 0V)
OUTPUT
(VIN = 5V)
H = 2
µs/DIV
5V
0V
–5V
10V
0V
–10V
5V
0V
OUTPUT
(VS = ±6V)
INPUT
OUTPUT
(VS = ±12V)
H = 100
µs/DIV
6V
4V
2V
0V
0V
–2V
–4V
–6V
5V
0V
OUTPUT
(VIN = 0V)
OUTPUT
(VIN = 5V)
ON/OFF
INPUT
VS = ±12V
RL = 3k
CL = 51pF
VS = ±6V
RL = 3k
CL = 51pF
RL = 3k
CL = 51pF
TYPICAL PERFORMANCE CHARACTERISTICS
Output Waveforms
On-Off Response Time
On-Off Response Time
Output Waveform Driving
Capacitive Load
10V
5V
0V
0V
–5V
– 10V
5V
0V
ON/OFF
INPUT
H = 10
µs/DIV
Strobe Pin Response Time
H = 2
µs/DIV
10V
5V
0V
–5V
– 10V
OUTPUT
VS = ±6V
RL = 3k
CL = 0.01µF
VIN = 5V
VS = ±6V
RL = 3k
CL = 0.01µF
Dimension in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTION
PART NUMBER
DESCRIPTION
COMMENTS
LT1180A
Dual 5V RS232 Transceiver with Shutdown
Shutdown Plus 10kV ESD
LTC®1321
Programmable RS232/RS485 Transceiver
Low Supply Current, High Speed Data Transmission
LT1134A
4-Driver/4-Receiver RS232 Tranceiver
Single 5V Supply, 10kV ESD Protection, 0.1
µF Charge Pump Capacitor
LTC1383
Micropower Dual 5V RS232 Transceiver
Lowest Power 2-Driver/2-Receiver Solution
RELATED PARTS
OUTPUT
INPUT
6V
4V
2V
0V
–2V
–4V
–6V
5V
0V
5V
0V
STROBE
INPUT
N Package
14-Lead Plastic DIP
N14 0695
0.015
(0.380)
MIN
0.125
(3.175)
MIN
0.130
± 0.005
(3.302
± 0.127)
0.045 – 0.065
(1.143 – 1.651)
0.065
(1.651)
TYP
0.018
± 0.003
(0.457
± 0.076)
0.100
± 0.010
(2.540
± 0.254)
0.005
(0.125)
MIN
0.255
± 0.015*
(6.477
± 0.381)
0.770*
(19.558)
MAX
3
1
2
4
5
6
7
8
9
10
11
12
13
14
0.009 – 0.015
(0.229 – 0.381)
0.300 – 0.325
(7.620 – 8.255)
0.325
+0.025
– 0.015
+ 0.635
– 0.381
8.255
()
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.010 INCH (0.254mm)
1
2
3
4
0.150 – 0.157**
(3.810 – 3.988)
14
13
0.337 – 0.344*
(8.560 – 8.738)
0.228 – 0.244
(5.791 – 6.197)
12
11
10
9
5
6
7
8
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
° – 8° TYP
0.008 – 0.010
(0.203 – 0.254)
S14 0695
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
TYP
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
S Package
14-Lead Plastic SO


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn