Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V12P10 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # V12P10
Description  High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.43 V at IF = 5 A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V12P10 Datasheet(HTML) 4 Page - Vishay Siliconix

  V12P10_15 Datasheet HTML 1Page - Vishay Siliconix V12P10_15 Datasheet HTML 2Page - Vishay Siliconix V12P10_15 Datasheet HTML 3Page - Vishay Siliconix V12P10_15 Datasheet HTML 4Page - Vishay Siliconix V12P10_15 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
V12P10
www.vishay.com
Vishay General Semiconductor
Revision: 16-Dec-14
4
Document Number: 88981
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Conform to JEDEC® TO-277A
TO-277A (SMPC)
0.016 (0.40)
0.006 (0.15)
0.047 (1.20)
0.039 (1.00)
0.146 (3.70)
0.134 (3.40)
0.087 (2.20)
0.075 (1.90)
0.189 (4.80)
0.173 (4.40)
0.049 (1.24)
0.037 (0.94)
0.053 (1.35)
0.041 (1.05)
0.030 (0.75) NOM.
0.084 (2.13) NOM.
0.155 (3.94)
NOM.
Mounting Pad Layout
0.268
(6.80)
0.186 (4.72)
MIN.
0.050 (1.27)
MIN.
0.041
(1.04)
0.055 (1.40)
MIN.
0.189 (4.80)
MIN.
0.187 (4.75)
0.175 (4.45)
0.262 (6.65)
0.250 (6.35)
0.242 (6.15)
0.238 (6.05)
0.171 (4.35)
0.167 (4.25)
K
2
1


Similar Part No. - V12P10_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V12P10 VISHAY-V12P10_15 Datasheet
86Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 16-Dec-14
More results

Similar Description - V12P10_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V40PWM10C VISHAY-V40PWM10C Datasheet
121Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.46 V at IF = 5 A
Revision: 01-Jun-17
V10P6-M3 VISHAY-V10P6-M3 Datasheet
95Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.35 V at IF = 5 A
Revision: 04-May-15
V40PW12C VISHAY-V40PW12C Datasheet
121Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.49 V at IF = 5 A
Revision: 01-Jun-17
V35PWM10 VISHAY-V35PWM10 Datasheet
123Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.41 V at IF = 5 A
Revision: 01-Jun-17
V40PWM12C VISHAY-V40PWM12C Datasheet
121Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
Revision: 01-Jun-17
V35PW15 VISHAY-V35PW15 Datasheet
122Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
Revision: 01-Jun-17
V35PW12 VISHAY-V35PW12 Datasheet
122Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.40 V at IF = 5 A
Revision: 01-Jun-17
V35PWM45 VISHAY-V35PWM45 Datasheet
121Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.33 V at IF = 5 A
Revision: 01-Jun-17
V35PWM60 VISHAY-V35PWM60 Datasheet
121Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.35 V at IF = 5 A
Revision: 01-Jun-17
V35PWM15 VISHAY-V35PWM15 Datasheet
121Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
Revision: 01-Jun-17
V40PW60C VISHAY-V40PW60C Datasheet
121Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.34 V at IF = 5 A
Revision: 01-Jun-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com