Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1128 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1128
Description  Ultra Low Noise Precision High Speed Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1128 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1128 Datasheet HTML 3Page - Linear Technology LT1128 Datasheet HTML 4Page - Linear Technology LT1128 Datasheet HTML 5Page - Linear Technology LT1128 Datasheet HTML 6Page - Linear Technology LT1128 Datasheet HTML 7Page - Linear Technology LT1128 Datasheet HTML 8Page - Linear Technology LT1128 Datasheet HTML 9Page - Linear Technology LT1128 Datasheet HTML 10Page - Linear Technology LT1128 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LT1028/LT1128
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Gain Error vs Frequency
Closed-Loop Gain = 1000
LT1128
Gain Phase vs Frequency
LT1028
Gain, Phase vs Frequency
Voltage Gain vs Frequency
Voltage Gain vs Supply Voltage
Voltage Gain vs Load Resistance
LOAD RESISTANCE (k
Ω)
0.1
1
10
100
110
LT1028/1128 • TPC26
VS = ±15V
TA = –55°C
TA = 25°C
TA = 125°C
ILMAX = 35mA AT –55°C
= 27mA AT 25°C
= 16mA AT 125°C
FREQUENCY (Hz)
10k
5
20
25
30
100k
1M
10M
LT1028/1128 • TPC27
15
10
LT1128
LT1028
VS = ±15V
TA = 25°C
RL = 2k
Maximum Undistorted Output
vs Frequency
LT1128
Capacitance Load Handling
FREQUENCY (Hz)
10
20
40
50
70
10k
1M
10M
100M
LT1028/1128 • TPC20
–10
100k
60
30
0
VS = ±15V
TA = 25°C
CL = 10pF
GAIN
PHASE
10
20
40
50
70
–10
60
30
0
LT1028
Capacitance Load Handling
FREQUENCY (Hz)
0.01
–20
160
LT1028/1128 • TPC19
140
120
100
80
60
40
20
0
0.1
1
10 100 1k 10k 100k 1M 10M 100M
LT1128
LT1028
VS = ±15V
TA = 25°C
RL = 2k
CAPACITIVE LOAD (pF)
10
40
50
60
70
80
100
1000
10000
LT1028/1128 • TPC 24
30
20
10
0
VS = ±15V
TA = 25°C
VO = 10mVP-P
AV = –1, RS = 2k
CL
2k
30pF
RS
AV = –10
RS = 200Ω
AV = –100, RS = 20Ω
FREQUENCY (Hz)
10
20
40
50
70
10k
1M
10M
100M
LT1028/1128 • TPC23
–10
100k
60
30
0
VS = ±15V
TA = 25°C
CL = 10pF
GAIN
PHASE
10
20
40
50
70
–10
60
30
0
FREQUENCY (Hz)
0.1
0.001
0.01
0.1
1
1
100
LT1028/1128 • TPC22
LT1128
LT1028
TYPICAL
PRECISION
OP AMP
GAIN ERROR = CLOSED-LOOP GAIN
OPEN-LOOP GAIN
10
SUPPLY VOLTAGE (V)
±5
1
10
100
±10
±15
LT`1028/1128 • TPC25
0
±20
TA = 25°C
RL = 2k
RL = 600Ω
CAPACITIVE LOAD (pF)
10
40
50
60
70
80
100
1000
10000
LT1028/1128 • TPC21
30
20
10
0
VS = ±15V
TA = 25°C
CL
2k
30pF
RS
AV = –1, RS = 2k
AV = –100
RS = 20Ω
AV = –10
RS = 200Ω


Similar Part No. - LT1128

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1128ACN8 LINER-LT1128ACN8 Datasheet
450Kb / 20P
   Ultralow Noise Precision High Speed Op Amps
LT1128AMJ8 LINER-LT1128AMJ8 Datasheet
450Kb / 20P
   Ultralow Noise Precision High Speed Op Amps
LT1128CJ8 LINER-LT1128CJ8 Datasheet
450Kb / 20P
   Ultralow Noise Precision High Speed Op Amps
LT1128CN8 LINER-LT1128CN8 Datasheet
450Kb / 20P
   Ultralow Noise Precision High Speed Op Amps
LT1128CS8 LINER-LT1128CS8 Datasheet
450Kb / 20P
   Ultralow Noise Precision High Speed Op Amps
More results

Similar Description - LT1128

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44250 MAXIM-MAX44250_13 Datasheet
2Mb / 14P
   20V, Ultra-Precision, Low-Noise Op Amps
Rev 3; 4/13
MAX44252ASD-T MAXIM-MAX44252ASD-T Datasheet
2Mb / 14P
   20V, Ultra-Precision, Low-Noise Op Amps
Rev 3; 4/13
MAX44250 MAXIM-MAX44250_V01 Datasheet
1Mb / 14P
   20V, Ultra-Precision, Low-Noise Op Amps
2017
MAX44251 MAXIM-MAX44251 Datasheet
2Mb / 15P
   20V, Ultra-Precision, Low-Noise Op Amps
Rev 0; 10/11
MAX44250 MAXIM-MAX44250 Datasheet
2Mb / 17P
   20V, Ultra-Precision, Low-Noise Op Amps
Rev 2; 8/12
logo
Linear Technology
LT1028 LINER-LT1028_15 Datasheet
784Kb / 28P
   Ultralow Noise Precision High Speed Op Amps
RH1028M LINER-RH1028M Datasheet
149Kb / 2P
   Ultralow Noise Precision High Speed Op Amps
LT1128 LINER-LT1128_15 Datasheet
784Kb / 28P
   Ultralow Noise Precision High Speed Op Amps
RH1128M LINER-RH1128M_15 Datasheet
160Kb / 2P
   Ultralow Noise Precision High Speed Op Amps
RH1028M LINER-RH1028M_15 Datasheet
160Kb / 2P
   Ultralow Noise Precision High Speed Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com