Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1026M Datasheet(PDF) 1 Page - Linear Technology

Part # LT1026M
Description  Voltage Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1026M Datasheet(HTML) 1 Page - Linear Technology

  LT1026M Datasheet HTML 1Page - Linear Technology LT1026M Datasheet HTML 2Page - Linear Technology LT1026M Datasheet HTML 3Page - Linear Technology LT1026M Datasheet HTML 4Page - Linear Technology LT1026M Datasheet HTML 5Page - Linear Technology LT1026M Datasheet HTML 6Page - Linear Technology LT1026M Datasheet HTML 7Page - Linear Technology LT1026M Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LT1026
Voltage Converter
DESCRIPTIO
The LT
®1026 is a switched capacitor voltage doubler and
inverter on a single monolithic die. Capable of operating
from a 4V to 10V input, it provides
±7V to ±18V output.
Output currents of over 10mA are available. Two charge
pumps first double the input voltage then invert the
doubled voltage. Manufactured in bipolar technology, the
LT1026 is not susceptible to latchup and generates up to
36V.
The LT1026 offers a convenient way of generating addi-
tional system voltages without using inductors. Powering
interface circuits, op amps or data acquisition circuitry off
logic supplies is simplified. Other Linear Technology
voltage converters such as the low power LTC
® 1044
CMOS and 100mA bipolar LT1054 are available.
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Generates + and – from Single Input
s
Up to
±18V Output
s
Only Needs Four 1
µF Capacitors
s
No Inductors
s
10mA Output Current Minimum
s
Operates Down to 4V
s
No Latchup
s
8-Pin Minidip
FEATURES
APPLICATIONS
s
Line Drivers
s
Op Amp Suppliers
s
Battery Splitters
s
RS232 Power
TYPICAL APPLICATION
Voltage Doubler and Inverter
C1
C2+
C2
–VOUT
8
7
6
5
1
2
3
4
+VOUT
C1+
VIN
GND
LT1026
C1
1
µF
VIN
+
+
+VOUT
1
µF
C2
1
µF
–VOUT
1
µF
1026 • TA01
Output Voltage
LOAD CURRENT (mA)
0
10
20
LT1026 • TA02
–6
2
6
–2
0
4
8
–4
–8
–10
5
10
15
25
C = 1
µF
VIN = 5V
TA = 25°C


Similar Part No. - LT1026M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1026MH LINER-LT1026MH Datasheet
153Kb / 8P
   Voltage Converter
LT1026MJ8 LINER-LT1026MJ8 Datasheet
153Kb / 8P
   Voltage Converter
More results

Similar Description - LT1026M

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7660 NJRC-NJU7660 Datasheet
248Kb / 6P
   VOLTAGE CONVERTER
NJU7660A NJRC-NJU7660A Datasheet
136Kb / 10P
   VOLTAGE CONVERTER
logo
Guangdong Kexin Industr...
KM7660 KEXIN-KM7660 Datasheet
306Kb / 8P
   Voltage Converter
logo
Pepperl+Fuchs Inc.
FB5206B PF-FB5206B Datasheet
500Kb / 3P
   Voltage Converter
logo
Linear Technology
LT1026 LINER-LT1026_03 Datasheet
153Kb / 8P
   Voltage Converter
LT1026 LINER-LT1026_15 Datasheet
163Kb / 8P
   Voltage Converter
logo
New Japan Radio
NJU7662 NJRC-NJU7662 Datasheet
262Kb / 6P
   VOLTAGE CONVERTER?
logo
Pepperl+Fuchs Inc.
LB5106A PF-LB5106A Datasheet
564Kb / 3P
   Voltage Converter
2021-12-01
logo
Texas Instruments
TL7660 TI1-TL7660_14 Datasheet
761Kb / 23P
[Old version datasheet]   CMOS VOLTAGE CONVERTER
logo
WOLFSPEED, INC.
AM4221 WOLFSPEED-AM4221 Datasheet
123Kb / 10P
   VOLTAGE/CURRENT CONVERTER
April 99 Rev. 2.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com