Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMJE-XV08W2P4 Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # SMJE-XV08W2P4
Description  Integrated AC LED Solution
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SMJE-XV08W2P4 Datasheet(HTML) 3 Page - Seoul Semiconductor

  SMJE-XV08W2P4 Datasheet HTML 1Page - Seoul Semiconductor SMJE-XV08W2P4 Datasheet HTML 2Page - Seoul Semiconductor SMJE-XV08W2P4 Datasheet HTML 3Page - Seoul Semiconductor SMJE-XV08W2P4 Datasheet HTML 4Page - Seoul Semiconductor SMJE-XV08W2P4 Datasheet HTML 5Page - Seoul Semiconductor SMJE-XV08W2P4 Datasheet HTML 6Page - Seoul Semiconductor SMJE-XV08W2P4 Datasheet HTML 7Page - Seoul Semiconductor SMJE-XV08W2P4 Datasheet HTML 8Page - Seoul Semiconductor SMJE-XV08W2P4 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
www.seoulsemicon.com
Product Data Sheet
Acrich2
– 8.7W
3
Performance Characteristics
Unit는 표우측으로 지정
Table 3. Electro Optical Characteristics, T
a = 25ºC
Parameter
Symbol
Value
Unit
Mark
Min.
Typ.
Max.
Luminous Flux
Ф
V
[2]
540
670
-
lm
-
Correlated Color
Temperature [3]
CCT
5300
5600
6000
K
B
4700
5000
5300
C
3700
4000
4200
E
2900
3000
3200
G
2600
2700
2900
H
CRI
Ra
80
-
-
-
Input Voltage [4]
V
in
120
Vac
2V
220
3V
Power Consumption
P
8.0
8.7
9.3
W
08W
Operating Frequency
f
50 / 60
Hz
Power Factor
PF
Over 0.97
-
Viewing Angle
1/2
120
deg.
Notes :
(1) At 120Vac/220Vac, T
a = 25ºC
(2) Ф
V is the total luminous flux output measured with an integrated sphere.
(3) Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram.
(4) Operating Voltage doesn't indicate the maximum voltage which customers use but means
tolerable voltage according to each country’s voltage variation rate. It is recommended that the
solder pad temperature should be below 70℃.


Similar Part No. - SMJE-XV08W2P4

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SMJE-XV08W1P SEOUL-SMJE-XV08W1P Datasheet
1Mb / 26P
   Integrated AC LED Solution
More results

Similar Description - SMJE-XV08W2P4

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SMJD-XV16W2P SEOUL-SMJD-XV16W2P Datasheet
1Mb / 27P
   Integrated AC LED Solution
SMJE-XV08W1P SEOUL-SMJE-XV08W1P Datasheet
1Mb / 26P
   Integrated AC LED Solution
SMJD-XH16W4PX SEOUL-SMJD-XH16W4PX Datasheet
1Mb / 28P
   Integrated AC LED Solution
SMJE-XD12W4PX SEOUL-SMJE-XD12W4PX Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJD-XD16W4PX SEOUL-SMJD-XD16W4PX Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJD-XG16W4PX SEOUL-SMJD-XG16W4PX Datasheet
1Mb / 28P
   Integrated AC LED Solution
SMJE-XD08W4PX SEOUL-SMJE-XD08W4PX Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJL-2C24W4P3 SEOUL-SMJL-2C24W4P3 Datasheet
886Kb / 26P
   Integrated AC LED Solution
SMJC-XV08W2P4 SEOUL-SMJC-XV08W2P4 Datasheet
976Kb / 23P
   Integrated AC LED Solution
SMJD-XV12W2P SEOUL-SMJD-XV12W2P Datasheet
1Mb / 26P
   Integrated AC LED Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com