Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAW8KG0B Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # SAW8KG0B
Description  Superior high Flux for High Voltage System
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAW8KG0B Datasheet(HTML) 3 Page - Seoul Semiconductor

  SAW8KG0B Datasheet HTML 1Page - Seoul Semiconductor SAW8KG0B Datasheet HTML 2Page - Seoul Semiconductor SAW8KG0B Datasheet HTML 3Page - Seoul Semiconductor SAW8KG0B Datasheet HTML 4Page - Seoul Semiconductor SAW8KG0B Datasheet HTML 5Page - Seoul Semiconductor SAW8KG0B Datasheet HTML 6Page - Seoul Semiconductor SAW8KG0B Datasheet HTML 7Page - Seoul Semiconductor SAW8KG0B Datasheet HTML 8Page - Seoul Semiconductor SAW8KG0B Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
www.seoulsemicon.com
Product Data Sheet
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
3
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
MJT 5630-Acrich MJT
Rev7.0
Performance Characteristics
 전기적 특성 및 광 특성 스펙 테이블
Table 2. Electro Optical Characteristics, I
F=20mA, Tj = 25ºC, RH30%
Notes :
Part Number
CCT (K) [1]
RANK
Luminous Intensity [2]
Luminous Flux [3]
CRI
IV (cd)
ФV (lm)
Ra
Typ.
Min
Max
Min
Max
Min.
SAW8KG0B
7000~4700
X8
14.8
16.1
45.9
49.9
80
Y1
16.1
17.4
49.9
53.9
80
Z4
17.4
19.0
53.9
58.9
80
J0
19.0
20.3
58.9
62.9
80
K3
20.3
21.6
62.9
67.0
80
4700~3700
X8
14.8
16.1
45.1
49.1
80
Y1
16.1
17.4
49.1
53.1
80
Z4
17.4
19.0
53.1
58.0
80
J0
19.0
20.3
58.0
61.9
80
K3
20.3
21.6
61.9
65.9
80
3700~2600
W5
13.5
14.8
40.5
44.4
80
X8
14.8
16.1
44.4
48.3
80
Y1
16.1
17.4
48.3
52.2
80
Z4
17.4
19.0
52.2
57.0
80
J0
19.0
20.3
57.0
60.9
80
(1) Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram.
Color coordinate :
0.007
(2) Seoul Semiconductor maintains a tolerance of
7% on Intensity and power measurements.
The luminous intensity IV was measured at the peak of the spatial pattern which may not be
aligned with the mechanical axis of the LED package.
(3) Calculated performance values are for reference only.


Similar Part No. - SAW8KG0B

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SAW8KG08 SEOUL-SAW8KG08 Datasheet
267Kb / 10P
   White colored SMT package Pb-free RefloW Soldering
More results

Similar Description - SAW8KG0B

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SAW09A0A SEOUL-SAW09A0A Datasheet
789Kb / 21P
   Superior high Flux for High Voltage System
ST75LAPA SEOUL-ST75LAPA Datasheet
654Kb / 23P
   Superior high Flux for High Voltage System
SAW0LA0A SEOUL-SAW0LA0A Datasheet
816Kb / 24P
   Superior high Flux for High Voltage System
SAW09H0A SEOUL-SAW09H0A Datasheet
823Kb / 24P
   Superior high Flux for High Voltage System
SAWX9D0A SEOUL-SAWX9D0A Datasheet
708Kb / 20P
   Superior high Flux for High Voltage System
SAW8LA0A SEOUL-SAW8LA0A Datasheet
859Kb / 25P
   Superior high Flux for High Voltage System
SAW9KG0B SEOUL-SAW9KG0B Datasheet
1Mb / 23P
   Superior high Flux for High Voltage System
SAW8FS72A SEOUL-SAW8FS72A Datasheet
1Mb / 31P
   Superior high Flux for High Voltage System
SAW0LH0A SEOUL-SAW0LH0A Datasheet
791Kb / 22P
   Superior high Flux for High Current System
SDW03F1C SEOUL-SDW03F1C Datasheet
477Kb / 20P
   Superior high Flux for High Current System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com