Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1020 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1020
Description  Micropower Regulator and Comparator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1020 Datasheet(HTML) 1 Page - Linear Technology

  LT1020 Datasheet HTML 1Page - Linear Technology LT1020 Datasheet HTML 2Page - Linear Technology LT1020 Datasheet HTML 3Page - Linear Technology LT1020 Datasheet HTML 4Page - Linear Technology LT1020 Datasheet HTML 5Page - Linear Technology LT1020 Datasheet HTML 6Page - Linear Technology LT1020 Datasheet HTML 7Page - Linear Technology LT1020 Datasheet HTML 8Page - Linear Technology LT1020 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1020
Micropower Regulator
and Comparator
S
FEATURE
s
40
µA Supply Current
s
125mA Output Current
s
2.5V Reference Voltage
s
Reference Output Sources 1mA and Sinks 0.5mA
s
Dual Output Comparator
s
Comparator Sinks 10mA
s
Dropout Detector
s
0.2V Dropout Voltage
s
Thermal Limiting
s
Available in SO Package
S
APPLICATI
s
Battery Systems
s
Battery Backup Systems
s
Portable Terminals
s
Portable Instruments
The LT1020 is a combination micropower positive regula-
tor and free collector comparator on a single monolithic
chip. With only 40
µA supply current, the LT1020 can
supply over 125mA of output current. Input voltage range
is from 4.5V to 36V and dropout voltage is 0.6V at 125mA.
Dropout voltage decreases with lower load currents. Also
included on the chip is a class B output 2.5V reference that
can either source or sink current. A dropout detector
provides an output current to indicate when the regulator
is about to drop out of regulation.
The dual output comparator can be used as a comparator
for system or battery monitoring. For example, the com-
parator can be used to warn of low system voltage while
the dropout detector shuts down the system to prevent
abnormal operation. Frequency compensation of the com-
parator for amplifier applications can be obtained by
adding external output capacitance. Dual output or posi-
tive and negative regulators can also be made.
The 2.5V reference will source or sink current. This allows
it to be used as a supply splitter or auxiliary output.
DESCRIPTIO
APPLICATI
TYPICAL
5V Regulator
Dropout Voltage and Supply Current
+
VIN > 5.2V
IQ = 40µA
10
µF
10
µF
0.001
µF
1M
1M
5V
2
11
3
9
VIN
VOUT
FB
GND
+
LT1020
1020 TA01
OUTPUT CURRENT (mA)
0.1
0.01
0.1
1
10
1000
1020 TA02
1
100
0.1
1
10


Similar Part No. - LT1020

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1020 LINER-LT1020 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT1020 LINER-LT1020 Datasheet
272Kb / 16P
   Micropower Regulator and Comparator
logo
Taiyo Yuden (U.S.A.), I...
LT10202R7685 TAIYO-YUDEN-LT10202R7685 Datasheet
298Kb / 2P
   Cylinder Type Electric Double-Layer Capacitor[RSELT]
2021.11.26
LT10202R7685 TAIYO-YUDEN-LT10202R7685 Datasheet
298Kb / 2P
   Cylinder Type Electric Double-Layer Capacitor
2022.08.22
logo
Linear Technology
LT1020CJ LINER-LT1020CJ Datasheet
262Kb / 16P
   Micropower Regulator and Comparator
More results

Similar Description - LT1020

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1020 LINER-LT1020_03 Datasheet
262Kb / 16P
   Micropower Regulator and Comparator
LT1020CS LINER-LT1020CS Datasheet
245Kb / 4P
   Micropower Regulator and Comparator?
LT1020 LINER-LT1020_15 Datasheet
272Kb / 16P
   Micropower Regulator and Comparator
LT1120 LINER-LT1120 Datasheet
152Kb / 12P
   Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A_15 Datasheet
169Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A Datasheet
217Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1120 LINER-LT1120_15 Datasheet
140Kb / 12P
   Micropower Regulator with Comparator and Shutdown
LT1120 LINER-LT1120_03 Datasheet
185Kb / 12P
   Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A_04 Datasheet
159Kb / 8P
   Micropower Regulator with Comparator and Shutdown
logo
Texas Instruments
TLV1701 TI1-TLV1701_15 Datasheet
2Mb / 33P
[Old version datasheet]   microPower Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com