Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1011AMH Datasheet(PDF) 10 Page - Linear Technology

Part # LT1011AMH
Description  Voltage Comparator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1011AMH Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1011AMH Datasheet HTML 6Page - Linear Technology LT1011AMH Datasheet HTML 7Page - Linear Technology LT1011AMH Datasheet HTML 8Page - Linear Technology LT1011AMH Datasheet HTML 9Page - Linear Technology LT1011AMH Datasheet HTML 10Page - Linear Technology LT1011AMH Datasheet HTML 11Page - Linear Technology LT1011AMH Datasheet HTML 12Page - Linear Technology LT1011AMH Datasheet HTML 13Page - Linear Technology LT1011AMH Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1011/LT1011A
+
LT1011
2
7
6
NOTE: DO NOT GROUND STROBE PIN
TTL
STROBE
1k
3
1011 TA04
Strobing
TYPICAL APPLICATIONS
+
LT1011
INPUTS*
2
7
L1
4
1
8
V
INPUT POLARITY IS REVERSED
WHEN USING PIN 1 AS OUTPUT
V ++ MAY BE ANY VOLTAGE ABOVE V .
PIN 1 SWINGS TO WITHIN
≈2V OF V++
*
**
V ++**
V +
3
1011 TA07
Driving Ground Referred Load
+
LT1011
2
HIGH
LIMIT
LOW
LIMIT
7
V +
RL
OUTPUT HIGH
INSIDE “WINDOW”
AND LOW ABOVE
HIGH LIMIT OR
BELOW LOW LIMIT
1
3
VIN
1011 TA08
+
LT1011
2
7
1
3
Window Detector
+
LT1011
2
R1
D2
VOLTAGE
INPUT
7
1011 TA09
OUTPUT
GROUND OR
LOW IMPEDANCE
REFERENCE
3
CURRENT MODE
INPUT
(DAC, ETC)
D1
*SEE CURVE, “RESPONSE TIME vs INPUT STEP SIZE”
+
LT1011
2
7
1k
5V
10k
1
4
8
3
1011 TA10
50k
OUT
10k
10k
100pF
85kHz
Using Clamp Diodes to Improve Frequency Response*
Crystal Oscillator
+
LT1011
3
60Hz
INPUT
7
5V
R2
75k
5V
4
1
8
2
5V
1011 TA11
R3
1k
OUTPUT
60Hz
R4
27k
*
**
INCREASE R1 FOR LARGER INPUT VOLTAGES
LT1011 SELF OSCILLATES AT
≈60Hz CAUSING
IT TO “LOCK” ONTO INCOMING LINE SIGNAL
C1
0.22
µF
R5
10k
R6
27k
R1*
330k
2VRMS
TO
25VRMS
Noise Immune 60Hz Line Sync**
+
+
LT1011
2
15V
– 5V TO
–15V
0V TO 10V
INPUT
8
3
C2*
0.1
µF
R5
100k
C3
0.1
µF
R4
1k
R3/C2 DETERMINES OSCILLATION
FREQUENCY OF CONTROLLER
Q1 OPERATES IN SWITCH MODE
*
**
R6
2k
MOTOR
MOTOR-TACH
GLOBE 397A120-2
TACH
R7
1k
1011 TA12
R2
470
R1
1k
R3*
10k
1N4002
C1
50
µF
Q1
2N6667
15V
1
7
4
High Efficiency** Motor Speed Controller


Similar Part No. - LT1011AMH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1011AMH LINER-LT1011AMH Datasheet
257Kb / 16P
   Voltage Comparator
LT1011AMH LINER-LT1011AMH Datasheet
239Kb / 20P
   Pin Compatible with LM111 Series Devices
More results

Similar Description - LT1011AMH

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51206TL MITSUBISHI-M51206TL Datasheet
115Kb / 4P
   VOLTAGE COMPARATOR?
logo
Linear Technology
LT1011A LINER-LT1011A_15 Datasheet
294Kb / 20P
   Voltage Comparator
logo
Austin Semiconductor
AS111 AUSTIN-AS111 Datasheet
2Mb / 21P
   Voltage Comparator
AS111R AUSTIN-AS111R Datasheet
1Mb / 22P
   Voltage Comparator
logo
National Semiconductor ...
LM111JAN NSC-LM111JAN Datasheet
798Kb / 26P
   Voltage Comparator
logo
Linear Technology
RH1011 LINER-RH1011 Datasheet
144Kb / 4P
   Voltage Comparator
logo
JSC ALFA.
AS527 ALFA-AS527 Datasheet
207Kb / 3P
   Voltage comparator
logo
National Semiconductor ...
MDLM111-X NSC-MDLM111-X Datasheet
303Kb / 17P
   VOLTAGE COMPARATOR
logo
NXP Semiconductors
NE527 PHILIPS-NE527 Datasheet
131Kb / 5P
   Voltage comparator
August 31, 1994
logo
Linear Technology
RH111 LINER-RH111 Datasheet
143Kb / 4P
   Voltage Comparator
RH1011 LINER-RH1011_15 Datasheet
70Kb / 2P
   Voltage Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com