Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1011 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1011
Description  Voltage Comparator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1011 Datasheet(HTML) 1 Page - Linear Technology

  LT1011 Datasheet HTML 1Page - Linear Technology LT1011 Datasheet HTML 2Page - Linear Technology LT1011 Datasheet HTML 3Page - Linear Technology LT1011 Datasheet HTML 4Page - Linear Technology LT1011 Datasheet HTML 5Page - Linear Technology LT1011 Datasheet HTML 6Page - Linear Technology LT1011 Datasheet HTML 7Page - Linear Technology LT1011 Datasheet HTML 8Page - Linear Technology LT1011 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1011/LT1011A
Voltage Comparator
The LT
®1011 is a general purpose comparator with sig-
nificantly better input characteristics than the LM111.
Although pin compatible with the LM111, it offers four
times lower bias current, six times lower offset voltage and
five times higher voltage gain. Offset voltage drift, a
previously unspecified parameter, is guaranteed at
15
µV/°C. Additionally, the supply current is lower by a
factor of two with no loss in speed. The LT1011 is several
times faster than the LM111 when subjected to large
overdrive conditions. It is also fully specified for DC
parameters and response time when operating on a single
5V supply. These parametric improvements allow the
LT1011 to be used in high accuracy (
≥12-bit) systems
without trimming. In a 12-bit A/D application, for instance,
using a 2mA DAC, the offset error introduced by the
LT1011 is less than 0.5LSB. The LT1011 retains all the
versatile features of the LM111, including single 3V to
±18V supply operation, and a floating transistor output
with 50mA source/sink capability. It can drive loads refer-
enced to ground, negative supply or positive supply, and
is specified up to 50V between Vand the collector output.
A differential input voltage up to the full supply voltage is
allowed, even with
±18V supplies, enabling the inputs to
be clamped to the supplies with simple diode clamps.
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Pin Compatible with LM111 Series Devices
s
Guaranteed Max 0.5mV Input Offset Voltage
s
Guaranteed Max 25nA Input Bias Current
s
Guaranteed Max 3nA Input Offset Current
s
Guaranteed Max 250ns Response Time
s
Guaranteed Min 200,000 Voltage Gain
s
50mA Output Current Source or Sink
s
±30V Differential Input Voltage
s
Fully Specified for Single 5V Operation
s
SAR A/D Converters
s
Voltage-to-Frequency Converters
s
Precision RC Oscillator
s
Peak Detector
s
Motor Speed Control
s
Pulse Generator
s
Relay/Lamp Driver
10
µs 12-Bit A/D Converter
FEATURES
APPLICATIO S
TYPICAL APPLICATIO
DESCRIPTIO
6012
12-BIT
D/A CONVERTER
12
PARALLEL
OUTPUTS
PARALLEL
OUTPUTS
*R2 AND R4
SHOULD TC TRACK
R6
820
R3
6.98k
R2*
6.49k
R1
1k
FULL-SCALE
TRIM
LM329
7V
R4*
2.49k
R5
1k
11 10 9
8
7
6
5
4
32
2
3
0.001
µF
7
1
20
14
15
16
17
19
18
–15V
3.9k
15V
15V
13
24
5V
45678916 17 18 19 20 21
SERIAL OUTPUT
INPUT
0V TO 10V
5V
7475
LATCH
AM2504
SAR REGISTER
START
CLOCK f = 1.4MHz
1011 TA01
12
SCP
D
CC
S
E
+
LT1011A
OVERDRIVE (mV)
0.1
200
250
300
350
400
1
10
100
1011 TA02
150
100
50
0
450
500
FALLING
OUTPUT
RISING
OUTPUT
Response Time vs Overdrive


Similar Part No. - LT1011

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1011 LINER-LT1011 Datasheet
257Kb / 16P
   Voltage Comparator
LT1011 LINER-LT1011 Datasheet
239Kb / 20P
   Pin Compatible with LM111 Series Devices
LT1011A LINER-LT1011A Datasheet
239Kb / 20P
   Pin Compatible with LM111 Series Devices
LT1011A LINER-LT1011A Datasheet
294Kb / 20P
   Voltage Comparator
LT1011ACH LINER-LT1011ACH Datasheet
257Kb / 16P
   Voltage Comparator
More results

Similar Description - LT1011

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51206TL MITSUBISHI-M51206TL Datasheet
115Kb / 4P
   VOLTAGE COMPARATOR?
logo
Linear Technology
LT1011A LINER-LT1011A_15 Datasheet
294Kb / 20P
   Voltage Comparator
logo
Austin Semiconductor
AS111 AUSTIN-AS111 Datasheet
2Mb / 21P
   Voltage Comparator
AS111R AUSTIN-AS111R Datasheet
1Mb / 22P
   Voltage Comparator
logo
National Semiconductor ...
LM111JAN NSC-LM111JAN Datasheet
798Kb / 26P
   Voltage Comparator
logo
Linear Technology
RH1011 LINER-RH1011 Datasheet
144Kb / 4P
   Voltage Comparator
logo
JSC ALFA.
AS527 ALFA-AS527 Datasheet
207Kb / 3P
   Voltage comparator
logo
National Semiconductor ...
MDLM111-X NSC-MDLM111-X Datasheet
303Kb / 17P
   VOLTAGE COMPARATOR
logo
NXP Semiconductors
NE527 PHILIPS-NE527 Datasheet
131Kb / 5P
   Voltage comparator
August 31, 1994
logo
Linear Technology
RH111 LINER-RH111 Datasheet
143Kb / 4P
   Voltage Comparator
RH1011 LINER-RH1011_15 Datasheet
70Kb / 2P
   Voltage Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com