Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1147-3.3 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1147-3.3
Description  High Efficiency Step-Down Switching Regulator Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1147-3.3 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1147-3.3_15 Datasheet HTML 2Page - Linear Technology LTC1147-3.3_15 Datasheet HTML 3Page - Linear Technology LTC1147-3.3_15 Datasheet HTML 4Page - Linear Technology LTC1147-3.3_15 Datasheet HTML 5Page - Linear Technology LTC1147-3.3_15 Datasheet HTML 6Page - Linear Technology LTC1147-3.3_15 Datasheet HTML 7Page - Linear Technology LTC1147-3.3_15 Datasheet HTML 8Page - Linear Technology LTC1147-3.3_15 Datasheet HTML 9Page - Linear Technology LTC1147-3.3_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1147-3.3
LTC1147-5/LTC1147L
sn1147 1147fds
(Pin 3) to increase the current comparator threshold, thus
tracking the load current.
The sequence of events for Burst Mode operation is very
similar to continuous operation with the cycle interrupted
by the voltage comparator. When the output voltage is at
or above the desired regulated value, the P-channel MOS-
FET is held off by comparator V and the timing capacitor
continues to discharge below VTH1. When the timing
capacitor discharges past VTH2, voltage comparator S
trips, causing the internal sleep line to go low.
The circuit now enters sleep mode with the power MOS-
FET turned off. In sleep mode, a majority of the circuitry is
turned off, dropping the quiescent current from 1.6mA to
160
µA. The load current is now being supplied from the
output capacitor. When the output voltage has dropped by
the amount of hysteresis in comparator V, the P-channel
MOSFET is again turned on and this process repeats.
To avoid the operation of the current loop interfering with
Burst Mode operation, a built-in offset VOS is incorporated
in the gain stage. This prevents the current comparator
threshold from increasing until the output voltage has
dropped below a minimum threshold.
Using constant off-time architecture, the operating fre-
quency is a function of the input voltage. To minimize the
frequency variation as dropout is approached, the off-time
controller increases the discharge current as VIN drops
below VOUT + 1.5V. In dropout the P-channel MOSFET is
turned on continuously (100% duty cycle), providing low
dropout operation with VOUT ≈ VIN.
The LTC1147 series uses a current mode, constant off-
time architecture to switch an external P-channel power
MOSFET. Operating frequency is set by an external capaci-
tor at CT (Pin 2).
The output voltage is sensed by an internal voltage divider
connected to SENSE(Pin 4). A voltage comparator V, and
a gain block G, compare the divided output voltage with a
reference voltage of 1.25V. To optimize efficiency, the
LTC1147 series automatically switchs between two modes
of operation, burst and continuous. The voltage compara-
tor is the primary control element when the device is in
Burst Mode operation, while the gain block controls the
output voltage in continuous mode.
During the switch “on” cycle in continuous mode, current
comparator C monitors the voltage between Pins 4 and 5
connected across an external shunt in series with the
inductor. When the voltage across the shunt reaches its
threshold value, the PDRIVE output is switched to VIN,
turning off the P-channel MOSFET. The timing capacitor
connected to Pin 2 is now allowed to discharge at a rate
determined by the off-time controller. The discharge cur-
rent is made proportional to the output voltage (measured
by Pin 4) to model the inductor current, which decays at
a rate which is also proportional to the output voltage.
When the voltage on the timing capacitor has discharged
past VTH1, comparator T trips, setting the flip-flop. This
causes the PDRIVE output to go low turning the P-channel
MOSFET back on. The cycle then repeats.
As the load current increases, the output voltage de-
creases slightly. This causes the output of the gain stage
LTC1147L Adjustable Applications
When an output voltage other than 3.3V or 5V is required,
the LTC1147L adjustable version is used with an external
resistive divider from VOUT to VFB (Pin 6) (see Figure 7).
The regulated voltage is determined by:
VOUT = 1.25
R2
R1
)
) 1+
To prevent stray pickup a 100pF capacitor is suggested
across R1 located close to the LTC1147L.
For Figure 1 applications with VOUT below 2V, or when
RSENSE is moved to ground, the current sense comparator
inputs operate near ground. When the current comparator
is operated at less than 2V common mode, the off-time
increases approximately 40%, requiring the use of a
smaller timing capacitor CT.
APPLICATIO S I FOR ATIO
OPERATIO
(Refer to Functional Diagram)


Similar Part No. - LTC1147-3.3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1147-3.3 LINER-LTC1147-3.3 Datasheet
218Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
More results

Similar Description - LTC1147-3.3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1147-5 LINER-LTC1147-5_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
logo
Analog Devices
ADP1147 AD-ADP1147 Datasheet
195Kb / 12P
   High Efficiency Step-Down Switching Regulator Controllers
REV. 0
logo
Linear Technology
LTC1147L LINER-LTC1147L_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1147-3.3 LINER-LTC1147-3.3 Datasheet
218Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1143 LINER-LTC1143_15 Datasheet
320Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
LTC1143L-ADJ LINER-LTC1143L-ADJ_15 Datasheet
320Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
LTC1143 LINER-LTC1143 Datasheet
372Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
LTC1143L LINER-LTC1143L_15 Datasheet
320Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
logo
Rohm
BD9137MUV ROHM-BD9137MUV Datasheet
590Kb / 17P
   High Efficiency Step-down Switching Regulator
logo
Analog Devices
ADP1147 AD-ADP1147_15 Datasheet
203Kb / 12P
   High Efficiency Step-Down Switching Regulator Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com