Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1940L Datasheet(PDF) 11 Page - Linear Technology

Part # LT1940L
Description  Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1940L Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1940L_15 Datasheet HTML 7Page - Linear Technology LT1940L_15 Datasheet HTML 8Page - Linear Technology LT1940L_15 Datasheet HTML 9Page - Linear Technology LT1940L_15 Datasheet HTML 10Page - Linear Technology LT1940L_15 Datasheet HTML 11Page - Linear Technology LT1940L_15 Datasheet HTML 12Page - Linear Technology LT1940L_15 Datasheet HTML 13Page - Linear Technology LT1940L_15 Datasheet HTML 14Page - Linear Technology LT1940L_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT1940/LT1940L
11
1940fa
Table 2. Low-ESR Surface Mount Capacitors
Vendor
Type
Series
Taiyo Yuden
Ceramic X5R, X7R
AVX
Ceramic X5R, X7R
Tantalum
TPS
Kemet
Tantalum
T491,T494,T495
Ta Organic
T520
Al Organic
A700
Sanyo
Ta or Al Organic
POSCAP
Panasonic
Al Organic
SP CAP
TDK
Ceramic X5R, X7R
Catch Diode
Use a 1A Schottky diode for the catch diode (D1 in
Figure 2). The diode must have a reverse voltage rating
greater than the maximum input voltage. The ON Semi-
conductor MBRM120LT3 (20V) and MBRM130LT3 (30V)
are good choices; they have a tiny package with good
thermal properties. Many vendors have surface mount
versions of the 1N5817 (20V) and 1N5818 (30V) 1A
Schottky diodes such as the Microsemi UPS120 that are
suitable.
Boost Pin Considerations
The capacitor and diode tied to the BOOST pin generate a
voltage that is higher than the input voltage. In most cases
a 0.1
µF capacitor and fast switching diode (such as the
CMDSH-3 or FMMD914) will work well. Figure 3 shows
three ways to arrange the boost circuit. The BOOST pin
must be more than 2.5V above the SW pin for full effi-
ciency. For outputs of 3.3V and higher the standard circuit
(Figure 3a) is best. For outputs between 2.8V and 3.3V,
use a small Schottky diode (such as the BAT-54). For lower
output voltages the boost diode can be tied to the input
(Figure 3b). The circuit in Figure 3a is more efficient
because the BOOST pin current comes from a lower
voltage source. Finally, as shown in Figure 3c, the anode
of the boost diode can be tied to another source that is at
least 3V. For example, if you are generating 3.3V and 1.8V
and the 3.3V is on whenever the 1.8V is on, the 1.8V boost
diode can be connected to the 3.3V output. In any case,
you must also be sure that the maximum voltage at the
BOOST pin is less than the maximum specified in the
Absolute Maximum Ratings section.
Figure 3. Generating the Boost Voltage
VIN
BOOST
GND
SW
VIN
LT1940
(3a)
D2
VOUT
C3
VBOOST – VSW ≅ VOUT
MAX VBOOST ≅ VIN + VOUT
VIN
BOOST
GND
SW
VIN
LT1940
(3b)
D2
VOUT
C3
VBOOST – VSW ≅ VIN
MAX VBOOST ≅ 2VIN
VIN
BOOST
GND
SW
VIN
LT1940
(3d)
1940 F03
VOUT
MAX VBOOST – VSW ≅ VIN2
MAX VBOOST ≅ VIN2
MINIMUM VALUE FOR VIN2 = VIN + 3V
VIN2
>VIN + 3V
D2
VIN
BOOST
GND
SW
VIN
LT1940
(3c)
1940 F03
VOUT
VBOOST – VSW ≅ VIN2
MAX VBOOST ≅ VIN2 + VIN
MINIMUM VALUE FOR VIN2 = 3V
D2
VIN2 > 3V
C3
APPLICATIO S I FOR ATIO


Similar Part No. - LT1940L_15

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT1940LEFE LINEAR_DIMENSIONS-LT1940LEFE Datasheet
286Kb / 20P
   Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
More results

Similar Description - LT1940L_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1940 LINER-LT1940_15 Datasheet
286Kb / 20P
   Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
logo
Linear Dimensions Semic...
LT1940LEFE LINEAR_DIMENSIONS-LT1940LEFE Datasheet
286Kb / 20P
   Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
logo
Linear Technology
LT1940 LINER-LT1940 Datasheet
256Kb / 20P
   Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
LT3508 LINER-LT3508_15 Datasheet
320Kb / 26P
   Dual Monolithic 1.4A Step-Down Switching Regulator
LT3508 LINER-LT3508 Datasheet
316Kb / 24P
   Dual Monolithic 1.4A Step-Down Switching Regulator
LT1936 LINER-LT1936_15 Datasheet
304Kb / 20P
   1.4A, 500kHz Step-Down Switching Regulator
LT1936 LINER-LT1936 Datasheet
298Kb / 20P
   1.4A, 500kHz Step-Down Switching Regulator
LT3506 LINER-LT3506_15 Datasheet
221Kb / 24P
   Dual Monolithic 1.6A Step-Down Switching Regulator
LT3506 LINER-LT3506 Datasheet
679Kb / 24P
   Dual Monolithic 1.6A Step-Down Switching Regulator
LT3506A LINER-LT3506A_15 Datasheet
221Kb / 24P
   Dual Monolithic 1.6A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com