Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1800 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1800
Description  80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amp
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1800 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1800_15 Datasheet HTML 7Page - Linear Technology LT1800_15 Datasheet HTML 8Page - Linear Technology LT1800_15 Datasheet HTML 9Page - Linear Technology LT1800_15 Datasheet HTML 10Page - Linear Technology LT1800_15 Datasheet HTML 11Page - Linear Technology LT1800_15 Datasheet HTML 12Page - Linear Technology LT1800_15 Datasheet HTML 13Page - Linear Technology LT1800_15 Datasheet HTML 14Page - Linear Technology LT1800_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LT1800
11
1800fa
TYPICAL PERFORMANCE CHARACTERISTICS
±5V Large-Signal Response
±5V Small-Signal Response
Output Overdriven Recovery
Maximum Undistorted Output
Signal vs Frequency
5V Large-Signal Response
5V Small-Signal Response
Series Output Resistor
vs Capacitive Load
Distortion vs Frequency
Distortion vs Frequency
CAPACITIVE LOAD (pF)
10
20
30
40
100
1000
10000
1800 G31
10
0
60
50
15
25
35
5
55
45
VS = 5V, 0V
AV = 2
ROS = 10Ω
ROS = RL = 50Ω
ROS = 20Ω
FREQUENCY (MHz)
0.01
–70
–60
–50
–40
0.1
1
10
1800 G32
–80
–90
–100
–110
VS = 5V, 0V
AV = 1
VOUT = 2VP-P
RL = 150 , 2ND
RL = 150Ω, 3RD
RL = 1k, 2ND
RL = 1k, 3RD
FREQUENCY (MHz)
0.01
–70
–60
–50
–40
0.1
1
10
1800 G33
–80
–90
–100
–110
VS = 5V, 0V
AV = 2
VOUT = 2VP-P
RL = 150Ω, 2ND
RL = 150Ω,
3RD
RL = 1k,
2ND
RL = 1k, 3RD
FREQUENCY (Hz)
4.1
4.3
4.5
4.6
1k
100k
1M
10M
1800 G34
3.9
10k
4.4
4.2
4.0
VS = 5V, 0V
RL = 1k
AV = –1
AV = 2
100ns/DIV
1V/DIV
0V
1800 G35
VS = 5V, 0V
AV = 1
RL = 1k
50ns/DIV
50mV/DIV
0V
1800 G36
VS = 5V, 0V
AV = 1
RL = 1k
200ns/DIV
2V/DIV
0V
1800 G37
VS = ±5V
AV = 1
RL = 1k
50ns/DIV
50mV/DIV
0V
1800 G38
VS = ±5V
AV = 1
RL = 1k
100ns/DIV
VOUT
2V/DIV
0V
VIN
1V/DIV
0V
1800 G39
VS = 5V, 0V
AV = 2
RL = 1k


Similar Part No. - LT1800_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1800CS5 LINER-LT1800CS5 Datasheet
266Kb / 16P
   80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1800CS8 LINER-LT1800CS8 Datasheet
266Kb / 16P
   80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1800IS5 LINER-LT1800IS5 Datasheet
266Kb / 16P
   80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1800IS8 LINER-LT1800IS8 Datasheet
266Kb / 16P
   80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
More results

Similar Description - LT1800_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1800 LINER-LT1800 Datasheet
266Kb / 16P
   80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1802 LINER-LT1802_15 Datasheet
351Kb / 20P
   Dual/Quad 80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amps
LT1801 LINER-LT1801_15 Datasheet
351Kb / 20P
   Dual/Quad 80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amps
LT1801 LINER-LT1801 Datasheet
580Kb / 20P
   Dual/Quad 80MHz, 25V/關s Low Power Rail-to-Rail Input and Output Precision Op Amps
logo
Analog Devices
AD8624ARUZ AD-AD8624ARUZ Datasheet
432Kb / 20P
   Low Power, Precision Rail-to-Rail Output Op Amp
REV. C
logo
Linear Technology
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
logo
Analog Devices
AD8624 AD-AD8624 Datasheet
165Kb / 4P
   Quad, Low Power, Precision Rail-to-Rail Output Op Amp
Rev. PrA
AD8622 AD-AD8622_09 Datasheet
590Kb / 20P
   Dual, Low Power, Precision Rail-to-Rail Output Op Amp
REV. 0
logo
Linear Technology
LT1218 LINER-LT1218_15 Datasheet
327Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com