Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1739 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1739
Description  Dual 500mA, 200MHz xDSL Line Driver Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1739 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1739_15 Datasheet HTML 5Page - Linear Technology LT1739_15 Datasheet HTML 6Page - Linear Technology LT1739_15 Datasheet HTML 7Page - Linear Technology LT1739_15 Datasheet HTML 8Page - Linear Technology LT1739_15 Datasheet HTML 9Page - Linear Technology LT1739_15 Datasheet HTML 10Page - Linear Technology LT1739_15 Datasheet HTML 11Page - Linear Technology LT1739_15 Datasheet HTML 12Page - Linear Technology LT1739_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LT1739
1739fas, sn1739
the design of the PCB and card enclosure to take measures
to spread the heat developed in the driver away to the
ambient environment to prevent thermal shutdown (which
occurs when the junction temperature of the LT1739
exceeds 165
°C).
Estimating Line Driver Power Dissipation
Figure 6 is a typical ADSL application shown for the
purpose of estimating the power dissipation in the line
driver. Due to the complex nature of the DMT signal,
which looks very much like noise, it is easiest to use the
RMS values of voltages and currents for estimating the
driver power dissipation. The voltage and current levels
shown for this example are for a full-rate ADSL signal
driving 20dBm or 100mWRMS of power on to the 100Ω
telephone line and assuming a 0.5dBm insertion loss in
the transformer. The quiescent current for the LT1739 is
set to 10mA per amplifier.
The power dissipated in the LT1739 is a combination of the
quiescent power and the output stage power when driving
a signal. The two amplifiers are configured to place a
differential signal on to the line. The Class AB output stage
in each amplifier will simultaneously dissipate power in
the upper power transistor of one amplifier, while sourc-
ing current, and the lower power transistor of the other
amplifier, while sinking current. The total device power
dissipation is then:
PD = PQUIESCENT + PQ(UPPER) + PQ(LOWER)
PD = (V+ – V) • IQ + (V+ – VOUTARMS) •
ILOAD + (V – VOUTBRMS) • ILOAD
With no signal being placed on the line and the amplifier
biased for 10mA per amplifier supply current, the quies-
cent driver power dissipation is:
PDQ = 24V • 20mA = 480mW
This can be reduced in many applications by operating
with a lower quiescent current value.
When driving a load, a large percentage of the amplifier
quiescent current is diverted to the output stage and
becomes part of the load current. Figure 7 illustrates the
total amount of biasing current flowing between the + and
– power supplies through the amplifiers as a function of
load current. As much as 60% of the quiescent no load
operating current is diverted to the load.
APPLICATIO S I FOR ATIO
Figure 6. Estimating Line Driver Power Dissipation
1739 F06
+
B
–IN
+
A
+IN
12V
20mA DC
SHDN
–12V
–2VRMS
17.4
24.9k – SETS IQ PER AMPLIFIER = 10mA
1:1.7
110
1000pF
110
1k
1k
17.4
SHDNREF
100
3.16VRMS
ILOAD = 57mARMS
2VRMS


Similar Part No. - LT1739_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1739CFE LINER-LT1739CFE Datasheet
286Kb / 20P
   Dual 500mA, 200MHz xDSL Line Driver Amplifier
LT1739CUE LINER-LT1739CUE Datasheet
286Kb / 20P
   Dual 500mA, 200MHz xDSL Line Driver Amplifier
LT1739IFE LINER-LT1739IFE Datasheet
286Kb / 20P
   Dual 500mA, 200MHz xDSL Line Driver Amplifier
LT1739IUE LINER-LT1739IUE Datasheet
286Kb / 20P
   Dual 500mA, 200MHz xDSL Line Driver Amplifier
More results

Similar Description - LT1739_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1739 LINER-LT1739 Datasheet
286Kb / 20P
   Dual 500mA, 200MHz xDSL Line Driver Amplifier
LT1794 LINER-LT1794 Datasheet
275Kb / 20P
   Dual 500mA, 200MHz xDSL Line Driver Amplifier
LT1794 LINER-LT1794_15 Datasheet
285Kb / 20P
   Dual 500mA, 200MHz xDSL Line Driver Amplifier
LT6300 LINER-LT6300_15 Datasheet
239Kb / 16P
   500mA, 200MHz xDSL Line Driver in 16-Lead SSOP Package
LT6301 LINER-LT6301_15 Datasheet
252Kb / 16P
   Dual 500mA, Differential xDSL Line Driver in 28-Lead TSSOP Package
LT6301 LINER-LT6301 Datasheet
225Kb / 16P
   Dual 500mA, Differential xDSL Line Driver in 28-Lead TSSOP Package
logo
STMicroelectronics
STLC60133 STMICROELECTRONICS-STLC60133 Datasheet
91Kb / 9P
   XDSL LINE DRIVER
logo
Linear Technology
LT1795 LINER-LT1795 Datasheet
187Kb / 12P
   Dual 500mA/50MHz Current Feedback Line Driver Amplifier
LT1795 LINER-LT1795_15 Datasheet
160Kb / 12P
   Dual 500mA/50MHz Current Feedback Line Driver Amplifier
logo
Intersil Corporation
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
   xDSL Differential Line Driver
February 26, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com