Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1529 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1529
Description  3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1529 Datasheet(HTML) 5 Page - Linear Technology

  LT1529_15 Datasheet HTML 1Page - Linear Technology LT1529_15 Datasheet HTML 2Page - Linear Technology LT1529_15 Datasheet HTML 3Page - Linear Technology LT1529_15 Datasheet HTML 4Page - Linear Technology LT1529_15 Datasheet HTML 5Page - Linear Technology LT1529_15 Datasheet HTML 6Page - Linear Technology LT1529_15 Datasheet HTML 7Page - Linear Technology LT1529_15 Datasheet HTML 8Page - Linear Technology LT1529_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1529
LT1529-3.3/LT1529-5
152935fb
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
LT1529-3.3
GND Pin Current
LT1529-5
GND Pin Current
LT1529
GND Pin Current
LT1529-5
GND Pin Current
GND Pin Current
SHDN Pin Threshold
(Off-to-On)
LT1529-3.3
GND Pin Current
LT1529
GND Pin Current
INPUT VOLTAGE (V)
0
60
80
100
8
LT1529 • G15
40
20
50
70
90
30
10
0
2
4
6
19
3
5
7
10
TJ = 25°C
VOUT = VADJ
*FOR VOUT = 3.75V
RLOAD = 1.25W
ILOAD = 3A*
RLOAD = 2.5Ω
ILOAD = 1.5A*
RLOAD = 5.3Ω
ILOAD = 700mA*
OUTPUT CURRENT (A)
0
0
20
30
40
50
60
70
0.5
1.0
1.5
2.0
LT1529 • G16
2.5
80
90
100
10
3.0
VIN = 3.75V (LT1529)
VIN = 3.3V (LT1529-3.3)
VIN = 5V (LT1529-5)
DEVICE IS OPERATING
IN DROPOUT
TJ = 125°C
TJ = –50°C
TJ = 25°C
SHDN Pin Threshold
(On-to-Off)
TEMPERATURE (°C)
–50
0
0.2
0.6
0.8
1.0
2.0
1.4
0
50
75
LT1529 • G17
0.4
1.6
1.8
1.2
–25
25
100
125
ILOAD = 1mA
TEMPERATURE (°C)
–50
0
0.2
0.6
0.8
1.0
2.0
1.4
0
50
75
LT1529 • G18
0.4
1.6
1.8
1.2
–25
25
100
125
ILOAD = 3A
ILOAD = 1mA
INPUT VOLTAGE (V)
0
3.0
4.0
5.0
8
LT1529 • G10
2.0
1.0
2.5
3.5
4.5
1.5
0.5
0
2
4
6
19
3
5
7
10
TJ = 25°C
VOUT = VSENSE
*FOR VOUT = 3.3V
RLOAD = 6.6Ω
ILOAD = 500mA*
RLOAD = 11Ω
ILOAD = 300mA*
RLOAD = 33Ω
ILOAD = 100mA*
RLOAD = 330Ω
ILOAD = 10mA*
INPUT VOLTAGE (V)
0
60
80
100
8
LT1529 • G13
40
20
50
70
90
30
10
0
2
4
6
19
3
5
7
10
TJ = 25°C
VOUT = VSENSE
RLOAD = 1.1Ω
ILOAD = 3A*
RLOAD = 2.2Ω
ILOAD = 1.5A*
RLOAD = 4.7Ω
ILOAD = 700mA*
*FOR VOUT = 3.3V
INPUT VOLTAGE (V)
0
60
80
100
8
LT1529 • G14
40
20
50
70
90
30
10
0
2
4
6
19
3
5
7
10
TJ = 25°C
VOUT = VSENSE
*FOR VOUT = 5V
RLOAD = 1.7Ω
ILOAD = 3A*
RLOAD = 3.3Ω
ILOAD = 1.5A*
RLOAD = 7.1Ω
ILOAD = 700mA*
INPUT VOLTAGE (V)
0
3.0
4.0
5.0
8
LT1529 • G11
2.0
1.0
2.5
3.5
4.5
1.5
0.5
0
2
4
6
19
3
5
7
10
TJ = 25°C
VOUT = VSENSE
*FOR VOUT = 5V
RLOAD = 10Ω
ILOAD = 500mA*
RLOAD = 16.6Ω
ILOAD = 300mA*
RLOAD = 500Ω
ILOAD = 10mA*
RLOAD = 50Ω
ILOAD = 100mA*
INPUT VOLTAGE (V)
0
3.0
4.0
5.0
8
LT1529 • G12
2.0
1.0
2.5
3.5
4.5
1.5
0.5
0
2
4
6
19
3
5
7
10
TJ = 25°C
VOUT = VADJ
*FOR VOUT =
3.75V
RLOAD = 7.5Ω
ILOAD = 500mA*
RLOAD = 12.5Ω
ILOAD = 300mA*
RLOAD = 375Ω
ILOAD = 10mA*
RLOAD = 38Ω
ILOAD = 100mA*


Similar Part No. - LT1529_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1529-3.3 LINER-LT1529-3.3 Datasheet
139Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529-3.3 LINER-LT1529-3.3_15 Datasheet
155Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529-5 LINER-LT1529-5 Datasheet
139Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529-5 LINER-LT1529-5_15 Datasheet
155Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529CQ LINER-LT1529CQ Datasheet
139Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
More results

Similar Description - LT1529_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1529 LINER-LT1529 Datasheet
139Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529-3.3 LINER-LT1529-3.3_15 Datasheet
155Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529-5 LINER-LT1529-5_15 Datasheet
155Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521-3 LINER-LT1521-3_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
logo
Linear Dimensions Semic...
LT1521CS8-3-PBF LINEAR_DIMENSIONS-LT1521CS8-3-PBF Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
logo
Linear Technology
LT1521-3.3 LINER-LT1521-3.3_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521 LINER-LT1521 Datasheet
294Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521 LINER-LT1521_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521-5 LINER-LT1521-5_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1129IST-3-3 LINER-LT1129IST-3-3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com