Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1308A Datasheet(PDF) 3 Page - Linear Technology

Part # LT1308A
Description  High Current, Micropower Single Cell, 600kHz DC/DC Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1308A Datasheet(HTML) 3 Page - Linear Technology

  LT1308A_15 Datasheet HTML 1Page - Linear Technology LT1308A_15 Datasheet HTML 2Page - Linear Technology LT1308A_15 Datasheet HTML 3Page - Linear Technology LT1308A_15 Datasheet HTML 4Page - Linear Technology LT1308A_15 Datasheet HTML 5Page - Linear Technology LT1308A_15 Datasheet HTML 6Page - Linear Technology LT1308A_15 Datasheet HTML 7Page - Linear Technology LT1308A_15 Datasheet HTML 8Page - Linear Technology LT1308A_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT1308A/LT1308B
3
1308abfb
The
l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. Commercial Grade 0°C to 70°C. VIN = 1.1V, VSHDN = VIN, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IQ
Quiescent Current
Not Switching, LT1308A
Switching, LT1308B
VSHDN = 0V (LT1308A/LT1308B)
140
2.5
0.01
240
4
1
μA
mA
μA
VFB
Feedback Voltage
l
1.20
1.22
1.24
V
IB
FB Pin Bias Current
(Note 3)
l
27
80
nA
Reference Line Regulation
1.1V ≤ VIN ≤ 2V
2V ≤ VIN ≤ 10V
l
0.03
0.01
0.4
0.2
%/V
%/V
Minimum Input Voltage
0.92
1
V
gm
Error Amp Transconductance
∆I = 5μA
60
μmhos
AV
Error Amp Voltage Gain
100
V/V
fOSC
Switching Frequency
VIN = 1.2V
l
500
600
700
kHz
Maximum Duty Cycle
l
82
90
%
Switch Current Limit
Duty Cycle = 30% (Note 4)
2
3
4.5
A
Switch VCESAT
ISW = 2A (25°C, 0°C), VIN = 1.5V
ISW = 2A (70°C), VIN = 1.5V
290
330
350
400
mV
mV
Burst Mode Operation Switch Current Limit
(LT1308A)
VIN = 2.5V, Circuit of Figure 1
400
mA
Shutdown Pin Current
VSHDN = 1.1V
VSHDN = 6V
VSHDN = 0V
l
l
l
2
20
0.01
5
35
0.1
μA
μA
μA
LBI Threshold Voltage
l
196
194
200
200
204
206
mV
mV
LBO Output Low
ISINK = 50μA
l
0.1
0.25
V
LBO Leakage Current
VLBI = 250mV, VLBO = 5V
l
0.01
0.1
μA
LBI Input Bias Current (Note 5)
VLBI = 150mV
33
100
nA
Low-Battery Detector Gain
3000
V/V
Switch Leakage Current
VSW = 5V
l
0.01
10
μA
The
l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
Industrial Grade –40°C to 85°C. VIN = 1.2V, VSHDN = VIN, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IQ
Quiescent Current
Not Switching, LT1308A
Switching, LT1308B
VSHDN = 0V (LT1308A/LT1308B)
l
l
l
140
2.5
0.01
240
4
1
μA
mA
μA
VFB
Feedback Voltage
l
1.19
1.22
1.25
V
IB
FB Pin Bias Current
(Note 3)
l
27
80
nA
Reference Line Regulation
1.1V ≤ VIN ≤ 2V
2V ≤ VIN ≤ 10V
l
l
0.05
0.01
0.4
0.2
%/V
%/V
Minimum Input Voltage
0.92
1
V
gm
Error Amp Transconductance
∆I = 5μA
60
μmhos
AV
Error Amp Voltage Gain
100
V/V


Similar Part No. - LT1308A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1308A LINER-LT1308A_1 Datasheet
766Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
More results

Similar Description - LT1308A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1308B LINER-LT1308B_15 Datasheet
377Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308A LINER-LT1308A_1 Datasheet
766Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308A LINER-LT1308A Datasheet
185Kb / 12P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1307B LINER-LT1307B_15 Datasheet
379Kb / 20P
   Single Cell Micropower 600kHz PWM DC/DC Converters
LT1307 LINER-LT1307_15 Datasheet
379Kb / 20P
   Single Cell Micropower 600kHz PWM DC/DC Converters
LT1307 LINER-LT1307 Datasheet
377Kb / 20P
   Single Cell Micropower 600kHz PWM DC/DC Converters
LT1308 LINER-LT1308_15 Datasheet
253Kb / 8P
   Single Cell High Current Micropower 600kHz Boost DC/DC Converter
LT1308 LINER-LT1308 Datasheet
266Kb / 8P
   Single Cell High Current Micropower 600kHz Boost DC/DC Converter
LT1317 LINER-LT1317 Datasheet
447Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
LT1317 LINER-LT1317_15 Datasheet
408Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com