Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4448W Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # 1N4448W
Description  400mW High Speed SMD Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4448W Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  1N4448W Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4448W Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4448W Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N4448W Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Small Signal Product
- Fast switching device (trr<4.0ns)
- Surface Mount Device Type
- Moisture sensitivity level 1
- Matte Tin (Sn) lead finish with Nickel (Ni) underplate
- Pb free version and RoHS compliant
- Packing code with suffix "G" means
green compound (halogen-free)
MECHANICAL DATA
- Case: Flat lead SOD-123F small outline plastic package
- Terminal: Matte tin plated, lead free,
solderable per MIL-STD-202, Method 208 guaranteed
- High temperature soldering guaranteed: 260°C/10s
- Polarity: Indicated by cathode band
- Weight: 8.85 ± 0.5mg
SYMBOL
UNIT
PD
mW
VR
V
VRRM
V
IFRM
mA
IF
mA
RθJA
oC/W
TJ , TSTG
oC
SYMBOL
UNIT
IR=100μA
IR=5μA
Forward Voltage
1N4448W, 1N914BW
1N4148W
1N4448W, 1N914BW
nA
μA
VR=0, f=1.0MHz
CJ
pF
Reverse Recovery Time
(Note 2)
trr
ns
Notes 1: Test Condition : 8.3ms Single half Sine-Wave Superimposed on Rated Load
Notes 2: Reverse Recovery Test Conditions : IF=10mA, IR=60mA, RL=100Ω, IRR=1mA
Document Number: DS_S1412035
Version: I14
V
Reverse Voltage
Power Dissipation
VR
100
-
75
-
1N4148W/1N4448W/1N914BW
Taiwan Semiconductor
400mW High Speed SMD Switching Diode
FEATURES
150
450
-65 to +150
MIN
MAX
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
VALUE
V
IF=5.0mA
0.62
0.72
IF=10.0mA
SOD-123F
400
100
75
300
-5.0
-1.0
IF=100.0mA
-1.0
VF
-4.0
-4.0
Reverse Leakage Current
VR=20V
IR
-25
VR=75V
Junction Capacitance
Junction and Storage Temperature Range
Thermal Resistance (Junction to Ambient) (Note 1)
Forward Current
Repetitive Peak Forward Current
Repetitive Peak Reverse Voltage
PARAMETER
Reverse Voltage


Similar Part No. - 1N4448W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4448W PANJIT-1N4448W Datasheet
53Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Nanjing International G...
1N4448W DGNJDZ-1N4448W Datasheet
144Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Tak Cheong Electronics ...
1N4448W TAK_CHEONG-1N4448W Datasheet
691Kb / 4P
   400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
logo
DONGGUAN YOU FENG WEI E...
1N4448W YFWDIODE-1N4448W Datasheet
534Kb / 2P
   Fast switching Diode
logo
WILLAS ELECTRONIC CORP
1N4448W WILLAS-1N4448W Datasheet
428Kb / 3P
   SOD-123 Plastic-Encapsulate Diodes
More results

Similar Description - 1N4448W

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4148RYG TSC-TS4148RYG Datasheet
122Kb / 2P
   400mW High Speed SMD Switching Diode
TS4148RX TSC-TS4148RX Datasheet
80Kb / 2P
   400mW High Speed SMD Switching Diode
TS4148RY TSC-TS4148RY Datasheet
115Kb / 2P
   400mW High Speed SMD Switching Diode
1N4148W TSC-1N4148W_10 Datasheet
193Kb / 3P
   400mW High Speed SMD Switching Diode
1N914BW TSC-1N914BW Datasheet
101Kb / 2P
   400mW High Speed SMD Switching Diode
logo
DIYI Electronic Technol...
1N4148W DYELEC-1N4148W Datasheet
637Kb / 2P
   400mW High Speed SMD Switching Diode
logo
Taiwan Semiconductor Co...
TS4148RXG TSC-TS4148RXG Datasheet
118Kb / 2P
   400mW High Speed SMD Switching Diode
logo
Micro Commercial Compon...
1N4148W-TP MCC-1N4148W-TP Datasheet
209Kb / 3P
   High Speed Switching Diode 400mW
1N4148WL MCC-1N4148WL Datasheet
482Kb / 3P
   High Speed Switching Diode 400mW
1N4148W MCC-1N4148W_16 Datasheet
331Kb / 3P
   High Speed Switching Diode 400mW
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com