Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA0085B Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RA0085B
Description  STACKABLE HIGH VOLTAGE RECTIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RA0085B Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RA0085B_15 Datasheet HTML 1Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0085B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDAD10 1
__ __ __ __
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Reverse Recovery Time
UF = Ultra Fast Recovery Time
Voltage
2.5 = 2.5kV, 5 = 5kV,
7.5 = 7.5kV, 10 = 10kV, and
15 = 15kV
Power Rating (See Below)
Package Size = 1 Inch Diameter
SDAD101 UF Series
2,500 to 15,000 VOLTS
ULTRA FAST RECOVERY
STACKABLE HIGH VOLTAGE RECTIFIER
FEATURES:
Stackable to 600 kV+
PIV 2.5 kV to 15 kV
Ultra Fast Reverse Recovery Time
Only Hermetically Sealed Rectifiers Used
Controlled Avalanche Rated
Modular Design for Easy Stacking
Storage and Operating Temps -65
°C to +150°C
Available in Standard, Fast and Hyper Fast
Versions
TX, TXV, and S-Level Screening Available
2/
ELECTRICAL CHARACTERISTICS 3/
Part Number
Peak
Inverse
Voltage
Reverse
Recovery
Time
5/
Average DC
Output Current
Tc = Case
Temperature
4/
Surge
Non-
repetitive
Maximum
Forward
Voltage Drop
Maximum
Leakage
Current
@PIV
PIV (KV)
Max (ns)
If(avg)
Ifsm
Vf (V)
If (A)
Ir (uA)
25
C
25
C
75
C 50 C 100 C
25
C
25
C
SDAD101 H 2.5 UF
2.5
70
1.62
3.60
125
3.96
1.62
20
SDAD101 H 5.0 UF
5.0
70
0.95
2.34
125
6.71
0.95
20
SDAD101 H 7.5 UF
7.5
70
0.81
1.80
125
9.90
0.81
20
SDAD101 H 10 UF
10
70
0.68
1.35
125
13.0
0.68
20
SDAD101 H 15 UF
15
70
0.54
0.95
25
18.9
0.54
20
SDAD101 Package:
NOTES:
1/ For Ordering Information, Price, Curves, and Availability-
Contact Factory.
2/ Screening based on MIL-PRF-19500. Screening flows available
on request.
3/ Unless Otherwise Specified, All Electrical Characteristics
@25ºC.
4/ Tc = 50 ºC typical operation in oil.
Tc = 75 ºC is typical ambient Ta = 25 ºC unheatsunk.
5/ Recovery Conditions: IF = 0.5 Amp, IR = 1.0 Amp rec. to .25
Amp.


Similar Part No. - RA0085B_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0085B SSDI-RA0085B Datasheet
73Kb / 1P
   STACKABLE HIGH VOLTAGE RECTIFIER
More results

Similar Description - RA0085B_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0065C SSDI-RA0065C Datasheet
80Kb / 1P
   STACKABLE HIGH VOLTAGE RECTIFIER
RA0085B SSDI-RA0085B Datasheet
73Kb / 1P
   STACKABLE HIGH VOLTAGE RECTIFIER
RA0067C SSDI-RA0067C_15 Datasheet
77Kb / 1P
   STACKABLE HIGH VOLTAGE RECTIFIER
RA0066C SSDI-RA0066C_15 Datasheet
80Kb / 1P
   STACKABLE HIGH VOLTAGE RECTIFIER
RA0084B SSDI-RA0084B_15 Datasheet
79Kb / 1P
   STACKABLE HIGH VOLTAGE RECTIFIER
RA0068C SSDI-RA0068C_15 Datasheet
74Kb / 1P
   STACKABLE HIGH VOLTAGE RECTIFIER
RA0041B SSDI-RA0041B Datasheet
74Kb / 1P
   STACKABLE HIGH VOLTAGE RECTIFIER
RA0102B SSDI-RA0102B Datasheet
72Kb / 1P
   STACKABLE HIGH VOLTAGE RECTIFIER
RA0067C SSDI-RA0067C Datasheet
77Kb / 1P
   STACKABLE HIGH VOLTAGE RECTIFIER
RA0086C SSDI-RA0086C_15 Datasheet
101Kb / 1P
   STACKABLE HIGH VOLTAGE RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com