Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF34 Datasheet(PDF) 6 Page - Leshan Radio Company

Part # SF34
Description  Super Fast Plastic Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SF34 Datasheet(HTML) 6 Page - Leshan Radio Company

  SF34_15 Datasheet HTML 1Page - Leshan Radio Company SF34_15 Datasheet HTML 2Page - Leshan Radio Company SF34_15 Datasheet HTML 3Page - Leshan Radio Company SF34_15 Datasheet HTML 4Page - Leshan Radio Company SF34_15 Datasheet HTML 5Page - Leshan Radio Company SF34_15 Datasheet HTML 6Page - Leshan Radio Company SF34_15 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
A.包装盒尺寸/Box Dimension
( DO-41&DO-15 )
Item
Symbol
Dimension
H
L
200±2
W
84±2
H
21±2
L
( DO-201AD )
H
Item
Symbol
Dimension
L
200±2
W
84±2
L
H
29±2
B:外箱规格/Outer Box Specification
Item
Symbol
Dimension
L
465±2
C
W
225±2
H
260±4
B
A
按以上包装方式:(As per the above spec)
DO-15
0.5K
25K
3. 散装/Bulk Packing
Q'ty/Taping
1K
0.3K
Q'ty/Packing Case
50K
12K
外型/Outside
DO-41&A-405&R-1
DO-201AD
W
Box's
Size
W
Case's
Size
Box's
Size
LESHAN RADIO COMPANY, LTD.


Similar Part No. - SF34_15

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SF34-B RECTRON-SF34-B Datasheet
426Kb / 5P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Won-Top Electronics
SF34-T3 WTE-SF34-T3 Datasheet
47Kb / 3P
   3.0A SUPER-FAST RECTIFIER
SF34-T3 WTE-SF34-T3 Datasheet
52Kb / 4P
   3.0A SUPERFAST DIODE
SF34-TB WTE-SF34-TB Datasheet
47Kb / 3P
   3.0A SUPER-FAST RECTIFIER
SF34-TB WTE-SF34-TB Datasheet
52Kb / 4P
   3.0A SUPERFAST DIODE
More results

Similar Description - SF34_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SF36 LRC-SF36_15 Datasheet
272Kb / 3P
   Super Fast Plastic Rectifiers
SF33 LRC-SF33_15 Datasheet
195Kb / 7P
   Super Fast Plastic Rectifiers
SF32 LRC-SF32_15 Datasheet
195Kb / 7P
   Super Fast Plastic Rectifiers
SF35 LRC-SF35_15 Datasheet
195Kb / 7P
   Super Fast Plastic Rectifiers
logo
Cystech Electonics Corp...
MSR0860AF2 CYSTEKEC-MSR0860AF2 Datasheet
197Kb / 4P
   8Amp. Super fast Plastic Rectifiers
logo
First Components Intern...
SF21 FCI-SF21 Datasheet
162Kb / 2P
   2.0 Amp SUPER FAST PLASTIC RECTIFIERS
HER101 FCI-HER101 Datasheet
209Kb / 2P
   1.0 Amp SUPER FAST PLASTIC RECTIFIERS
HER301 FCI-HER301 Datasheet
158Kb / 2P
   3.0 Amp SUPER FAST PLASTIC RECTIFIERS
SF11 FCI-SF11 Datasheet
155Kb / 2P
   1.0 Amp SUPER FAST PLASTIC RECTIFIERS
SF31 FCI-SF31 Datasheet
159Kb / 2P
   3.0 Amp SUPER FAST PLASTIC RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com