Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PALLV22V10Z-25JI Datasheet(PDF) 6 Page - Lattice Semiconductor

Part # PALLV22V10Z-25JI
Description  Low-Voltage Zero Power 24-Pin EE CMOS Versatile PAL Device
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

PALLV22V10Z-25JI Datasheet(HTML) 6 Page - Lattice Semiconductor

Back Button PALLV22V10Z-25JI Datasheet HTML 2Page - Lattice Semiconductor PALLV22V10Z-25JI Datasheet HTML 3Page - Lattice Semiconductor PALLV22V10Z-25JI Datasheet HTML 4Page - Lattice Semiconductor PALLV22V10Z-25JI Datasheet HTML 5Page - Lattice Semiconductor PALLV22V10Z-25JI Datasheet HTML 6Page - Lattice Semiconductor PALLV22V10Z-25JI Datasheet HTML 7Page - Lattice Semiconductor PALLV22V10Z-25JI Datasheet HTML 8Page - Lattice Semiconductor PALLV22V10Z-25JI Datasheet HTML 9Page - Lattice Semiconductor PALLV22V10Z-25JI Datasheet HTML 10Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
PALLV22V10 and PALLV22V10Z Families
Quality and Testability
The PALLV22V10 offers a very high level of built-in quality. The erasability of the CMOS
PALLV22V10 allows direct testing of the device array to guarantee 100% programming and
functional yields.
Technology
The high-speed PALLV22V10 is fabricated with Vantis’ advanced electrically-erasable (EE) CMOS
process. The array connections are formed with proven EE cells. Inputs and outputs are designed
to be 3.3-V and 5-V device compatible. This technology provides strong input-clamp diodes,
output slew-rate control, and a grounded substrate for clean switching.
Zero-Standby Power Mode
The PALLV22V10Z features a zero-standby power mode. When none of the inputs switch for an
extended period (typically 30 ns), the PALLV22V10Z will go into standby mode, shutting down
most of its internal circuitry. The current will go to almost zero (ICC <30 µA). The outputs will
maintain the states held before the device went into the standby mode.
If a macrocell is used in registered mode, switching pin CLK/I0 will not affect standby mode status
for that macrocell. If a macrocell is used in combinatorial mode, switching pin CLK/I0 will affect
standby mode status for that macrocell.
This feature reduces dynamic ICC proportionally to the number of registered macrocells used. If all
macrocells are used as registers and only CLK/I0 is switching, the device will not be in standby
mode, but dynamic ICC will typically be <2 mA. This is because only the CLK/I0 buffer will draw
current. The use of combinatorial macrocells will add on average 5 mA per macrocell (at 25 MHz)
under these same conditions.
When any input switches, the internal circuitry is fully enabled, and power consumption returns
to normal. This feature results in considerable power savings for operation at low to medium
frequencies.
Product-Term Disable
On a programmed PALLV22V10Z, any product terms that are not used are disabled. Power is cut
off from these product terms so that they do not draw current. Product-term disabling results in
considerable power savings. This saving is greater at the higher frequencies.
Further hints on minimizing power consumption can be found in a separate document entitled,
Minimizing Power Consumption with Zero-Power PLDs.


Similar Part No. - PALLV22V10Z-25JI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
PALLV16V8-10JC LATTICE-PALLV16V8-10JC Datasheet
425Kb / 22P
   Low Voltage, Zero Power 20-Pin EE CMOS Universal Programmable Array Logic
PALLV16V8-10PC LATTICE-PALLV16V8-10PC Datasheet
425Kb / 22P
   Low Voltage, Zero Power 20-Pin EE CMOS Universal Programmable Array Logic
PALLV16V8-10SC LATTICE-PALLV16V8-10SC Datasheet
425Kb / 22P
   Low Voltage, Zero Power 20-Pin EE CMOS Universal Programmable Array Logic
PALLV16V8Z-20JI LATTICE-PALLV16V8Z-20JI Datasheet
425Kb / 22P
   Low Voltage, Zero Power 20-Pin EE CMOS Universal Programmable Array Logic
PALLV16V8Z-20PI LATTICE-PALLV16V8Z-20PI Datasheet
425Kb / 22P
   Low Voltage, Zero Power 20-Pin EE CMOS Universal Programmable Array Logic
More results

Similar Description - PALLV22V10Z-25JI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
PALCE22V10 LATTICE-PALCE22V10 Datasheet
691Kb / 34P
   24-Pin EE CMOS (Zero Power) Versatile PAL Device
logo
Advanced Micro Devices
PALCE26V12 AMD-PALCE26V12 Datasheet
219Kb / 21P
   28-Pin EE CMOS Versatile PAL Device
logo
NXP Semiconductors
PLC18V8Z PHILIPS-PLC18V8Z Datasheet
225Kb / 23P
   Zero standby power CMOS versatile PAL devices
1997 Aug 08
logo
Advanced Micro Devices
AMPAL22V10 AMD-AMPAL22V10 Datasheet
184Kb / 20P
   PAL22V10 Family, AmPAL22V10/A 24-Pin TTL Versatile PAL Device
logo
Lattice Semiconductor
PLV16V8 LATTICE-PLV16V8 Datasheet
425Kb / 22P
   Low Voltage, Zero Power 20-Pin EE CMOS Universal Programmable Array Logic
PALCE16V8 LATTICE-PALCE16V8 Datasheet
634Kb / 32P
   EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
logo
Advanced Micro Devices
PALCE29MA16 AMD-PALCE29MA16 Datasheet
353Kb / 25P
   24-Pin EE CMOS Programmable Array Logic
PALCE29M16H-25 AMD-PALCE29M16H-25 Datasheet
302Kb / 22P
   24-Pin EE CMOS Programmable Array Logic
logo
Lattice Semiconductor
PALCE20V8 LATTICE-PALCE20V8 Datasheet
518Kb / 27P
   EE CMOS 24-Pin Universal Programmable Array Logic
logo
Cypress Semiconductor
PALC22V10B CYPRESS-PALC22V10B Datasheet
78Kb / 3P
   Reprogrammable CMOS PAL Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com