Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GAL22V10D-25LJ Datasheet(PDF) 7 Page - Lattice Semiconductor

Part # GAL22V10D-25LJ
Description  High Performance E2CMOS PLD Generic Array Logic
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL22V10D-25LJ Datasheet(HTML) 7 Page - Lattice Semiconductor

Back Button GAL22V10D-25LJ Datasheet HTML 3Page - Lattice Semiconductor GAL22V10D-25LJ Datasheet HTML 4Page - Lattice Semiconductor GAL22V10D-25LJ Datasheet HTML 5Page - Lattice Semiconductor GAL22V10D-25LJ Datasheet HTML 6Page - Lattice Semiconductor GAL22V10D-25LJ Datasheet HTML 7Page - Lattice Semiconductor GAL22V10D-25LJ Datasheet HTML 8Page - Lattice Semiconductor GAL22V10D-25LJ Datasheet HTML 9Page - Lattice Semiconductor GAL22V10D-25LJ Datasheet HTML 10Page - Lattice Semiconductor GAL22V10D-25LJ Datasheet HTML 11Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Specifications GAL22V10
7
tpd
A
Input or I/O to Combinatorial Output
1
4
1
5
1
7.5
ns
tco
A
Clock to Output Delay
1
3.5
1
4
1
4.5
ns
tcf2
Clock to Feedback Delay
2.5
3
3ns
tsu
Setup Time, Input or Fdbk before Clk
2.5
3
4.5
ns
th
Hold Time, Input or Fdbk after Clk
0
0
0
ns
A
Maximum Clock Frequency with
167
142.8
111
MHz
External Feedback, 1/(tsu + tco)
fmax3
A
Maximum Clock Frequency with
200
166
133
MHz
Internal Feedback, 1/(tsu + tcf)
A
Maximum Clock Frequency with
250
200
166
MHz
No Feedback
twh
Clock Pulse Duration, High
2
2.5
3
ns
twl
Clock Pulse Duration, Low
2
2.5
3
ns
ten
B
Input or I/O to Output Enabled
1
5
1
6
1
7.5
ns
tdis
C
Input or I/O to Output Disabled
1
5
1
5.5
1
7.5
ns
tar
A
Input or I/O to Asynch. Reset of Reg.
1
4.5
1
5.5
1
9
ns
tarw
Asynch. Reset Pulse Duration
4.5
4.5
7
ns
tarr
Asynch. Reset to Clk
↑ Recovery Time
3
4
5
ns
tspr
Synch. Preset to Clk
↑ Recovery Time
3
4
5
ns
Over Recommended Operating Conditions
UNITS
1) Refer to Switching Test Conditions section.
2) Calculated from fmax with internal feedback. Refer to fmax Description section.
3) Refer to fmax Description section. Characterized initially and after any design or process changes that may affect these
parameters.
PARAM
TEST
COND.1
DESCRIPTION
SYMBOL
PARAMETER
MAXIMUM*
UNITS
TEST CONDITIONS
C
I
Input Capacitance
8
pF
V
CC = 5.0V, VI = 2.0V
C
I/O
I/O Capacitance
8
pF
V
CC = 5.0V, VI/O = 2.0V
*Characterized but not 100% tested.
-5
MIN. MAX.
COM/IND
COM
-7
MIN. MAX.
AC Switching Characteristics
Capacitance (T
A = 25°C, f = 1.0 MHz)
Specifications GAL22V10D
COM
-4
MIN. MAX.


Similar Part No. - GAL22V10D-25LJ

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL22V10D-25LJ LATTICE-GAL22V10D-25LJ Datasheet
718Kb / 23P
   Product Change Notifications (PCNs) have been issued to discontinue all devices in this data sheet.
GAL22V10D-25LJ LATTICE-GAL22V10D-25LJ Datasheet
718Kb / 23P
   All Devices Discontinued
GAL22V10D-25LJ LATTICE-GAL22V10D-25LJ Datasheet
718Kb / 23P
   All Devices Discontinued
GAL22V10D-25LJ LATTICE-GAL22V10D-25LJ Datasheet
718Kb / 23P
   GAL 22V10 Device Datasheet
GAL22V10D-25LJI LATTICE-GAL22V10D-25LJI Datasheet
718Kb / 23P
   Product Change Notifications (PCNs) have been issued to discontinue all devices in this data sheet.
More results

Similar Description - GAL22V10D-25LJ

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL18V10 LATTICE-GAL18V10 Datasheet
265Kb / 16P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_98 Datasheet
395Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic?
5962-8983902RA LATTICE-5962-8983902RA Datasheet
293Kb / 8P
   High Performance E2CMOS PLD Generic Array Logic?
26CV12 LATTICE-26CV12 Datasheet
255Kb / 17P
   High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8 Datasheet
308Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_06 Datasheet
654Kb / 24P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8 Datasheet
316Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V811111 LATTICE-GAL16V811111 Datasheet
392Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8_06 Datasheet
582Kb / 25P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8_04 Datasheet
339Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com