Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD72871FA2 Datasheet(PDF) 5 Page - NEC

Part # UPD72871FA2
Description  IEEE1394 1-CHIP OHCI HOST CONTROLLER
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72871FA2 Datasheet(HTML) 5 Page - NEC

  UPD72871FA2 Datasheet HTML 1Page - NEC UPD72871FA2 Datasheet HTML 2Page - NEC UPD72871FA2 Datasheet HTML 3Page - NEC UPD72871FA2 Datasheet HTML 4Page - NEC UPD72871FA2 Datasheet HTML 5Page - NEC UPD72871FA2 Datasheet HTML 6Page - NEC UPD72871FA2 Datasheet HTML 7Page - NEC UPD72871FA2 Datasheet HTML 8Page - NEC UPD72871FA2 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
Preliminary Data Sheet S13925EJ2V0DS00
5
µµµµPD72870,72871
PIN CONFIGURATION
• 160-pin plastic LQFP (Fine pitch) (24 x 24 mm)
µµµµPD72870GM-8ED
P_AV DD
AGND
XO
XI
P_AV DD
FIL0
FIL1
AGND
AGND
P_AV DD
P_AV DD
L_VDD
CLKRUN
PME
INTA
PRST
PCLK
GNT
REQ
DGND
AD31
AD30
PCI_VDD
AD29
DGND
AD27
AD26
AD25
AD28
AD24
L_VDD
DGND
CBE3
IDSEL
AD23
AD22
AD21
AD20
DGND
AD19
AD18
PCI_VDD
AD17
AD16
DGND
CBE2
FRAME
IRDY
DEVSEL
TRDY
L_VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
15
16
17
18
14
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
39
38
40
120
P_RESETB
L_VDD
SUS_RESM
P_DV DD
IC(L)
CMC
DGND
DGND
IC(H)
IC(H)
DGND
P_DV DD
PC2
PC1
PC0
IC(N)
DGND
IC(N)
IC(N)
IC(N)
IC(N)
IC(N)
PORTDIS
IC(L)
DGND
P_DV DD
119
118
117
116
115
114
113
112
111
110
109
108
106
105
104
103
107
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
82
83
81
IC(L)
IC(L)
IC(N)
Top View
5
5
5
5


Similar Part No. - UPD72871FA2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD72871F1-FA2 RENESAS-UPD72871F1-FA2 Datasheet
533Kb / 50P
   MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD72871FA2

ManufacturerPart #DatasheetDescription
logo
NEC
UPD72870A NEC-UPD72870A Datasheet
331Kb / 27P
   IEEE1394 1-CHIP OHCI HOST CONTROLLER
UPD72862 NEC-UPD72862 Datasheet
194Kb / 36P
   IEEE1394 OHCI HOST CONTROLLER
UPD72874 NEC-UPD72874 Datasheet
297Kb / 40P
   IEEE1394 OHCI 1.1 COMPLIANT 3PORT PHY-LINK 1-CHIP HOST CONTROLLER
logo
Texas Instruments
TSB12LV26 TI1-TSB12LV26_14 Datasheet
82Kb / 6P
[Old version datasheet]   OHCI-Lynx??PCI-Based IEEE 1394 Host Controller
TSB12LV26PZT TI-TSB12LV26PZT Datasheet
62Kb / 5P
[Old version datasheet]   OHCI-Lynx PCI-Based IEEE 1394 Host Controller
TSB12LV22 TI-TSB12LV22 Datasheet
657Kb / 45P
[Old version datasheet]   OHCI-Lynx PCI-BASED IEEE 1394 HOST CONTROLLER
TSB12LV26-EP TI1-TSB12LV26-EP Datasheet
472Kb / 85P
[Old version datasheet]   OHCI-LYNX PCI-BASED IEEE 1394 HOST CONTROLLER
TSB12LV26 TI-TSB12LV26 Datasheet
391Kb / 91P
[Old version datasheet]   OHCI-Lynx PCI-BASED IEEE 1394 HOST CONTROLLER
TSB12LV26-EP TI1-TSB12LV26-EP_14 Datasheet
476Kb / 85P
[Old version datasheet]   OHCI-Lynx PCI-Based IEEE 1394 Host controller
TSB12LV22 TI1-TSB12LV22_12 Datasheet
586Kb / 45P
[Old version datasheet]   OHCI-Lynx PCI-BASED IEEE 1394 HOST CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com