Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD72871FA2 Datasheet(PDF) 35 Page - NEC

Part # UPD72871FA2
Description  IEEE1394 1-CHIP OHCI HOST CONTROLLER
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72871FA2 Datasheet(HTML) 35 Page - NEC

Back Button UPD72871FA2 Datasheet HTML 31Page - NEC UPD72871FA2 Datasheet HTML 32Page - NEC UPD72871FA2 Datasheet HTML 33Page - NEC UPD72871FA2 Datasheet HTML 34Page - NEC UPD72871FA2 Datasheet HTML 35Page - NEC UPD72871FA2 Datasheet HTML 36Page - NEC UPD72871FA2 Datasheet HTML 37Page - NEC UPD72871FA2 Datasheet HTML 38Page - NEC UPD72871FA2 Datasheet HTML 39Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
Preliminary Data Sheet S13925EJ2V0DS00
35
µµµµPD72870,72871
4.1.2 Cable Interface Circuit
Each port is configured with two twisted-pairs of TpA and TpB.
TpA and TpB are used to monitor the state of the Transmit/Receive line, control signals, data and cables.
During transmission to the IEEE1394 bus, the Data/Strobe signal received from the Link layer controller is
encoded, converted from parallel to serial and transmitted.
While receiving from the IEEE1394 bus, the Data/Strobe signal from TpA, TpB is converted from serial to parallel
after synchronization by SCLK Note, then transmitted to the Link layer controller in 2/4/8 bits according to the data rate
of 100/200/400 Mbps.
The bus arbitration for TpA and TpB and the state of the line are monitored by the built-in comparator. The state of
the 1394 bus is transmitted to the state machine in the LSI.
Note The SCLK is a PHY/Link interface signal and is defined in P1394a draft 2.0. It is an internal signal in the
µPD72870,72871.
4.1.3 CPS
An external resistance of 390 k
Ω is connected in series to the power cable to monitor the power of the power
cable. If the cable power falls under 7.5 V there is an indication to the Link layer that the power has failed.
4.1.4 Unused Ports
TpAp, TpAn : Not connected
TpBp, TpBn : AGND
TpBias
: Connected to AGND using a 1.0
µF load capacitor
4.2 PLL and Crystal Oscillation Circuit
4.2.1 Crystal Oscillation Circuit
To supply the clock of 24.576 MHz ± 100 ppm, use an external capacitor of 10 pF and a crystal of 50 ppm.
4.2.2 PLL
The crystal oscillator multiplies the 24.576 MHz frequency by 16 (393.216 MHz).
4.3 PC0-PC2, CMC
CMC shows the bus manager function which corresponds to the c bit of the Self_ID packet and the Contender bit
in the PHY register when the input is High.
The value of CMC can be changed with software through the Link layer; this pin sets the initial value during Power-
on Reset. Use a pull-up or pull-down resistor of 10 k
Ω, based on the device’s specification.
The PC0-PC2 pin corresponds to the power field of the Self_ID packet and Pwr_class in the PHY register. Refer to
Section 4.3.4.1 of the IEEE1394-1995 specification for information regarding the Pwr_class. The value of Pwr can be
changed with software through the Link layer; this pin sets the initial value during Power-on Reset. Use a pull-up or
pull-down resistor of 10 k
Ω based on the application.
4.4 P_RESETB
Connect an external capacitor of 0.1
µF between the pins P_RESETB and GND. If the voltage drops below 0 V, a
reset pulse is generated. All of the circuits are initialized, including the contents of the PHY register.
4.5 RI0, RI1
Connect an external resistor of 9.1 k
Ω to limit the LSI’s current.
5
5
5
5


Similar Part No. - UPD72871FA2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD72871F1-FA2 RENESAS-UPD72871F1-FA2 Datasheet
533Kb / 50P
   MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD72871FA2

ManufacturerPart #DatasheetDescription
logo
NEC
UPD72870A NEC-UPD72870A Datasheet
331Kb / 27P
   IEEE1394 1-CHIP OHCI HOST CONTROLLER
UPD72862 NEC-UPD72862 Datasheet
194Kb / 36P
   IEEE1394 OHCI HOST CONTROLLER
UPD72874 NEC-UPD72874 Datasheet
297Kb / 40P
   IEEE1394 OHCI 1.1 COMPLIANT 3PORT PHY-LINK 1-CHIP HOST CONTROLLER
logo
Texas Instruments
TSB12LV26 TI1-TSB12LV26_14 Datasheet
82Kb / 6P
[Old version datasheet]   OHCI-Lynx??PCI-Based IEEE 1394 Host Controller
TSB12LV26PZT TI-TSB12LV26PZT Datasheet
62Kb / 5P
[Old version datasheet]   OHCI-Lynx PCI-Based IEEE 1394 Host Controller
TSB12LV22 TI-TSB12LV22 Datasheet
657Kb / 45P
[Old version datasheet]   OHCI-Lynx PCI-BASED IEEE 1394 HOST CONTROLLER
TSB12LV26-EP TI1-TSB12LV26-EP Datasheet
472Kb / 85P
[Old version datasheet]   OHCI-LYNX PCI-BASED IEEE 1394 HOST CONTROLLER
TSB12LV26 TI-TSB12LV26 Datasheet
391Kb / 91P
[Old version datasheet]   OHCI-Lynx PCI-BASED IEEE 1394 HOST CONTROLLER
TSB12LV26-EP TI1-TSB12LV26-EP_14 Datasheet
476Kb / 85P
[Old version datasheet]   OHCI-Lynx PCI-Based IEEE 1394 Host controller
TSB12LV22 TI1-TSB12LV22_12 Datasheet
586Kb / 45P
[Old version datasheet]   OHCI-Lynx PCI-BASED IEEE 1394 HOST CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com