Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA0035 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RA0035
Description  RECTIFIER ASSEMBLY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RA0035 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RA0035_15 Datasheet HTML 1Page - Solid States Devices, Inc RA0035_15 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTES:
* Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%
*For information on curves, contact the Factory
Representative for Engineering Assistance.
1/ Unless Otherwise Specified, All Electrical
Characteristics Per Leg
.2/Unless Otherwise Specified, All Electrical
Characteristics @25ºC
3/ Higher Voltages Are Available. Contact Factory.
4/ Polarity Code precedes voltage code i.e. SDA188CG
is a common cathode, 1000 V part
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDA188A – SDA188G
Series
ELECTRICAL CHARACTERISTICS 1/,2/
Part # 4
Peak
Inverse
Voltage
Sine Wave
RMS Input
Voltage
Max.
Average DC Output
Current
TC=Case Temp
Peak Surge
Current
(1 Cycle)
Peak
Forward
Current
Maximum
Forward
Voltage
@ 25 A(DC)
Maximum
Reverse
Current
Symbol
PIV
IO (DC)
IFSM
IF
VF
IR @ PIV
Units
Volts 3/
Volts
Amps
Amps
Amps
Volts
µA
Conditions
55oC 100oC 125oC
25 oC 100oC
SDA188_A
50
35
50
33
16
500
200
1.05
1.0
100
SDA188_B
100
70
50
33
16
500
200
1.05
1.0
100
SDA188_C
200
140
50
33
16
500
200
1.05
1.0
100
SDA188_D
400
280
50
33
16
500
200
1.05
1.0
100
SDA188_E
600
420
50
33
16
500
200
1.05
1.0
100
SDA188_F
800
560
50
33
16
500
200
1.05
1.0
100
SDA188_G
1000
700
50
33
16
500
200
1.05
1.0
100


Similar Part No. - RA0035_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0035 SSDI-RA0035 Datasheet
152Kb / 2P
   RECTIFIER ASSEMBLY
More results

Similar Description - RA0035_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0003 SSDI-RA0003 Datasheet
39Kb / 2P
   RECTIFIER ASSEMBLY
RA0091 SSDI-RA0091 Datasheet
157Kb / 2P
   RECTIFIER ASSEMBLY
RA0053 SSDI-RA0053 Datasheet
39Kb / 2P
   RECTIFIER ASSEMBLY
RA0047A SSDI-RA0047A_15 Datasheet
159Kb / 2P
   RECTIFIER ASSEMBLY
RA0049 SSDI-RA0049_15 Datasheet
34Kb / 2P
   RECTIFIER ASSEMBLY
RA0006 SSDI-RA0006 Datasheet
53Kb / 2P
   RECTIFIER ASSEMBLY
RA0026F SSDI-RA0026F Datasheet
142Kb / 2P
   RECTIFIER ASSEMBLY
RA0033 SSDI-RA0033 Datasheet
115Kb / 2P
   RECTIFIER ASSEMBLY
RA0043 SSDI-RA0043 Datasheet
114Kb / 2P
   RECTIFIER ASSEMBLY
RA0051B SSDI-RA0051B Datasheet
81Kb / 2P
   Rectifier Assembly
RA0103A SSDI-RA0103A Datasheet
74Kb / 2P
   Rectifier Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com