Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PALLV22V10-7JC Datasheet(PDF) 10 Page - Lattice Semiconductor

Part # PALLV22V10-7JC
Description  Low-Voltage Zero Power 24-Pin EE CMOS Versatile PAL Device
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

PALLV22V10-7JC Datasheet(HTML) 10 Page - Lattice Semiconductor

Back Button PALLV22V10-7JC Datasheet HTML 6Page - Lattice Semiconductor PALLV22V10-7JC Datasheet HTML 7Page - Lattice Semiconductor PALLV22V10-7JC Datasheet HTML 8Page - Lattice Semiconductor PALLV22V10-7JC Datasheet HTML 9Page - Lattice Semiconductor PALLV22V10-7JC Datasheet HTML 10Page - Lattice Semiconductor PALLV22V10-7JC Datasheet HTML 11Page - Lattice Semiconductor PALLV22V10-7JC Datasheet HTML 12Page - Lattice Semiconductor PALLV22V10-7JC Datasheet HTML 13Page - Lattice Semiconductor PALLV22V10-7JC Datasheet HTML 14Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
PALLV22V10Z-25
ABSOLUTE MAXIMUM RATINGS
Storage Temperature . . . . . . . . . . . . . .-65°C to +150°C
Ambient Temperature with
Power Applied . . . . . . . . . . . . . . . . . .-55°C to +125°C
Supply Voltage with
Respect to Ground . . . . . . . . . . . . . . . -0.5 V to +7.0 V
DC Input Voltage . . . . . . . . . . . . . . . . -0.5 V to +5.5 V
DC Output or I/O Pin Voltage . . . . . . . -0.5 V to +5.5 V
Static Discharge Voltage . . . . . . . . . . . . . . . . . 2001 V
Latchup Current (TA = -40°C to 85°C). . . . . . . . 100 mA
Stresses above those listed under Absolute Maximum Ratings
may cause permanent device failure. Functionality at or above
these limits is not implied. Exposure to Absolute Maximum Rat-
ings for extended periods may affect device reliability. Pro-
gramming conditions may differ.
OPERATING RANGES
Industrial (I) Devices
Ambient Temperature (TA) . . . . . . . . . . -40°C to +85°C
Supply Voltage (VCC) with
Respect to Ground. . . . . . . . . . . . . . . +3.0 V to +3.6 V
Operating ranges define those limits between which the func-
tionality of the device is guaranteed.
Notes:
1. These are absolute values with respect to device ground, and all overshoots due to system or tester noise are included.
2. I/O pin leakage is the worst case of IIL and IOZL (or IIH and IOZH).
3. Not more than one output should be shorted at a time, and the duration of the short-circuit should not exceed one second.
VOUT = 0.5 V has been chosen to avoid test problems caused by tester ground degradation.
4. This parameter is guaranteed under worst case test conditions. Refer to the ICC vs. Frequency graph in this datasheet for typical
ICC characteristics.
DC CHARACTERISTICS OVER INDUSTRIAL OPERATING RANGES
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
VOH
Output HIGH Voltage
VIN = VIH or VIL
VCC = Min
IOH = -2 mA
2.4
V
IOH = -100 µAVCC -0.3
V
VOL
Output LOW Voltage
VIN = VIH or VIL
VCC = Min
IOL = 2 mA
0.4
V
IOL = 100 µA
0.2
V
VIH
Input HIGH Voltage
Guaranteed Input Logical HIGH
Voltage for all Inputs (Note 1)
2.0
5.5
V
VIL
Input LOW Voltage
Guaranteed Input Logical LOW
Voltage for all Inputs (Note 1)
0.8
V
IIH
Input HIGH Leakage Current
VIN = VCC, VCC = Max
10
µ
A
IIL
Input LOW Leakage Current
VIN = 0 V, VCC = Max
-10
µ
A
IOZH
Off-State Output Leakage
Current HIGH
VOUT = VCC, VCC = Max
VIN = VIH or VIL (Note 2)
10
µ
A
IOZL
Off-State Output Leakage
Current LOW
VOUT = 0 V, VCC = Max
VIN = VIH or VIL (Note 2)
-10
µ
A
ISC
Output Short-Circuit Current
VOUT = 0.5 V, VCC = Max (Note 3)
-5
-75
mA
ICC
Supply Current
Outputs Open (IOUT = 0 mA)
VCC = Max (Note 4)
f = 0 MHz
30
µA
f = 15 MHz
55
mA


Similar Part No. - PALLV22V10-7JC

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
PALLV16V8-10JC LATTICE-PALLV16V8-10JC Datasheet
425Kb / 22P
   Low Voltage, Zero Power 20-Pin EE CMOS Universal Programmable Array Logic
PALLV16V8-10PC LATTICE-PALLV16V8-10PC Datasheet
425Kb / 22P
   Low Voltage, Zero Power 20-Pin EE CMOS Universal Programmable Array Logic
PALLV16V8-10SC LATTICE-PALLV16V8-10SC Datasheet
425Kb / 22P
   Low Voltage, Zero Power 20-Pin EE CMOS Universal Programmable Array Logic
PALLV16V8Z-20JI LATTICE-PALLV16V8Z-20JI Datasheet
425Kb / 22P
   Low Voltage, Zero Power 20-Pin EE CMOS Universal Programmable Array Logic
PALLV16V8Z-20PI LATTICE-PALLV16V8Z-20PI Datasheet
425Kb / 22P
   Low Voltage, Zero Power 20-Pin EE CMOS Universal Programmable Array Logic
More results

Similar Description - PALLV22V10-7JC

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
PALCE22V10 LATTICE-PALCE22V10 Datasheet
691Kb / 34P
   24-Pin EE CMOS (Zero Power) Versatile PAL Device
logo
Advanced Micro Devices
PALCE26V12 AMD-PALCE26V12 Datasheet
219Kb / 21P
   28-Pin EE CMOS Versatile PAL Device
logo
NXP Semiconductors
PLC18V8Z PHILIPS-PLC18V8Z Datasheet
225Kb / 23P
   Zero standby power CMOS versatile PAL devices
1997 Aug 08
logo
Advanced Micro Devices
AMPAL22V10 AMD-AMPAL22V10 Datasheet
184Kb / 20P
   PAL22V10 Family, AmPAL22V10/A 24-Pin TTL Versatile PAL Device
logo
Lattice Semiconductor
PLV16V8 LATTICE-PLV16V8 Datasheet
425Kb / 22P
   Low Voltage, Zero Power 20-Pin EE CMOS Universal Programmable Array Logic
PALCE16V8 LATTICE-PALCE16V8 Datasheet
634Kb / 32P
   EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
logo
Advanced Micro Devices
PALCE29MA16 AMD-PALCE29MA16 Datasheet
353Kb / 25P
   24-Pin EE CMOS Programmable Array Logic
PALCE29M16H-25 AMD-PALCE29M16H-25 Datasheet
302Kb / 22P
   24-Pin EE CMOS Programmable Array Logic
logo
Lattice Semiconductor
PALCE20V8 LATTICE-PALCE20V8 Datasheet
518Kb / 27P
   EE CMOS 24-Pin Universal Programmable Array Logic
logo
Cypress Semiconductor
PALC22V10B CYPRESS-PALC22V10B Datasheet
78Kb / 3P
   Reprogrammable CMOS PAL Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com