Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PALLV22V10 Datasheet(PDF) 4 Page - Lattice Semiconductor

Part No. PALLV22V10
Description  Low-Voltage Zero Power 24-Pin EE CMOS Versatile PAL Device
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LATTICE [Lattice Semiconductor]
Homepage  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

PALLV22V10 Datasheet(HTML) 4 Page - Lattice Semiconductor

  PALLV22V10 Datasheet HTML 1Page - Lattice Semiconductor PALLV22V10 Datasheet HTML 2Page - Lattice Semiconductor PALLV22V10 Datasheet HTML 3Page - Lattice Semiconductor PALLV22V10 Datasheet HTML 4Page - Lattice Semiconductor PALLV22V10 Datasheet HTML 5Page - Lattice Semiconductor PALLV22V10 Datasheet HTML 6Page - Lattice Semiconductor PALLV22V10 Datasheet HTML 7Page - Lattice Semiconductor PALLV22V10 Datasheet HTML 8Page - Lattice Semiconductor PALLV22V10 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
PALLV22V10 and PALLV22V10Z Families
Programmable Three-State Outputs
Each output has a three-state output buffer with three-state control. A product term controls the
buffer, allowing enable and disable to be a function of any product of device inputs or output
feedback. The combinatorial output provides a bi-directional I/O pin, and may be configured as
a dedicated input if the buffer is always disabled.
Programmable Output Polarity
The polarity of each macrocell output can be active high or active low, either to match output
signal needs or to reduce product terms. Programmable polarity allows Boolean expressions to be
written in their most compact form (true or inverted), and the output can still be of the desired
polarity. It can also save “DeMorganizing” efforts.
Selection is controlled by programmable bit S0 in the output macrocell, and affects both registered
and combinatorial outputs. Selection is automatic, based on the design specification and pin
definitions. If the pin definition and output equation have the same polarity, the output is
programmed to be active high (S0 = 1).
Preset/Reset
For initialization, the PALLV22V10 has additional preset and reset product terms. These terms are
connected to all registered outputs. When the synchronous preset (SP) product term is asserted
high, the output registers will be loaded with a HIGH on the next LOW-to-HIGH clock transition.
When the asynchronous reset (AR) product term is asserted high, the output registers will be
immediately loaded with a LOW independent of the clock.
DQ
Q
CLK
SP
AR
a. Registered/active low
S0 = 0
S1 = 0
b. Combinatorial/active low
S0 = 0
S1 = 1
DQ
Q
CLK
SP
AR
c. Registered/active high
S0 = 1
S1 = 0
d. Combinatorial/active high
S0 = 1
S1 = 1
Figure 2. Macrocell Configuration Options
18956D-005


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn