Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PALCE22V10 Datasheet(PDF) 15 Page - Lattice Semiconductor

Part # PALCE22V10
Description  24-Pin EE CMOS (Zero Power) Versatile PAL Device
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

PALCE22V10 Datasheet(HTML) 15 Page - Lattice Semiconductor

Back Button PALCE22V10 Datasheet HTML 11Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 12Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 13Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 14Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 15Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 16Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 17Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 18Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 19Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
PALCE22V10Q-10 (Com’l)
15
CAPACITANCE 1
Note:
1. These parameters are not 100% tested, but are evaluated at initial characterization and at any time the design is modified where
capacitance may be affected.
Notes:
1. See “Switching Test Circuit” for test conditions.
2. These parameters are not 100% tested, but are calculated at initial characterization and at any time the design is modified where
frequency may be affected.
3. tCF is a calculated value and is not guaranteed. tCF can be found using the following equation:
tCF = 1/fMAX (internal feedback) - tS.
Parameter
Symbol
Parameter Description
Test Conditions
Typ
Unit
CIN
Input Capacitance
VIN = 2.0 V
VCC = 5.0 V
TA = 25°C
f = 1 MHz
5
pF
COUT
Output Capacitance
VOUT = 2.0 V
8
SWITCHING CHARACTERISTICS OVER COMMERCIAL OPERATING RANGES 1
Parameter
Symbol
Parameter Description
-10
Unit
Min
Max
tPD
Input or Feedback to Combinatorial Output
10
ns
tS
Setup Time from Input, Feedback or SP to Clock
6
ns
tH
Hold Time
0
ns
tCO
Clock to Output
6ns
tAR
Asynchronous Reset to Registered Output
13
ns
tARW
Asynchronous Reset Width
8
ns
tARR
Asynchronous Reset Recovery Time
8
ns
tSPR
Synchronous Preset Recovery Time
8
ns
tWL
Clock Width
LOW
4
ns
tWH
HIGH
4
ns
fMAX
Maximum Frequency (Note 2)
External Feedback
1/(tS + tCO)
83
MHz
Internal Feedback (fCNT) 1/(tS + tCO) (Note 3)
110
MHz
No Feedback
1/(tWH + tWL)
125
MHz
tEA
Input to Output Enable Using Product Term Control
10
ns
tER
Input to Output Disable Using Product Term Control
9
ns


Similar Part No. - PALCE22V10

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
PALCE22V10 CYPRESS-PALCE22V10 Datasheet
350Kb / 13P
   Flash-erasable Reprogrammable CMOS PAL Device
PALCE22V10 CYPRESS-PALCE22V10 Datasheet
387Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL짰 Device
PALCE22V10-10 CYPRESS-PALCE22V10-10 Datasheet
350Kb / 13P
   Flash-erasable Reprogrammable CMOS PAL Device
PALCE22V10-10 CYPRESS-PALCE22V10-10 Datasheet
387Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL짰 Device
PALCE22V10-10DMB CYPRESS-PALCE22V10-10DMB Datasheet
350Kb / 13P
   Flash-erasable Reprogrammable CMOS PAL Device
More results

Similar Description - PALCE22V10

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
PALLV22V10 LATTICE-PALLV22V10 Datasheet
378Kb / 19P
   Low-Voltage Zero Power 24-Pin EE CMOS Versatile PAL Device
logo
Advanced Micro Devices
PALCE26V12 AMD-PALCE26V12 Datasheet
219Kb / 21P
   28-Pin EE CMOS Versatile PAL Device
logo
NXP Semiconductors
PLC18V8Z PHILIPS-PLC18V8Z Datasheet
225Kb / 23P
   Zero standby power CMOS versatile PAL devices
1997 Aug 08
logo
Advanced Micro Devices
AMPAL22V10 AMD-AMPAL22V10 Datasheet
184Kb / 20P
   PAL22V10 Family, AmPAL22V10/A 24-Pin TTL Versatile PAL Device
logo
Lattice Semiconductor
PALCE16V8 LATTICE-PALCE16V8 Datasheet
634Kb / 32P
   EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
logo
Advanced Micro Devices
PALCE29MA16 AMD-PALCE29MA16 Datasheet
353Kb / 25P
   24-Pin EE CMOS Programmable Array Logic
PALCE29M16H-25 AMD-PALCE29M16H-25 Datasheet
302Kb / 22P
   24-Pin EE CMOS Programmable Array Logic
logo
Lattice Semiconductor
PALCE20V8 LATTICE-PALCE20V8 Datasheet
518Kb / 27P
   EE CMOS 24-Pin Universal Programmable Array Logic
logo
Cypress Semiconductor
PALC22V10B CYPRESS-PALC22V10B Datasheet
78Kb / 3P
   Reprogrammable CMOS PAL Device
PALC22V10 CYPRESS-PALC22V10 Datasheet
58Kb / 3P
   Reprogrammable CMOS PAL Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com