Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GAL16V8-25LNC Datasheet(PDF) 6 Page - Lattice Semiconductor

Part # GAL16V8-25LNC
Description  High Performance E2CMOS PLD Generic Array Logic
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL16V8-25LNC Datasheet(HTML) 6 Page - Lattice Semiconductor

Back Button GAL16V8-25LNC Datasheet HTML 2Page - Lattice Semiconductor GAL16V8-25LNC Datasheet HTML 3Page - Lattice Semiconductor GAL16V8-25LNC Datasheet HTML 4Page - Lattice Semiconductor GAL16V8-25LNC Datasheet HTML 5Page - Lattice Semiconductor GAL16V8-25LNC Datasheet HTML 6Page - Lattice Semiconductor GAL16V8-25LNC Datasheet HTML 7Page - Lattice Semiconductor GAL16V8-25LNC Datasheet HTML 8Page - Lattice Semiconductor GAL16V8-25LNC Datasheet HTML 9Page - Lattice Semiconductor GAL16V8-25LNC Datasheet HTML 10Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Specifications GAL16V8
6
In the Complex mode, macrocells are configured as output only or
I/O functions.
Architecture configurations available in this mode are similar to the
common 16L8 and 16P8 devices with programmable polarity in
each macrocell.
Up to six I/O's are possible in this mode. Dedicated inputs or
outputs can be implemented as subsets of the I/O function. The
two outer most macrocells (pins 12 & 19) do not have input capa-
bility. Designs requiring eight I/O's can be implemented in the
Registered mode.
All macrocells have seven product terms per output. One product
term is used for programmable output enable control. Pins 1 and
11 are always available as data inputs into the AND array.
The JEDEC fuse numbers including the UES fuses and PTD fuses
are shown on the logic diagram on the following page.
Note: The development software configures all of the architecture control bits and checks for proper pin usage automatically.
Combinatorial I/O Configuration for Complex Mode
- SYN=1.
- AC0=1.
- XOR=0 defines Active Low Output.
- XOR=1 defines Active High Output.
- AC1=1.
- Pin 13 through Pin 18 are configured to this function.
Combinatorial Output Configuration for Complex Mode
- SYN=1.
- AC0=1.
- XOR=0 defines Active Low Output.
- XOR=1 defines Active High Output.
- AC1=1.
- Pin 12 and Pin 19 are configured to this function.
XOR
XOR
Complex Mode


Similar Part No. - GAL16V8-25LNC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GAL16V8 STMICROELECTRONICS-GAL16V8 Datasheet
736Kb / 14P
   E2PROM CMOS PROGRAMMABLE LOGIC DEVICE
GAL16V8 STMICROELECTRONICS-GAL16V8 Datasheet
810Kb / 15P
   E2PROM CMOS PROGRAMMABLE LOGIC DEVICE
logo
Lattice Semiconductor
GAL16V8 LATTICE-GAL16V8 Datasheet
395Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8 Datasheet
339Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8 Datasheet
654Kb / 24P
   High Performance E2CMOS PLD Generic Array Logic?
More results

Similar Description - GAL16V8-25LNC

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL18V10 LATTICE-GAL18V10 Datasheet
265Kb / 16P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_98 Datasheet
395Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic?
GAL22V10 LATTICE-GAL22V10 Datasheet
386Kb / 29P
   High Performance E2CMOS PLD Generic Array Logic
5962-8983902RA LATTICE-5962-8983902RA Datasheet
293Kb / 8P
   High Performance E2CMOS PLD Generic Array Logic?
26CV12 LATTICE-26CV12 Datasheet
255Kb / 17P
   High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8 Datasheet
308Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_06 Datasheet
654Kb / 24P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V811111 LATTICE-GAL16V811111 Datasheet
392Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8_06 Datasheet
582Kb / 25P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8_04 Datasheet
339Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com