Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


PALCE16V8 Datasheet(PDF) 3 Page - Lattice Semiconductor

Part No. PALCE16V8
Description  EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LATTICE [Lattice Semiconductor]
Homepage  http://www.latticesemi.com
Logo 

 
 3 page
background image
PALCE16V8 and PALCE16V8Z Families
3
Alternatively, the device can be programmed as a PALCE16V8. Here the user must use the
PALCE16V8 device code. This option allows full utilization of the macrocell.
CONFIGURATION OPTIONS
Each macrocell can be configured as one of the following: registered output, combinatorial
output, combinatorial I/O, or dedicated input. In the registered output configuration, the output
buffer is enabled by the OE pin. In the combinatorial configuration, the buffer is either controlled
by a product term or always enabled. In the dedicated input configuration, it is always disabled.
With the exception of MC0 and MC7, a macrocell configured as a dedicated input derives the
input signal from an adjacent I/O. MC0 derives its input from pin 11 (OE) and MC7 from pin 1
(CLK).
The macrocell configurations are controlled by the configuration control word. It contains 2
global bits (SG0 and SG1) and 16 local bits (SL00 through SL07 and SL10 through SL17). SG0
determines whether registers will be allowed. SG1 determines whether the PALCE16V8 will
emulate a PAL16R8 family or a PAL10H8 family device. Within each macrocell, SL0x, in
conjunction with SG1, selects the configuration of the macrocell, and SL1x sets the output as
either active low or active high for the individual macrocell.
The configuration bits work by acting as control inputs for the multiplexers in the macrocell.
There are four multiplexers: a product term input, an enable select, an output select, and a
feedback select multiplexer. SG1 and SL0x are the control signals for all four multiplexers. In
MC0 and MC7, SG0 replaces SG1 on the feedback multiplexer. This accommodates CLK being
the adjacent pin for MC7 and OE the adjacent pin for MC0.
Figure 1. PALCE16V8 Macrocell
1 1
0 X
1 0
*SG1
SG1
SL0X
DQ
Q
1 0
1 1
0 X
1 1
1 0
0 0
0 1
VCC
CLK
SL0X
OE
To
Adjacent
Macrocell
From
Adjacent
Pin
1 1
0 X
1 0
SL1X
I/OX
16493E-2
*In macrocells MC0 and MC7, SG1 is replaced by SG0 on the feedback multiplexer.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PALCE16V8EE CMOS 20-Pin Universal Programmable Array Logic 1 2 3 4 5 MoreAdvanced Micro Devices
PLV16V8Low Voltage Zero Power 20-Pin EE CMOS Universal Programmable Array Logic 1 2 3 4 5 MoreLattice Semiconductor
PALCE20V8EE CMOS 24-Pin Universal Programmable Array Logic 1 2 3 4 5 MoreLattice Semiconductor
PAL16V8EE CMOS 20 PIN UNIVERSAL PROGRAMMABLE ARRAY LOGIC 1 2 3 4 5 MoreAdvanced Micro Devices
PALCE20V8EE CMOS 24-Pin Universal Programmable Array Logic 1 2 3 4 5 MoreAdvanced Micro Devices
PAL16R820-PIN TTL PROGRAMMABLE ARRAY LOGIC 1 2 3 4 5 MoreAdvanced Micro Devices
PAL16L8B20-Pin TTL Programmable Array Logic 1 2 3 4 5 MoreAdvanced Micro Devices
TICPAL22V10Z-25CEPICE CMOS PROGRAMMABLE ARRAY LOGIC CIRCUITS 1 2 3 4 5 MoreTexas Instruments
PALCE29M16H-2524-Pin EE CMOS Programmable Array Logic 1 2 3 4 5 MoreAdvanced Micro Devices
PALCE29MA1624-Pin EE CMOS Programmable Array Logic 1 2 3 4 5 MoreAdvanced Micro Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl