Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PALCE16V8 Datasheet(PDF) 18 Page - Lattice Semiconductor

Part # PALCE16V8
Description  EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

PALCE16V8 Datasheet(HTML) 18 Page - Lattice Semiconductor

Back Button PALCE16V8 Datasheet HTML 14Page - Lattice Semiconductor PALCE16V8 Datasheet HTML 15Page - Lattice Semiconductor PALCE16V8 Datasheet HTML 16Page - Lattice Semiconductor PALCE16V8 Datasheet HTML 17Page - Lattice Semiconductor PALCE16V8 Datasheet HTML 18Page - Lattice Semiconductor PALCE16V8 Datasheet HTML 19Page - Lattice Semiconductor PALCE16V8 Datasheet HTML 20Page - Lattice Semiconductor PALCE16V8 Datasheet HTML 21Page - Lattice Semiconductor PALCE16V8 Datasheet HTML 22Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
18
PALCE16V8H-15/25 (Com’l, Ind), Q-15/25 (Com’l), Q-20/25 (Ind)
CAPACITANCE1
Note:
1. These parameters are not 100% tested, but are evaluated at initial characterization and at any time the design is modified where
capacitance may be affected.
SWITCHING CHARACTERISTICS OVER COMMERCIAL AND INDUSTRIAL
OPERATING RANGES1
Notes:
1. See “Switching Test Circuit” for test conditions.
2. These parameters are not 100% tested, but are calculated at initial characterization and at any time the design is modified where
frequency may be affected.
3. tCF is a calculated value and is not guaranteed. tCF can be found using the following equation:
tCF = 1/fMAX (internal feedback) – tS.
Parameter
Symbol
Parameter Description
Test Conditions
Typ
Unit
CIN
Input Capacitance
VIN = 2.0 V
VCC = 5.0 V, TA = 25 °C,
5
pF
COUT
Output Capacitance
VOUT = 2.0 V
f = 1 MHz
8
pF
Parameter
Symbol
Parameter Description
-15
-20
-25
Unit
Min
Max
Min
Max
Min
Max
tPD
Input or Feedback to Combinatorial Output
15
20
25
ns
tS
Setup Time from Input or Feedback to Clock
12
13
15
ns
tH
Hold Time
0
0
0
ns
tCO
Clock to Output
10
11
12
ns
tWL
Clock Width
LOW
8
10
12
ns
tWH
HIGH
8
10
12
ns
fMAX
Maximum
Frequency
(Note 2)
External Feedback
1/(tS+tCO)
45.5
41.6
37
MHz
Internal Feedback
(fCNT)
1/(tS+tCF)
(Note 3)
50
45.4
40
MHz
No Feedback
1/(tWH+tWL)
62.5
50.0
41.6
MHz
tPZX
OE to Output Enable
15
18
20
ns
tPXZ
OE to Output Disable
15
18
20
ns
tEA
Input to Output Enable Using Product Term Control
15
18
20
ns
tER
Input to Output Disable Using Product Term Control
15
18
20
ns


Similar Part No. - PALCE16V8

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
PALCE16V8 AMD-PALCE16V8 Datasheet
224Kb / 26P
   EE CMOS 20-Pin Universal Programmable Array Logic
PALCE16V8 AMD-PALCE16V8 Datasheet
3Mb / 6P
   EE CMOS 20 PIN UNIVERSAL PROGRAMMABLE ARRAY LOGIC
logo
Cypress Semiconductor
PALCE16V8 CYPRESS-PALCE16V8 Datasheet
300Kb / 13P
   Flash-Erasable Reprogrammable CMOS PAL Device
PALCE16V8-10 CYPRESS-PALCE16V8-10 Datasheet
300Kb / 13P
   Flash-Erasable Reprogrammable CMOS PAL Device
PALCE16V8-10DMB CYPRESS-PALCE16V8-10DMB Datasheet
300Kb / 13P
   Flash-Erasable Reprogrammable CMOS PAL Device
More results

Similar Description - PALCE16V8

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
PLV16V8 LATTICE-PLV16V8 Datasheet
425Kb / 22P
   Low Voltage, Zero Power 20-Pin EE CMOS Universal Programmable Array Logic
logo
Advanced Micro Devices
PAL16V8 AMD-PAL16V8 Datasheet
3Mb / 6P
   EE CMOS 20 PIN UNIVERSAL PROGRAMMABLE ARRAY LOGIC
PALCE16V8 AMD-PALCE16V8 Datasheet
224Kb / 26P
   EE CMOS 20-Pin Universal Programmable Array Logic
logo
Lattice Semiconductor
PALCE20V8 LATTICE-PALCE20V8 Datasheet
518Kb / 27P
   EE CMOS 24-Pin Universal Programmable Array Logic
logo
Advanced Micro Devices
PALCE20V8 AMD-PALCE20V8 Datasheet
235Kb / 16P
   EE CMOS 24-Pin Universal Programmable Array Logic
PALCE29MA16 AMD-PALCE29MA16 Datasheet
353Kb / 25P
   24-Pin EE CMOS Programmable Array Logic
PALCE29M16H-25 AMD-PALCE29M16H-25 Datasheet
302Kb / 22P
   24-Pin EE CMOS Programmable Array Logic
PAL16R8 AMD-PAL16R8 Datasheet
1Mb / 33P
   20-PIN TTL PROGRAMMABLE ARRAY LOGIC
PAL16L8B AMD-PAL16L8B Datasheet
271Kb / 33P
   20-Pin TTL Programmable Array Logic
logo
Lattice Semiconductor
MACH435-12 LATTICE-MACH435-12 Datasheet
254Kb / 30P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com