Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MACHLV210-12 Datasheet(PDF) 21 Page - Lattice Semiconductor

Part # MACHLV210-12
Description  High Density EE CMOS Programmable Logic
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

MACHLV210-12 Datasheet(HTML) 21 Page - Lattice Semiconductor

Back Button MACHLV210-12 Datasheet HTML 17Page - Lattice Semiconductor MACHLV210-12 Datasheet HTML 18Page - Lattice Semiconductor MACHLV210-12 Datasheet HTML 19Page - Lattice Semiconductor MACHLV210-12 Datasheet HTML 20Page - Lattice Semiconductor MACHLV210-12 Datasheet HTML 21Page - Lattice Semiconductor MACHLV210-12 Datasheet HTML 22Page - Lattice Semiconductor MACHLV210-12 Datasheet HTML 23Page - Lattice Semiconductor MACHLV210-12 Datasheet HTML 24Page - Lattice Semiconductor MACHLV210-12 Datasheet HTML 25Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
21
MACHLV210-12/15/20
ENDURANCE CHARACTERISTICS
The MACHLV210 is manufactured using our ad-
vanced Electrically Erasable process. This technology
uses an EE cell to replace the fuse link used in bipolar
parts. As a result, the device can be erased and
reprogrammed, a feature which allows 100% testing at
the factory.
Parameter
Symbol
Parameter Description
Test Conditions
Min
Unit
Max Storage
10
Years
Temperature
Max Operating
20
Years
Temperature
N
Max Reprogramming Cycles
Normal Programming
100
Cycles
Conditions
tDR
Min Pattern Data Retention Time
INPUT/OUTPUT EQUIVALENT SCHEMATICS
Program/Verify
Circuitry
Input
Output
Preload
Circuitry
17908D-9
ESD
Protection
Feedback
Input
VCC
VCC
>50 k
>50 k


Similar Part No. - MACHLV210-12

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
MACH1 LATTICE-MACH1 Datasheet
1Mb / 48P
   High-Performance EE CMOS Programmable Logic
logo
Advanced Micro Devices
MACH110-12 AMD-MACH110-12 Datasheet
198Kb / 28P
   High-Density EE CMOS Programmable Logic
logo
Lattice Semiconductor
MACH110-12 LATTICE-MACH110-12 Datasheet
191Kb / 24P
   High-Density EE CMOS Programmable Logic
MACH110-12JC LATTICE-MACH110-12JC Datasheet
191Kb / 24P
   High-Density EE CMOS Programmable Logic
logo
Advanced Micro Devices
MACH110-14 AMD-MACH110-14 Datasheet
198Kb / 28P
   High-Density EE CMOS Programmable Logic
More results

Similar Description - MACHLV210-12

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
logo
Lattice Semiconductor
MACH445-12 LATTICE-MACH445-12 Datasheet
214Kb / 28P
   High-Density EE CMOS Programmable Logic
MACH435-12 LATTICE-MACH435-12 Datasheet
254Kb / 30P
   High-Density EE CMOS Programmable Logic
MACH230-10 LATTICE-MACH230-10 Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
MACH220-10 LATTICE-MACH220-10 Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
logo
Advanced Micro Devices
MACH211SP-7 AMD-MACH211SP-7 Datasheet
251Kb / 37P
   High-Density EE CMOS Programmable Logic
logo
Lattice Semiconductor
MACH110-12 LATTICE-MACH110-12 Datasheet
191Kb / 24P
   High-Density EE CMOS Programmable Logic
MACH130-15 LATTICE-MACH130-15 Datasheet
194Kb / 24P
   High-Density EE CMOS Programmable Logic
MACH215-12 LATTICE-MACH215-12 Datasheet
245Kb / 30P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com