Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MACHLV210-12 Datasheet(PDF) 5 Page - Lattice Semiconductor

Part No. MACHLV210-12
Description  High Density EE CMOS Programmable Logic
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LATTICE [Lattice Semiconductor]
Homepage  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

MACHLV210-12 Datasheet(HTML) 5 Page - Lattice Semiconductor

  MACHLV210-12 Datasheet HTML 1Page - Lattice Semiconductor MACHLV210-12 Datasheet HTML 2Page - Lattice Semiconductor MACHLV210-12 Datasheet HTML 3Page - Lattice Semiconductor MACHLV210-12 Datasheet HTML 4Page - Lattice Semiconductor MACHLV210-12 Datasheet HTML 5Page - Lattice Semiconductor MACHLV210-12 Datasheet HTML 6Page - Lattice Semiconductor MACHLV210-12 Datasheet HTML 7Page - Lattice Semiconductor MACHLV210-12 Datasheet HTML 8Page - Lattice Semiconductor MACHLV210-12 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
MACHLV210-18/24 (Ind)
ORDERING INFORMATION
Industrial Products
Valid Combinations list configurations planned to be
supported in volume for this device. Consult your local
sales office to confirm availability of specific
valid combinations and to check on newly released
combinations.
Programmable logic products for industrial applications are available with several ordering options. The order number (Valid
Combination) is formed by a combination of:
OPERATING CONDITIONS
I
= Industrial (–40
°C to +85°C)
FAMILY TYPE
MACH = Macro Array CMOS High-Speed
SPEED
-18 = 18 ns tPD
-24 = 24 ns tPD
MACHLV210-18
MACHLV210-24
MACH
-18
J
I
Valid Combinations
Valid Combinations
OPTIONAL PROCESSING
Blank = Standard Processing
210
DEVICE NUMBER
210 = 64 Macrocells, 44 Pins, Input Pull-Up/Pull-Down
Resistors
PACKAGE TYPE
J = 44-Pin Plastic Leaded Chip
Carrier (PL 044)
JI
LV
TECHNOLOGY
LV = Low Voltage


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn