Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBL10L25 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SBL10L25
Description  Low VF Schottky Barrier Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SBL10L25 Datasheet(HTML) 3 Page - Vishay Siliconix

  SBL10L25_15 Datasheet HTML 1Page - Vishay Siliconix SBL10L25_15 Datasheet HTML 2Page - Vishay Siliconix SBL10L25_15 Datasheet HTML 3Page - Vishay Siliconix SBL10L25_15 Datasheet HTML 4Page - Vishay Siliconix SBL10L25_15 Datasheet HTML 5Page - Vishay Siliconix SBL10L25_15 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SBL10L25, SBLF10L25, SBLB10L25
www.vishay.com
Vishay General Semiconductor
Revision: 14-Jun-12
3
Document Number: 88723
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Typical Instantaneous Forward Characteristics
Fig. 3 - Typical Reverse Characteristics
Fig. 4 - Typical Junction Capacitance
Fig. 5 - Typical Transient Thermal Impedance
0
5
7.5
2.5
10
12.5
50
100
150
Case Temperature (°C)
100
10
1
0.1
0.01
0
0.1
0.3
0.6
0.7
0.2
0.4
0.5
Instantaneous Forward Voltage (V)
T
J = 100 °C
T
J = 150 °C
T
J = 125 °C
T
J = 175 °C
T
J = 25 °C
1.0
10
100
1000
0.01
0.1
20
0
100
40
60
80
T
J = 100 °C
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
Percent of Rated Peak Reverse Voltage (%)
1
100
1000
10 000
100
10
10
Reverse Voltage (V)
0.01
10
1
10
100
0.1
0.1
1
t - Pulse Duration (s)


Similar Part No. - SBL10L25_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SBL10L25-E3/45 VISHAY-SBL10L25-E3/45 Datasheet
141Kb / 5P
   Low VF Schottky Barrier Rectifier
Revision: 25-Apr-08
SBL10L25HE3/45 VISHAY-SBL10L25HE3/45 Datasheet
141Kb / 5P
   Low VF Schottky Barrier Rectifier
Revision: 25-Apr-08
SBL10L25 VISHAY-SBL10L25_08 Datasheet
141Kb / 5P
   Low VF Schottky Barrier Rectifier
Revision: 25-Apr-08
SBL10L25 VISHAY-SBL10L25_V01 Datasheet
157Kb / 5P
   Low VF Schottky Barrier Rectifier
01-Jan-2022
More results

Similar Description - SBL10L25_15

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB30100LYT PANJIT-SB30100LYT_16 Datasheet
140Kb / 4P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR24ALF PANJIT-SR24ALF Datasheet
165Kb / 5P
   LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jingheng (Group) ...
SP20U50L JINANJINGHENG-SP20U50L Datasheet
63Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR160L JINANJINGHENG-SR160L Datasheet
63Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR260L JINANJINGHENG-SR260L Datasheet
62Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR540LA JINANJINGHENG-SR540LA Datasheet
66Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR1045L JINANJINGHENG-SR1045L Datasheet
68Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR240SL JINANJINGHENG-SR240SL Datasheet
61Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR260SL JINANJINGHENG-SR260SL Datasheet
61Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR360L JINANJINGHENG-SR360L Datasheet
62Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR1045LCT JINANJINGHENG-SR1045LCT Datasheet
74Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com